Part Number Hot Search : 
U74HC32 LB1871M UCY7408 NM24W16 OP265C NE502AF DT74ALV 1005C
Product Description
Full Text Search
 

To Download AQY210EH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AQY21rEH
TESTING
GU (General Use)-E Type 1-Channel (Form A) 4-pin Type FEATURES
4.78 .188 6.4 .252 3.20.1 .126.004 4.78 .188 6.4 .252 2.9 .114
PhotoMOS RELAYS
sistance of 25 (AQY210EH). Stable operation because there are no metallic contact parts. 5. Low-level off state leakage current The SSR has an off state leakage current of several milliamperes, whereas the PhotoMOS relay has only 100 pA even with the rated load voltage of 350 V (AQY210EH).
mm inch
1 4
2
3
1. Reinforced insulation 5,000 V type More than 0.4 mm internal insulation distance between inputs and outputs. Conforms to EN41003, EN60950 (reinforced insulation). 2. Compact 4-pin DIP size The device comes in a compact (W)6.4x(L)4.78x(H)3.2mm (W).252x (L).188x(H).126inch, 4-pin DIP size. 3. Controls low-level analog signals PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 4. High sensitivity, low ON resistance Can control a maximum 0.13 A load current with a 5 mA input current. Low ON re-
TYPICAL APPLICATIONS
* Modem * Telephone equipment * Security equipment * Sensors
TYPES
Part No. Output rating* Type I/O isolation voltage Load voltage AC/DC type Reinforced 5,000 V 350 V 400 V Load current 130 mA 120 mA Through hole terminal Tube packing style AQY210EH AQY214EH AQY210EHA AQY214EHA Surface-mount terminal Tape and reel packing style Picked from the Picked from the 1/2-pin side 3/4-pin side AQY210EHAX AQY210EHAZ AQY214EHAX AQY214EHAZ Packing quantity
Tube
Tape and reel
1 tube contains 100 pcs. 1 batch contains 1,000 pcs. 1,000 pcs.
*Indicate the peak AC and DC values. Note: For space reasons, the initial letters of the product number "AQY", the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal.
RATING
1. Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Input Peak forward current Power dissipation Load voltage (peak AC) Continuous load current Output Peak load current Power dissipation Total power dissipation I/O isolation voltage Operating Temperature limits Storage Symbol IF VR IFP Pin VL IL Ipeak Pout PT Viso Topr Tstg AQY210EH (A) 50mA 3V 1A 75mW 350 V 0.13 A 0.4 A 400 V 0.12 A 0.3 A AQY214EH (A) Remarks
f =100 Hz, Duty factor = 0.1%
100 ms (1 shot), VL= DC
500mW 550mW 5,000 V AC -40C to +85C -40F to +185F -40C to +100C -40F to +212F
Non-condensing at low temperatures
113
AQY21rEH
2. Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage On resistance Output Off state leakage current Turn on time* Maximum Maximum ILeak Ton Toff Ciso Riso Typical Maximum Minimum Typical Typical Maximum Typical Ron Symbol IFon IFoff VF 18 25 1A 0.5ms 2.0ms 0.08ms 1.0ms 0.8pF 1.5pF 1,000M AQY210EH (A) AQY214EH (A) 1.2mA 3.0mA 0.4mA 1.1mA 1.14 (1.25 V at IF=50mA) 1.5V 26 35 Condition IL=Max. IL=Max. IF=5mA IF=5mA IL=Max. Within 1 s on time IF=0 VL=Max. IF=5mA IL=Max. IF=5mA IL=Max. f =1MHz VB =0 500V DC For type of connection, see page 31.
Typical Maximum Typical Turn off time* Transfer charMaximum acteristics Typical I/O capacitance Maximum Initial I/O isolaMinimum tion resistance
Note: Recommendable LED forward current IF=5 to 10mA.
*Turn on/Turn off time
Input
90% Output Ton Toff 10%
s For Dimensions, see Page 27. s For Schematic and Wiring Diagrams, see Page 31. s For Cautions for Use, see Page 36.
REFERENCE DATA
1. Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F
200
2. On resistance vs. ambient temperature characteristics
Measured portion: between terminals 3 and 4; LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
50
3. Turn on time vs. ambient temperature characteristics
Sample: All types LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
2.5
Load current, mA
150 AQY210EH AQY214EH
On resistance,
30
AQY214EH
Turn on time, ms
40
2
1.5
100
20
AQY210EH
1
50 10 0.5
0 -40 -20
0
20 40 60 80 100 85 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
114
AQY21rEH
4. Turn off time vs. ambient temperature characteristics
Sample: All types; LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.25 LED operate current, mA
5. LED operate current vs. ambient temperature characteristics
Sample: All types; Load voltage: Max. (DC); Continuous load current: Max. (DC)
5
6. LED turn off current vs. ambient temperature characteristics
Sample: All types; Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED turn off current, mA
Turn off time, ms
0.2
4
4
0.15
3
3
0.1
2
2
0.05
1
1
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
-40
-20
0
20
40
60
8085
0
-40
-20
Ambient temperature, C
0 20 40 60 8085 Ambient temperature, C
7. LED dropout voltage vs. ambient temperature characteristics
Sample: All types; LED current: 5 to 50 mA
1.5 LED dropout voltage, V 1.4 1.3 1.2 1.1 1.0 0 50mA 30mA 20mA 10mA 5mA
8. Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 3 and 4; Ambient temperature: 25C 77F
140 120 100 80 60 40 20 -5 -4 -3 -2 -1 Current, mA AQY210EH
9. Off state leakage current
Measured portion: between terminals 3 and 4; Ambient temperature: 25C 77F
Off state leakage current, A
10-3
AQY214EH
10-6
-40
-20
0
20 40 60 8085 Ambient temperature, C
12345 -20 Voltage, V -40 -60 -80 -100 -120 -140
10-9
AQY214EH AQY210EH
10-12 0 20 60 40 80 Load voltage, V 100
10. LED forward current vs. turn on time characteristics
Sample: All types Measured portion: between terminals 3 and 4; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
3 2.5
11. LED forward current vs. turn off time characteristics
Sample: All types Measured portion: between terminals 3 and 4; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.2
12. Applied voltage vs. output capacitance characteristics
Sample: All types Measured portion: between terminals 3 and 4; Frequency: 1 MHz; Ambient temperature: 25C 77F
50 Output capacitance, pF
Turn off time, ms
40
0.15
Turn on time, ms
2 1.5 1
30
0.1
20
0.05 0.5 0 0 0 10 20 30 40 50 LED forward current, mA 60
10
0
10
20 30 40 50 LED forward current, mA
60
0
0
10
20 30 40 Applied voltage, V
50
5/7/2001
All Rights Reserved, (c) Copyright Matsushita Electric Works, 115 Ltd. Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQY210EH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X