Part Number Hot Search : 
B90F3 R65C51P1 SIP100 M1628 BM4002P T351513 FM850 LB1862M
Product Description
Full Text Search
 

To Download AD8150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Low Cost 33 17, Fully Differential, Nonblocking Array >1.5 Gbps per Port NRZ Data Rate Wide Power Supply Range: +5 V, +3.3 V, -3.3 V, -5 V Low Power 400 mA (Outputs Enabled) 30 mA (Outputs Disabled) PECL and ECL Compatible CMOS/TTL-Level Control Inputs: 3 V to 5 V Low Jitter: <50 ps p-p No Heat Sinks Required Drives a Backplane Directly Programmable Output Current Optimize Termination Impedance User-Controlled Voltage at the Load Minimize Power Dissipation Individual Output Disable for Busing and Building Larger Arrays Double Row Latch Buffered Inputs Available in 184-Lead LQFP APPLICATIONS HD and SD Digital Video Fiber Optic Network Switching PRODUCT DESCRIPTION
CS RE D 7
stream 33
17, 1.5 Gbps Digital Crosspoint Switch AD8150*
FUNCTIONAL BLOCK DIAGRAM
INP INN
33
33
INPUT DECODERS
A
5
WE
OUTPUT ADDRESS DECODER
FIRST RANK 17 7-BIT LATCH
SECOND RANK 17 7-BIT LATCH
17 OUTP 33 17 DIFFERENTIAL SWITCH 17 MATRIX OUTN
UPDATE RESET
AD8150
AD8150 is a member of the X stream line of products and is a breakthrough in digital switching, offering a large switch array (33 x 17) on very little power, typically less than 1.5 W. Additionally, it operates at data rates in excess of 1.5 Gbps per port, making it suitable for HDTV applications. Further, the pricing of the AD8150 makes it affordable enough to be used for SD applications as well. The AD8150 is also useful for OC-24 optical network switching. The AD8150's flexible supply voltages allow the user to operate with either PECL or ECL data levels and will operate down to 3.3 V for further power reduction. The control interface is CMOS/ TTL compatible (3 V to 5 V). Its fully differential signal path reduces jitter and crosstalk while allowing the use of smaller single-ended voltage swings. The AD8150 is offered in a 184-lead LQFP package that operates over the industrial temperature range of 0C to 85C.
500mV
100mV /DIV
-500mV 100ps/DIV
Figure 1. Output Eye Pattern, 1.5 Gbps
*Patent Pending. X stream is a trademark of Analog Devices, Inc.
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
AD8150-SPECIFICATIONS otherwise noted)
Parameter DYNAMIC PERFORMANCE Max Data Rate/Channel (NRZ) Channel Jitter RMS Channel Jitter Propagation Delay Propagation Delay Match Output Rise/Fall Time INPUT CHARACTERISTICS Input Voltage Swing Input Voltage Range Input Bias Current Input Capacitance Input VIN High Input VIN Low OUTPUT CHARACTERISTICS Output Voltage Swing Output Voltage Range Output Current Output Capacitance POWER SUPPLY Operating Range PECL, VCC ECL, VEE VDD VSS Quiescent Current VDD VEE Conditions Data Rate < 1.5 Gbps VCC = 5 V Input to Output 20% to 80% Differential Common-Mode
(@ 25 C, VCC = 3.3 V to 5 V, VEE = 0 V, RL = 50
Min 1.5
(see Figure 22), IOUT = 16 mA, unless
Typ Max Unit Gbps ps p-p ps ps ps ps mV p-p V A pF V V mV p-p V mA pF
50 10 650 50 100 200 VCC - 2 2 2 VCC - 1.2 VCC - 2.4
100
1000 VCC VCC - 0.2 VCC - 1.4 800
Differential (See Figure 22) VCC - 1.8 5
VCC 25 2
VEE = 0 V VCC = 0 V
3.3 -5 3 0 2 400
5 -3.3 5
V V V V mA mA mA mA C C/W V V
All Outputs Enabled, IOUT = 16 mA TMIN to TMAX All Outputs Disabled 0
450 30 85 30
THERMAL CHARACTERISTICS Operating Temperature Range JA LOGIC INPUT CHARACTERISTICS Input VIN High Input VIN Low VDD = 3 V dc to 5 V dc
1.9 0
VDD 0.9
-2-
REV. 0
AD8150
ABSOLUTE MAXIMUM RATINGS 1 MAXIMUM POWER DISSIPATION
Supply Voltage VDD - VEE . . . . . . . . . . . . . . . . . . . . . . . 10.5 V Internal Power Dissipation2 AD8150 184-Lead Plastic LQFP (ST) . . . . . . . . . . . . . 4.2 W Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . VCC - VEE Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves Storage Temperature Range . . . . . . . . . . . . . -65C to +125C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Specification is for device in free air (T A = 25C): 184-lead plastic LQFP (ST): JA = 30C/W.
The maximum power that can be safely dissipated by the AD8150 is limited by the associated rise in junction temperature. The maximum safe junction temperature for plastic encapsulated devices is determined by the glass transition temperature of the plastic, approximately 150C. Temporarily exceeding this limit may cause a shift in parametric performance due to a change in the stresses exerted on the die by the package. Exceeding a junction temperature of 175C for an extended period can result in device failure. While the AD8150 is internally short circuit protected, this may not be sufficient to guarantee that the maximum junction temperature (150C) is not exceeded under all conditions. To ensure proper operation, it is necessary to observe the maximum power derating curves shown in Figure 2.
6.0 TJ = 150 C
MAXIMUM POWER DISSIPATION - Watts
5.0
4.0
3.0
2.0
1.0 -10
0
10
20 30 40 50 60 AMBIENT TEMPERATURE - C
70
80
90
Figure 2. Maximum Power Dissipation vs. Temperature
ORDERING GUIDE Temperature Range 0C to 85C Package Description 184-Lead Plastic LQFP (20 mm x 20 mm) Evaluation Board Package Option ST-184
Model AD8150AST AD8150-EVAL
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8150 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. 0
-3-
AD8150
VEE IN20P IN20N VEE IN21P IN21N VEE IN22P IN22N VEE IN23P IN23N VEE IN24P IN24N VEE IN25P IN25N VEE IN26P IN26N VEE IN27P IN27N VEE IN28P IN28N VEE IN29P IN29N VEE IN30P IN30N VEE IN31P IN31N VEE IN32P IN32N VEE VCC VEE OUT16N OUT16P VEEA16 VEE
9 8 7 5 6 2 1 3 4 19 18 17 16 14 15 12 13 11 10 30 46 45 36
47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 184 VEE 183 IN19N 182 IN19P 181 VEE 180 IN18N 179 IN18P 178 VEE 177 IN17N 176 IN17P 175 VEE 174 IN16N 173 IN16P 172 VEE 171 VCC 170 VDD 169 RESET 168 CS 167 RE 166 WE 165 UPDATE 164 A0 163 A1 162 A2 161 A3 160 A4 159 D0 158 D1 157 D2 156 D3 155 D4 154 D5 153 D6 152 VSS 151 REF 150 VEEREF 149 VCC 148 VEE 147 IN15N 146 IN15P 145 VEE 144 IN14N 143 IN14P 142 VEE 141 IN13N 140 IN13P 139 VEE
44 PIN 1 IDENTIFIER
43
42
41
40
38 39
37
35
34
33
31 32
29
28
26 27
25
24
23
21 22
20
AD8150
184L LQFP
PIN CONFIGURATION
TOP VIEW (Not to Scale)
-4-
100 101 102 103 105 104 107 106 108 109 110 111 112 113 114 116 115 117 118 120 119 93 94 97 96 95 98 99
VEE OUT15N OUT15P VEEA15 OUT14N OUT14P VEEA14 OUT13N OUT13P VEEA13 OUT12N OUT12P VEEA12 OUT11N OUT11P VEEA11 OUT10N OUT10P VEEA10 OUT09N OUT09P VEEA9 OUT08N OUT08P VEEA8 OUT07N OUT07P VEEA7 OUT06N OUT06P VEEA6 OUT05N OUT05P VEEA5 OUT04N OUT04P VEEA4 OUT03N OUT03P VEEA3 OUT02N OUT02P VEEA2 OUT01N OUT01P VEEA1
125 122 121 123 124 127 126 129 128 130 131 132 133 135 134 136 137 138
VEE IN12N IN12P VEE IN11N IN11P VEE IN10N IN10P VEE IN09N IN09P VEE IN08N IN08P VEE IN07N IN07P VEE IN06N IN06P VEE IN05N IN05P VEE IN04N IN04P VEE IN03N IN03P VEE IN02N IN02P VEE IN01N IN01P VEE IN00N IN00P VEE VCC VEEA0 OUT00P OUT00N VEE VEE
REV. 0
AD8150
PIN FUNCTION DESCRIPTIONS
Pin No. 1, 4, 7, 10, 13, 16, 19, 22, 25, 28, 31, 34, 37, 40, 42, 46, 47, 92, 93, 99, 102, 105, 108, 111, 114, 117, 120, 123, 126, 129, 132, 135, 138, 139, 142, 145, 148, 172, 175, 178, 181, 184 2 3 5 6 8 9 11 12 14 15 17 18 20 21 23 24 26 27 29 30 32 33 35 36 38 39 41, 98, 149, 171 43 44 45 48 49 50 51 52 53 54 55 56 57 58 59 60 61 REV. 0
Signal VEE
Type Power Supply
Description Most Negative PECL Supply (Common with Other Points Labeled VEE)
IN20P IN20N IN21P IN21N IN22P IN22N IN23P IN23N IN24P IN24N IN25P IN25N IN26P IN26N IN27P IN27N IN28P IN28N IN29P IN29N IN30P IN30N IN31P IN31N IN32P IN32N VCC OUT16N OUT16P VEEA16 OUT15N OUT15P VEEA15 OUT14N OUT14P VEEA14 OUT13N OUT13P VEEA13 OUT12N OUT12P VEEA12 OUT11N OUT11P
PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL -5-
High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement Most Positive PECL Supply (Common with Other Points Labeled VCC) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to This Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output
AD8150
Pin No. 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 94 95 96 97 100 101 103 104 106 107 109 110 112 113 115 116 118 119 121 122 Signal VEEA11 OUT10N OUT10P VEEA10 OUT09N OUT09P VEEA9 OUT08N OUT08P VEEA8 OUT07N OUT07P VEEA7 OUT06N OUT06P VEEA6 OUT05N OUT05P VEEA5 OUT04N OUT04P VEEA4 OUT03N OUT03P VEEA3 OUT02N OUT02P VEEA2 OUT01N OUT01P VEEA1 OUT00N OUT00P VEEA0 IN00P IN00N IN01P IN01N IN02P IN02N IN03P IN03N IN04P IN04N IN05P IN05N IN06P IN06N IN07P IN07N Type Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL Power Supply PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL Description Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Output Complement High-Speed Output Most Negative PECL Supply (Unique to this Output) High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement
-6-
REV. 0
AD8150
Pin No. 124 125 127 128 130 131 133 134 136 137 140 141 143 144 146 147 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 173 174 176 177 179 180 182 183 Signal IN08P IN08N IN09P IN09N IN10P IN10N IN11P IN11N IN12P IN12N IN13P IN13N IN14P IN14N IN15P IN15N VEEREF REF VSS D6 D5 D4 D3 D2 D1 D0 A4 A3 A2 A1 A0 UPDATE WE RE CS RESET VDD IN16P IN16N IN17P IN17N IN18P IN18N IN19P IN19N Type PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL PECL R-Program R-Program Power Supply TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL Power Supply PECL PECL PECL PECL PECL PECL PECL PECL Description High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement Connection Point for Output Logic Pull-Down Programming Resistor (Must be Connected to VEE) Connection Point for Output Logic Pull-Down Programming Resistor Most Negative Control Logic Supply Enable/Disable Output (32) MSB Input Select (16) (8) (4) (2) (1) LSB Input Select (16) MSB Output Select (8) (4) (2) (1) LSB Output Select Second Rank Program First Rank Program Enable Readback Enable Chip to Accept Programming Disable All Outputs (Hi-Z) Most Positive Control Logic Supply High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement High-Speed Input High-Speed Input Complement
REV. 0
-7-
AD8150-Typical Performance Characteristics
100 VEE = -3.3V (VOH - VOL = 800mV) 80 80 100 VEE = -5V (VOH - VOL = 800mV)
JITTER - ps
60
JITTER - ps
60 PK-PK 40
PK-PK 40
20 RMS 0
20 RMS 0
0
-0.2
-0.4
-0.6 -0.8 VOH - Volts
-1.0
-1.2
-1.4
0
-0.2
-0.4
-0.6 -0.8 VOH - Volts
-1.0
-1.2
-1.4
Figure 3. Jitter vs. VOH 1.5 Gbps, PRBS 23
Figure 6. Jitter vs. VOH 1.5 Gbps, PRBS 23
100 VEE = -3.3V (VIH - VIL = 800mV) 80
100 VEE = -5V (VIH - VIL = 800mV) 80
JITTER - ps
60 PK-PK 40
JITTER - ps
60 PK-PK 40
20 RMS 0 -2.0
20 RMS 0.0 0.5 0 -2.0 -1.5 -1.0 -0.5 VIH - Volts 0.0 0.5
-1.5
-1.0 -0.5 VIH - Volts
Figure 4. Jitter vs. VIH 1.5 Gbps, PRBS 23
Figure 7. Jitter vs. VIH 1.5 Gbps, PRBS 23
100 VEE = -3.3V 80
100 VEE = -5V 80
JITTER - ps
60
JITTER - ps
60
40 PK-PK
40
PK-PK
20 RMS 0 0.1 0.3 0.5 0.7 0.9 DATA RATE - Gbps 1.1 1.3 1.5
20 RMS 0 0.1 0.3 0.5 0.7 0.9 DATA RATE - Gbps 1.1 1.3 1.5
Figure 5. Jitter vs. Data Rate, PRBS 23
Figure 8. Jitter vs. Data Rate, PRBS 23
-8-
REV. 0
AD8150
100 VEE = -3.3V 80 80 100 VEE = -5V
JITTER - ps
JITTER - ps
60 PK-PK 40
60 PK-PK 40
20 RMS 0 0 5 10 IOUT - mA 15 20 25
20 RMS 0 0 5 10 IOUT - mA 15 20 25
Figure 9. Jitter vs. IOUT 1.5 Gbps, PRBS 23
Figure 12. Jitter vs. IOUT 1.5 Gbps, PRBS 23
100 VEE = -3.3V 80
100 VEE = -5V 80
JITTER - ps
JITTER - ps
60 PK-PK 40
60 PK-PK 40
20 RMS 0 -25
20 RMS 0 -25
0
25 50 75 TEMPERATURE - C
100
125
0
50 75 25 TEMPERATURE - C
100
125
Figure 10. Jitter vs. Temperature 1.5 Gbps, PRBS 23
Figure 13. Jitter vs. Temperature 1.5 Gbps, PRBS 23
100
100
80
VOLTAGE (INNER EYE) TIME DOMAIN
80
VOLTAGE (INNER EYE) TIME DOMAIN
PERCENT
VEE = -3.3V 40 223-1 PSEUDO-RANDOM BIT STREAM, ERROR-FREE AREA ERROR-FREE PERCENTAGE VALUE WAS COMPUTED USING THE FOLLOWING FORMULA: (DATA_PERIOD - PPJITTER) 100 / DATA_PERIOD TIME DOMAIN VINNER 100 / VINNER @500Mbps VOLTAGE (INNER EYE) 0 500 1000 1500
PERCENT
60
60 VEE = -5V 40 223-1 PSEUDO-RANDOM BIT STREAM, ERROR-FREE AREA ERROR-FREE PERCENTAGE VALUE WAS COMPUTED USING THE FOLLOWING FORMULA: (DATA_PERIOD - PPJITTER) 100 / DATA_PERIOD TIME DOMAIN VINNER 100 / VINNER @500Mbps VOLTAGE (INNER EYE) 0 1000 500 DATA RATE - Mbps 1500
20
20
0
0
DATA RATE - Mbps
Figure 11. AC Performance
Figure 14. AC Performance
REV. 0
-9-
AD8150
100 150 80 100
60
PROPAGATION DELAY - ps
580 600 620 640 660 DELAY - ps 680 700 710
FREQUENCY
50
40
0
20
-50
0 560
-100 -25
0
25 50 TEMPERATURE - C
75
100
Figure 15. Variation in Channel-to-Channel Delay, All 561 Points
Figure 18. Propagation Delay, Normalized at 25C vs. Temperature
17.0
100
16.5
80
IOUT - mA
16.0
JITTER - ps
60 PK-PK 40
15.5
15.0
20 RMS
14.5 -3.3
-3.6
-3.9 -4.2 VEE - Volts
-4.7
-5.0
0 3.0
3.5 4.0 4.5 SUPPLY VOLTAGE - VCC, VEE
5.0
Figure 16. IOUT vs. Supply, VEE
Figure 19. Jitter vs. Supply, 1.5 Gbps, PRBS 23
+1V 95.55 RISE 96.32 FALL 20% PROXIMAL 80% DISTAL
+1V 87.11 RISE 87.36 FALL 20% PROXIMAL 80% DISTAL
200mV/DIV
-1V 200ps/DIV
200mV/DIV
-1V 200ps/DIV
Figure 17. Rise/Fall Times, VEE = -3.3 V
Figure 20. Rise/Fall Times, VEE = -5 V
-10-
REV. 0
AD8150
+500mV
+500mV
100mV/DIV
-500mV 200ps/DIV
100mV/DIV
-500mV 100ps/DIV
Figure 21. Eye Pattern, VEE = -3.3 V, 1.5 Gbps PRBS 23
Figure 23. Eye Pattern, VEE = -5 V, 1.5 Gbps PRBS 23
VCC
VCC
VTT RL = 50 TEKTRONIX 11801B 50
1.65k HP8133A PRBS GENERATOR p 105
AD8150
p OUT n RL = 50 VTT IN n
SD22 SAMPLING HEAD 50
1.65k VEE
VEE
VCC = 0V, VEE = -3.3V OR -5V, VTT = -1.6V RSET = 1.54k , IOUT = 16mA, VOH = -0.8V, VOL = -1.8V INTRINSIC JITTER OF HP8133A AND TEKTRONIX 11801B = 3ps RMS, 17ps PK-PK
Figure 22. Eye Pattern Test Circuit
REV. 0
-11-
AD8150
Control Interface Truth Tables
The following are truth tables for the control interface.
Table I. Basic Control Functions
Reset 0 1 1 1 1 1
CS X 1 0 0 0 0
Control Pins WE RE X X 0 X X 0 X X X 0 X 1
Update X X X X 0 0
Function Global Reset. Reset all second rank enable bits to zero (disable all outputs). Control Disable. Ignore all logic (but the signal matrix still functions as programmed). D[6:0] are high-impedance. Single Output Preprogram. Write input configuration data from data bus D[6:0]. into first rank of latches for the output selected by the output address bus A[4:0]. Single Output Readback. Readback input configuration data from second rank of latches onto data bus D[6:0] for the single output selected by the output address bus A[4:0]. Global Update. Copy input configuration data from all 17 first rank latches into second rank of latches, updating signal matrix connections for all outputs. Transparent Write and Update. It is possible to write data directly onto rank two. This simplifies logic when synchronous signal matrix updating is not necessary.
Table II. Address/Data Examples
Output Address Pins MSB-LSB A4 0 1 A3 0 0 A2 0 0 A1 0 0 A0 0 0
Enable Bit D6/E X X 1 D5 0 1
Input Address Pins MSB-LSB D4 0 0 D3 0 0 D2 0 0 D1 0 0 D0 0 0 Function Lower Address/Data Range. Connect Output #00 (A[4:0] = 00000) to Input #00 (D[5:0] = 000000). Upper Address/Data Range. Connect Output #16 (A[4:0] = 10000) to Input #32 (D[5:0] = 100000). Enable Output. Connect Selected Output (A[4:0] = 0 to 16) to Designated Input (D[5:0] = 0 to 32) and Enable Output (D6 = 1). X Disable Output. Disable Specified Output (D6 = 0). Broadcast Connection. Connect all 17 outputs to same designated input and set all 17 enable bits to the value of D6. Readback is not possible with the broadcast address. 1 Reserved. Any address or data code greater or equal to these are reserved for future expansion or factory testing.


1 0 0 0 1
0 X
X
X
X
X
X

1
0
0
1
0
X
1
0
0
0
0
*The binary output number may also be the broadcast connection designator, 10001X.
-12-
REV. 0
AD8150
Control Interface Timing Diagrams
CS INPUT
WE INPUT
A[4:0] INPUTS
D[6:0] INPUTS
tCSW tASW tWP tDSW tAHW
tCHW
tDHW
Figure 25. First Rank Write Cycle
Table III. First Rank Write Cycle
Symbol tCSW tASW tDSW tCHW tAHW tDHW tWP Setup Time
Parameter Chip Select to Write Enable Address to Write Enable Data to Write Enable Chip Select from Write Enable Address from Write Enable Data from Write Enable
Conditions TA = 25C VDD = 5 V VCC = 5 V
Min 0 0 15 0 0 0 15
Typ
Max
Unit ns ns ns ns ns ns ns
Hold Time
Width of Write Enable Pulse
CS INPUT
UPDATE INPUT ENABLING OUT[0:16][N:P] OUTPUTS TOGGLE OUT[0:16][N:P] OUTPUTS DISABLING OUT[0:16][N:P] OUTPUTS
DATA FROM RANK 1
PREVIOUS RANK 2 DATA
DATA FROM RANK 1
DATA FROM RANK 2
tCSU tUOE tUOD tUOT
tUW
tCHU
Figure 26. Second Rank Update Cycle
Table IV. Second Rank Update Cycle
Symbol tCSU tCHU tUOE tUOT tUOD tUW
Parameter Setup Time Hold Time Output Enable Times Output Toggle Times Output Disable Times Width of Update Pulse Chip Select to Update Chip Select from Update Update to Output Enable Update to Output Reprogram Update to Output Disabled
Conditions TA = 25C VDD = 5 V VCC = 5 V
Min 0 0
Typ
Max
Unit ns ns ns ns ns ns
25 25 25 15
40 40 30
REV. 0
-13-
AD8150
CS INPUT UPDATE INPUT
WE INPUT ENABLING OUT[0:16][N:P] OUTPUTS DISABLING OUT[0:16][N:P] OUTPUTS INPUT {DATA 0}
INPUT {DATA 1}
INPUT {DATA 2}
INPUT {DATA 1}
tCSU tUOT tUOE
tUW
tCHU tWOT tWOD tWHU
Figure 27. First Rank Write Cycle and Second Rank Update Cycle
Table V. First Rank Write Cycle and Second Rank Update Cycle
Symbol tCSU tCHU tUOE tWOE* tUOT tWOT tUOD* tWOD tWHU tUW
*Not Shown.
Parameter Setup Time Hold Time Output Enable Times Output Toggle Times Output Disable Times Setup Time Width of Update Pulse Chip Select to Update Chip Select from Update Update to Output Enable Write Enable to Output Enable Update to Output Reprogram Write Enable to Output Reprogram Update to Output Disabled Write Enable to Output Disabled Write Enable to Update
Conditions TA = 25C VDD = 5 V VCC = 5 V
Min 0 0
Typ
Max
Unit ns ns
25 25 25 25 25 25 10 15
40 40 30 30 30 30
ns ns ns ns ns ns ns ns
CS INPUT
RE INPUT A[4:0] INPUTS
ADDR 1
ADDR 2
D[6:0] OUTPUTS
DATA {ADDR1}
DATA {ADDR2}
tCSR tRDE tAA tRHA
tCHR
tRDD
Figure 28. Second Rank Readback Cycle
Table VI. Second Rank Readback Cycle
Symbol tCSR tCHR tRHA tRDE tAA tRDD Setup Time Hold Time Enable Time Access Time Release Time
Parameter Chip Select to Read Enable Chip Select from Read Enable Address from Read Enable Data from Read Enable Data from Address Data from Read Enable
Conditions TA = 25C VDD = 5 V VCC = 5 V 10 k 20 pF on D[6:0] Bus
Min 0 0 5
Typ
Max
Unit ns ns ns
15 15 15
30
ns ns ns
-14-
REV. 0
AD8150
RESET INPUT DISABLING OUT[0:16][N:P] OUTPUTS
tTOD tTW
Figure 29. Asynchronous Reset
Table VII. Asynchronous Reset
Symbol tTOD tTW
Parameter Disable Time Width of Reset Pulse Output Disable from Reset
Conditions TA = 25C VDD = 5 V VCC = 5 V
Min 15
Typ 25
Max 30
Unit ns ns
Control Interface Programming Example
The following conservative pattern connects all outputs to input number 7, except output 16 which is connected to input number 32. The vector clock period, T0 is 15 ns. It is possible to accelerate the execution of this pattern by deleting vectors 1, 4, 7, and 9.
Table VIII. Basic Test Pattern
Vector No. 0 1 2 3 4 5 6 7 8 9 10
Reset 0 1 1 1 1 1 1 1 1 1 1
CS 1 1 0 0 0 0 0 0 0 0 1
WE 1 1 1 0 1 1 0 1 1 1 1
RE 1 1 1 1 1 1 1 1 1 1 1
Update 1 1 1 1 1 1 1 1 0 1 1
A[4:0] xxxxx xxxxx 10001 10001 10001 10000 10000 10000 xxxxx xxxxx xxxxx
D[6:0] xxxxxxx xxxxxxx 1000111 1000111 1000111 1100000 1100000 1100000 xxxxxxx xxxxxxx xxxxxxx
Comments Disable All Outputs All Outputs to Input #07 Write to First Rank Output #16 to Input #32 Write to First Rank Transfer to Second Rank Disable Interface
REV. 0
-15-
AD8150
7
UPDATE RESET
7 7 D[0:6] 7
7 7 7
0 1 2
0 1 2
7 7 7
TO 17 33 SWITCH MATRIX 33 7
7 7 33 33
CONTROL PIN DESCRIPTION A[4:0] Inputs
Output address pins. The binary encoded address applied to these five input pins determines which one of the seventeen outputs is being programmed (or being read back). The most significant bit is A4.
D[6:0] Inputs/Outputs
7
7
16 RANK 1
16 RANK 2
7
7
33
17 ROWS OF 7-BIT LATCHES
1 OF 33 DECODERS
WE
Input configuration data pins. In write mode, the binary encoded data applied to pins D[6:0] determine which one of 33 inputs is to be connected to the output specified with the A[4:0] pins. The most significant bit is D5, and the least significant bit is D0. Bit D6 is the enable bit, setting the specified output signal pair to an enabled state if D6 is logic HIGH, or disabled to a high-impedance state if D6 is logic LOW. In readback mode, pins D[6:0] are low-impedance outputs indicating the data word stored in the second rank for the output specified with the A[4:0] pins. The readback drivers were designed to drive high impedances only, so external drivers connected to the D[6:0] should be disabled during readback mode.
1 OF 17 DECODERS A[0:4] RE
WE Input
Figure 30. Control Interface (Simplified Schematic)
AD8150 CONTROL INTERFACE
The AD8150 control interface receives and stores the desired connection matrix for the 33 input and 17 output signal pairs. The interface consists of 17 rows of double-rank 7-bit latches, one row for each output. The 7-bit data word stored in each of these latches indicates to which (if any) of the 33 inputs the output will be connected. One output at a time can be preprogrammed by addressing the output and writing the desired connection data into the first rank of latches. This process can be repeated until each of the desired output changes has been preprogrammed. All output connections can then be programmed at once by passing the data from the first rank of latches into the second rank. The output connections always reflect the data programmed into the second rank of latches, and do not change until the first rank of data is passed into the second rank. If necessary for system verification, the data in the second rank of latches can be read back from the control interface. At any time, a reset pulse can be applied to the control interface to globally reset the appropriate second rank data bits, disabling all 17 signal output pairs. This feature can be used to avoid output bus contention on system start-up. The contents of the first rank remain unchanged. The control interface pins are connected via logic-level translators. These translators allow programming and readback of the control interface using logic levels different from those in the signal matrix. In order to facilitate multiple chip address decoding, there is a chip-select pin. All logic signals except the reset pulse are ignored unless the chip select pin is active. The chip select pin disables only the control logic interface, and does not change the operation of the signal matrix. The chip select pin does not power down any of the latches, so any data programmed in the latches is preserved. All control pins are level-sensitive, not edge-triggered.
First Rank Write Enable. Forcing this pin to logic LOW allows the data on pins D[6:0] to be stored in the first rank latch for the output specified by pins A[4:0]. The WE pin must be returned to a logic HIGH state after a write cycle to avoid overwriting the first rank data.
UPDATE Input
Second Rank Write Enable. Forcing this pin to logic LOW allows the data stored in all 17 first rank latches to be transferred to the second rank latches. The signal connection matrix will be reprogrammed when the second rank data is changed. This is a global pin, transferring all 17 rows of data at once. It is not necessary to program the address pins. It should be noted that after initial power-up of the device, the first rank data is undefined. It may be desirable to preprogram all seventeen outputs before performing the first update cycle.
RE Input
Second Rank Read-Enable. Forcing this pin to logic LOW enables the output drivers on the bidirectional D[6:0] pins, entering the readback mode of operation. By selecting an output address with the A[4:0] pins and forcing RE to logic LOW, the 7-bit data stored in the second rank latch for that output address will be written to D[6:0] pins. Data should not be written to the D[6:0] pins externally while in readback mode. The RE and WE pins are not exclusive, and may be used at the same time, but data should not be written to the D[6:0] pins from external sources while in readback mode.
CS Input
Chip-Select. This pin must be forced to logic LOW in order to program or receive data from the logic interface, with the exception of the RESET pin, described below. This pin has no effect on the signal pairs and does not alter any of the stored control data.
RESET Input
Global Output Disable Pin. Forcing the RESET pin to logic LOW will reset the enable bit, D6, in all 17 second rank latches, regardless of the state of any other pins. This has the effect of immediately disabling the 17 output signal pairs in the
-16-
REV. 0
AD8150
matrix. It is useful to momentarily hold RESET at a logic LOW state when powering up the AD8150 in a system that has multiple output signal pairs connected together. Failure to do this may result in several signal outputs contending after power-up. The reset pin is not gated by the state of the chip-select pin, CS. It should be noted that the RESET pin does not program the first rank, which will contain undefined data after power-up.
CONTROL INTERFACE TRANSLATORS
The AD8150 control interface has two supply pins, VDD and VSS. The potential between the positive logic supply VDD and the negative logic supply VSS must be at least 3 V and no more than 5 V. Regardless of supply, the logic threshold is approximately 1.6 V above VSS, allowing the interface to be used with most CMOS and TTL logic drivers. The signal matrix supplies, VCC and VEE, can be set independent of the voltage on VDD and VSS, with the constraints that (VDD-VEE) 10 V. These constraints will allow operation of the control interface on 3 V or 5 V while the signal matrix is operated on 3.3 V or 5 V PECL, or -3.3 V or -5 V ECL.
CIRCUIT DESCRIPTION
In order to maintain signal fidelity at the high data rates supported by the AD8150, the input transmission lines should be terminated as close to the input pins as possible. The preferred input termination structure will depend primarily on the application and the output circuit of the data source. Standard ECL components have open emitter outputs that require pull-down resistors. Three input termination networks suitable for this type of source are shown in Figure 32. The characteristic impedance of the transmission line is shown as ZO. The resistors, R1 and R2, in the Thevenin termination are chosen to synthesize a VTT source with an output resistance of ZO and an open-circuit output voltage equal to VCC - 2 V. The load resistors (RL) in the differential termination scheme are needed to bias the emitter followers of the ECL source.
VCC VCC VCC - 2V ZO R1 ZO R2 VEE R2 R1 INxxN INxxP
ZO ZO ZO
INxxN INxxP ZO
ECL SOURCE
ECL SOURCE
The AD8150 is a high-speed 33 x 17 differential crosspoint switch designed for data rates up to 1.5 Gbps per channel. The AD8150 supports PECL-compatible input and output levels when operated from a 5 V supply (VCC = 5 V, VEE = GND) or ECL-compatible levels when operated from a -5 V supply (VCC = GND, VEE = -5 V). To save power, the AD8150 can run from a 3.3 V supply to interface with low-voltage PECL circuits or a -3.3 V supply to interface with low-voltage ECL circuits. The AD8150 utilizes differential current mode outputs with individual disable control, which facilitates busing together the outputs of multiple AD8150s to assemble larger switch arrays. This feature also reduces system crosstalk and can greatly reduce power dissipation in a large switch array. A single external resistor programs the current for all enabled output stages, allowing for user control over output levels with different output termination schemes and transmission line characteristic impedances.
High-Speed Data Inputs (INxxP, INxxN)
VTT = VCG2V
(a)
VCC
(b)
ZO ZO RL VEE RL 2ZO
INxxN INxxP
ECL SOURCE
(c)
Figure 32. AD8150 Input Termination from ECL/PECL Sources: a) Parallel Termination Using VTT Supply, b) Thevenin Equivalent Termination, c) Differential Termination
If the AD8150 is driven from a current mode output stage such as another AD8150, the input termination should be chosen to accommodate that type of source, as explained in the following section.
High-Speed Data Outputs (OUTyyP, OUTyyN)
The AD8150 has 33 pairs of differential voltage-mode inputs. The common-mode input range extends from the positive supply voltage (VCC) down to include standard ECL or PECL input levels (VCC - 2 V). The minimum differential input voltage is less than 300 mV. Unused inputs may be connected directly to any level within the allowed common-mode input range. A simplified schematic of the input circuit is shown in Figure 31.
VCC
INxxP
INxxN
The AD8150 has 17 pairs of differential current-mode outputs. The output circuit, shown in Figure 33, is an open-collector NPN current switch with resistor-programmable tail current and output compliance extending from the positive supply voltage (VCC) down to standard ECL or PECL output levels (VCC - 2 V). The outputs may be disabled individually to permit outputs from multiple AD8150's to be connected directly. Since the output currents of multiple enabled output stages connected in this way sum, care should be taken to ensure that the output compliance limit is not exceeded at any time; this can be achieved by disabling the active output driver before enabling any inactive driver.
VEE
Figure 31. Simplified Input Circuit
REV. 0
-17-
AD8150
VCC OUTyyP VCC - 2V OUTyyN
VCOM VCC RCOM
AD8150
OUTyyN OUTyyP
RL
RL
AD8150
OUTyyN OUTyyP
ZO
ZO
DISABLE VEE VEE
IOUT
ZO RL RL
ZO
Figure 33. Simplified Output Circuit
RECEIVER
To ensure proper operation, all outputs (including unused output) must be pulled high using external pull-up networks to a level within the output compliance range. If outputs from multiple AD8150s are wired together, a single pull-up network may be used for each output bus. The pull-up network should be chosen to keep the output voltage levels within the output compliance range at all times. Recommended pull-up networks to produce PECL/ECL 100K and 10K compatible outputs are shown in Figure 34. Alternatively, a separate supply can be used to provide VCOM; making RCOM and DCOM unnecessary.
VCC VCOM RL OUTyyN OUTyyP RCOM VCOM RL OUTyyN OUTyyP VCC DCOM
Figure 35. Double Termination of AD8150 Outputs
In this case, the output levels are: VOH = VCOM - (1/4) IOUTRL VOL = VCOM - (3/4) IOUTRL VSWING = VOH - VOL = (1/2) IOUTRL
Output Current Set Pin (REF)
RL
RL
A simplified schematic of the reference circuit is shown in Figure 36. A single external resistor connected between the REF pin and VEE determines the output current for all output stages. This feature allows a choice of pull-up networks and transmission line characteristic impedances while still achieving a nominal output swing of 800 mV. At low data rates, substantial power savings can be achieved by using lower output swings and higher load resistances.
AD8150
IOUT/25 VCC
AD8150
AD8150
Figure 34. Output Pull-Up Networks: a) ECL 100K, b) ECL 10K
1.25V
REF RSET VEE
The output levels are simply: VOH = VCOM VOL = VCOM - IOUTRL VSWING = VOH - VOL = IOUTRL VCOM = VCC - IOUTRCOM (100K Mode) VCOM = VCC - V (DCOM) (10K Mode) The common-mode adjustment element (RCOM or DCOM) may be omitted if the input range of the receiver includes the positive supply voltage. The bypass capacitors reduce common-mode perturbations by providing an ac short from the common nodes (VCOM) to ground. When busing together the outputs of multiple AD8150s or when running at high data rates, double termination of its outputs is recommended to mitigate the impact of reflections due to open transmission line stubs and the lumped capacitance of the AD8150 output pins. A possible connection is shown in Figure 35; the bypass capacitors provide an ac short from the common nodes of the termination resistors to ground. To maintain signal fidelity at high data rates, the stubs connecting the output pins to the output transmission lines or load resistors should be as short as possible. Example:
Figure 36. Simplified Reference Circuit
The resistor value current is given by the following expression:
RSET = 25 IOUT
RSET = 1.54 k for IOUT = 16.2 mA The minimum set resistor is RSET,min = 1 k resulting in IOUT,max = 25 mA. The maximum set resistor is RSET,max = 5 k resulting in IOUT,min = 5 mA. Nominal 800 mV output swings can be achieved in a 50 load using RSET = 1.56 k (IOUT = 16.2 mA) or in a doubly-terminated 75 load using RSET = 1.17 k (IOUT = 21.3 mA). To minimize stray capacitance and avoid the pickup of unwanted signals, the external set resistor should be located close to the REF pin. Bypassing the set resistor is not recommended.
-18-
REV. 0
AD8150
Power Supplies
There are several options for the power supply voltages for the AD8150, as there are two separate sections of the chip that require power supplies. These are the control logic and the high-speed data paths. Depending on the system architecture, the voltage levels of these supplies can vary.
Logic Supplies
the part is to be ac coupled, it is not necessary to have the input/ output common mode at the same level as the other system circuits, but it will probably be more convenient to use the same supply rails for all devices. For PECL operation, VEE will be at ground potential and VCC will be a positive voltage from 3.3 V to 5 V. Thus, the common mode of the inputs and outputs will be at a positive voltage. These can then be dc coupled to other PECL operated devices. If the data paths are ac coupled, then the common-mode levels do not matter, see Figure 38.
3V TO 5V 3V TO 5V
The control (programming) logic is CMOS and is designed to interface with any of the various standard single-ended logic families (CMOS or TTL). Its supply voltage pins are VDD (Pin 170, logic positive) and VSS (Pin 152, logic ground). In all cases the logic ground should be connected to the system digital ground. VDD should be supplied at between 3.3 V to 5 V to match the supply voltage of the logic family that is used to drive the logic inputs. VDD should be bypassed to ground with a 0.1 F ceramic capacitor. The absolute maximum voltage from VDD to VSS is 5.5 V.
Data Path Supplies
0.1 F VDD VCC
0.1 F (ONE FOR EACH VCC PIN, 4 REQ'D.)
AD8150
CONTROL LOGIC DATA PATHS
The data path supplies have more options for their voltage levels. The choices here will affect several other areas, like power dissipation, bypassing, and common mode levels of the inputs and outputs. The more positive voltage supply for the data paths is VCC (Pins 41, 98, 149 and 171). The more negative supply is VEE, which appears on many pins that will not be listed here. The maximum allowable voltage across these supplies is 5.5 V. The first choice in the data path power supplies is to decide whether to run the device as ECL (Emitter-Coupled Logic) or PECL (Positive ECL). For ECL operation, VCC will be at ground potential, while VEE will be at a negative supply between -3.3 V to -5 V. This will make the common-mode voltage of the inputs and outputs at a negative voltage, see Figure 37.
3V TO 5V
VSS GND
VEE GND
Figure 38. Power Supplies and Bypassing for PECL Operation
POWER DISSIPATION
0.1 F VDD
GND VCC
For analysis, the power dissipation of the AD8150 can be divided into three separate parts. These are the control logic, the data path circuits and the (ECL or PECL) outputs, which are part of the data path circuits, but can be dealt with separately. The first of these, the control logic, is CMOS technology and does not dissipate a significant amount of power. This power will, of course, be greater when the logic supply is 5 V rather than 3 V, but overall it is not a significant amount of power and can be ignored for thermal analysis.
VDD VCC ROUT IOUT CONTROL LOGIC DATA PATHS
AD8150
CONTROL LOGIC DATA PATHS
AD8150
VSS GND
VEE 0.1 F (ONE FOR EVERY TWO VEE PINS) 3V TO 5V
I, DATA PATH LOGIC VSS GND VEE GND
VOUT LOW - VEE
Figure 37. Power Supplies and Bypassing for ECL Operation
Figure 39. Major Power Consumption Paths
If the data paths are to be dc-coupled to other ECL logic devices that run with ground as the most positive supply and a negative voltage for VEE, then this is the proper way to run. However, if
The data path circuits operate between the supplies VCC and VEE. As described in the power supply section, this voltage can range from 3.3 V to 5 V. The current consumed by this section will be constant, so operating at a lower voltage can save about 40 percent in power dissipation.
REV. 0
-19-
AD8150
The power dissipated in the data path outputs is affected by several factors. The first is whether the outputs are enabled or disabled. The worst case occurs when all of the outputs are enabled. The current consumed by the data path logic can be approximated by: ICC = 30 mA + [4.5 mA + (IOUT/20 mA x 3 mA)] x (# of outputs enabled) This says that there will always be a minimum of 30 mA flowing. ICC will increase by a factor that is proportional to both the number of enabled outputs and the programmed output current. The power dissipated in this circuit section will simply be the voltage of this section (VCC - VEE) times the current. For a worst case, assume that VCC - VEE is 5.0 V, all outputs are enabled and the programmed output current is 25 mA. The power dissipated by the data path logic will be: P = 5.0 V {25 mA + [4.5 mA + (25 mA/20 mA x 3 mA)] x 17} = 826 mW The power dissipated by the output current depends on several factors. These are the programmed output current, the voltage drop from a logic low output to VEE and the number of enabled outputs. A simplifying assumption is that one of each (enabled) differential output pair will be low and draw the full output current (and dissipate most of the power for that output), while the complementary output of the pair will be high and draw insignificant current. Thus, its power dissipation of the high output can be ignored and the output power dissipation for each output can be assumed to occur in a single static low output that sinks the full output-programmed current. The voltage across which this current flows can also vary, depending on the output circuit design and the supplies that are used for the data path circuitry. In general, however, there will be a voltage difference between a logic low signal and VEE. This is the drop across which the output current flows. For a worst case, this voltage can be as high as 3.5 V. Thus, for all outputs enabled and the programmed output current set to 25 mA, the power dissipated by the outputs: P = 3.5 V (25 mA) x 17 = 1.49 W
HEAT SINKING
the pin leads can provide an even lower thermal resistive path. If possible to use, 2 oz. copper foil will provide better heat removal than 1 oz. The AD8150 package has a specified thermal impedance JA of 30C/W. This is the worst case, still-air value that can be expected when the circuit board does not significantly enhance the heat removal from the package. By using the concept described above or by using forced-air circulation, the thermal impedance can be lowered. For an extreme worst case analysis, the junction rise above the ambient can be calculated assuming 2 W of power dissipation and JA of 30C/W to yield a 60C rise above the ambient. There are many techniques described above that can mitigate this situation. Most actual circuits will not result in this high a rise of the junction temperature above the ambient.
APPLICATIONS
AD8150 INPUT AND OUTPUT BUSING
Although the AD8150 is a digital part, in any application that runs at high speed, analog design details will have to be given very careful consideration. At high data rates, the design of the signal channels will have a strong influence on the data integrity and its associated jitter and ultimately bit error rate (BER). While it might be considered very helpful to have a suggested circuit board layout for any particular system configuration, this is not something that can be practically realized. Systems come in all shapes, sizes, speeds, performance criteria and cost constraints. Therefore, some general design guidelines will be presented that can be used for all systems and judiciously modified where appropriate. High-speed signals travel best, i.e. maintain their integrity, when they are carried by a uniform transmission line that is properly terminated at either end. Any abrupt mismatches in impedance or improper termination will create reflections that will add to or subtract from parts of the desired signal. Small amounts of this effect are unavoidable, but too much will distort the signal to the point that the channel BER will increase. It is difficult to fully quantify these effects, because they are influenced by many factors in the overall system design. A constant-impedance transmission line is characterized by having a uniform cross-section profile over its entire length. In particular, there should be no "stubs," which are branches that intersect the main run of the transmission line. These can have an electrical "appearance" that is approximated by a lumped element, such as a capacitor, or if long enough, as another transmission line. To the extent that stubs are unavoidable in a design, their effect can be minimized by making them as short as possible and as high an impedance as possible. Figure 35 shows a differential transmission line that connects two differential outputs from AD8150s to a generic receiver. A more generalized system can have more outputs bused, and more receivers on the same bus, but all the same concepts apply. The inputs of the AD8150 can also be considered as a receiver. The transmission lines that bus all of the devices together are shown with terminations at each end. The individual outputs of the AD8150 are stubs that intersect the main transmission line. Ideally, their current-source outputs would be infinite impedance, and they would have no effect on signals that propagate along the transmission line. In reality, each
Depending on several factors in its operation, the AD8150 can dissipate upwards of 2 W or more. The part is designed to operate without the need for an explicit external heatsink. However, the package design offers enhanced heat removal via some of the package pins to the PC board traces. The VEE pins on the input sides of the package (Pins 1 to 46 and Pins 93 to 138) have "finger" extensions inside the package that connect to the "paddle" upon which the IC chip is mounted. These pins provide a lower thermal resistance from the IC to the VEE pins than other pins that just have a bond wire. As a result these pins can be used to enhance the heat removal process from the IC to the circuit board and ultimately to the ambient. The VEE pins described above should be connected to a large area of circuit board trace material in order to take most advantage their lower thermal resistance. If there is a large area available on an inner layer that is at VEE potential, then vias can be provided from the package pin traces to this layer. There should be no thermal-relief pattern when connecting the vias to the inner layers for these VEE pins. Additional vias in parallel and close to
-20-
REV. 0
AD8150
external pin of the AD8150 projects into the package, and has a bond wire connected to the chip inside. On-chip wiring then connects to the collectors of the output transistors and to ESD protection diodes. Unlike some other high-speed digital components, the AD8150 does not have on-chip terminations. While this location would be closer to the actual end of the transmission line for some architectures, this concept can limit system design options. In particular, it is not possible to bus more than two inputs or outputs on the same transmission line and it is also not possible to change the value of these terminations to use for different impedance transmission lines. The AD8150, with the added ability to disable its outputs, is much more versatile in these types of architectures. If the external traces are kept to a bare minimum, then the output will present a mostly lumped capacitive load of about 2 pF. A single stub of 2 pF will not seriously adversely affect signal integrity for most transmission lines, but the more of these stubs, the more adverse their influence will be. One way to mitigate this effect is to locally reduce the capacitance of the main transmission line near the point of stub intersection. Some practical means for doing this are to narrow the PC board traces in the region of the stub and/or to remove some of the ground plane(s) near this intersection. The effect of these techniques will locally lower the capacitance of the main transmission line at these points, while the added capacitance of the AD8150 outputs will "compensate" for this reduction in capacitance. The overall intent is to create as uniform a transmission line as possible. In selecting the location of the termination resistors it is important to keep in mind that, as their name implies, they should be placed at either end of the line. There should be no or minimal projection of the transmission line beyond the point where the termination resistors connect to it.
EVALUATION BOARD
of the program signals can be a piece of test equipment, like the Tektronix HFS-9000 digital test generator, or some other usersupplied hardware that generates programming signals. When using the PC interface, the jumper at W1 should be installed and no connections should be made to P3. When using the P3 interface, no jumper is installed at W1. There are locations for termination resistors for the address and data signals if these are necessary.
Power Supplies
The AD8150 is designed to work with standard ECL logic levels. This means that VCC is at ground and VEE is at a negative supply. The shells of the I/O SMB connectors are at VCC potential. Thus, when operating in the standard ECL configuration, test equipment can be directly connected to the board, as the test equipment will have its connector "shells" at ground potential also. Operating in PECL mode requires VCC to be at a positive voltage, while VEE is at ground. Since this would make the shells of the I/O connectors at a positive voltage, it can cause problems when directly connecting to test equipment. Some equipment, such as battery operated oscilloscopes, can be "floated" from ground, but care should be taken with line-powered equipment such that a dangerous situation is not created. Refer to the manual of the test equipment that is being used. The voltage difference from VCC to VEE can range from 3 V to 5 V. Power savings can be realized by operating at a lower voltage without any compromise in performance. A separate connection is provided for VTT, the termination potential of the outputs. This can be at a voltage as high as VCC, but power savings can be realized if VTT is at a voltage that is somewhat lower. Please consult elsewhere in the data sheet for the specification for the limits of the VTT supply. As a practical matter, current on the evaluation board will flow from the VTT supply, through the termination resistors and then through the AD8150 from its outputs to the VEE supply. When running in ECL mode, VTT will want to be at a negative supply. Most power supplies will not allow their ground to connect to VCC and then the negative supply to VTT. This will require them to source current from their negative supply, which will not return to the ground terminal. Thus, VTT should be referenced to VEE when running in ECL mode or a true bipolar supply should be used. The digital supply is provided to the AD8150 by the VDD and VSS pins. VSS should always be at ground potential to make it compatible with standard CMOS or TTL logic. VDD can range from 3 V to 5 V and should be matched to the supply voltage of the logic used to control the AD8150. However, since PCs use 5 V logic on their parallel port, VDD should be at 5 V when using a PC to program the AD8150.
Software Installation
An evaluation board has been designed and is available to rapidly test the main features of the AD8150. This board lets the user analyze the analog performance of the AD8150 channels and easily control the configuration of the board by a standard PC. Differential inputs and outputs provide the interface for all channels with the connections made by a 50 , SMB-type connector. This type of connector was chosen for its rapid mating and unmating action. The use of SMB-type connectors minimizes the size and minimizes the effort of rearranging interconnects that would be required by using connectors such as SMA-type.
Configuration Programming
The board is configurable by one of two methods. For ease of use, custom software is provided that controls the AD8150 programming via the parallel port of a PC. This requires a usersupplied standard printer cable that has a DB-25 connector at one end (parallel- or printer-port interface) and a Centronixtype connector at the other that connects to P2 of the AD8150 evaluation board. The programming with this scheme is done in a serial fashion, so it is not the fastest way to configure the AD8150 matrix. However, the user interface makes it very convenient to use this programming method. If a high-speed programming interface is desired, the AD8150 address and data buses are directly available on P3. The source REV. 0
The software to operate the AD8150 is provided on two 3.5" floppy disks. The software is installed by inserting Disk 1 into the floppy drive of a PC and running the "setup.exe" program. This will routinely install the software and prompt the user when to change to Disk 2. The setup program will also prompt the user to select the directory location to store the program.
-21-
AD8150
After running the software, the user will be prompted to identify which (of three) software driver is used with the PC's parallel port. The default is LPT1, which is most commonly used. However, some laptops commonly use the PRN driver. It is also possible that some systems are configured with the LPT2 driver. If it is not known which driver is used, it is best to select LPT1 and proceed to the next screen. This will show a full array of "buttons" that allows the connection of any input to output of the AD8150. All of the outputs should be in the output "OFF" state right after the program starts running. Any of the active buttons can be selected with a mouse click which will send out one burst of programming data. After this, the PC keyboard's left or right arrow keyboard key can be held down to generate a steady stream of programming signals out of the parallel port. The CLOCK test point on the AD8150 evaluation board can be monitored with an oscilloscope for any activity (user-supplied printer cable must be connected). If there is a square-wave present, then the proper software driver is selected for the PC's parallel port. If there is no signal present, then another driver should be tried by selecting the Parallel Port menu item under the "File" pulldown menu selection just under the title bar. Select a different software driver and carry out the above test until signal activity is present at the CLOCK test point.
Software Operation
Any button can be clicked in the matrix to program the input to output connection. This will send the proper programming sequence out the PC parallel port. Since only one input can be programmed to a given output at one time, clicking a button in a horizontal row will cancel the other selection that is already selected in that row. However, any number of outputs can share the same input. Refer to Figure 40. A shortcut for programming all outputs to the same input is to use the broadcast feature. After clicking on the Broadcast Connection button, a window will appear that will prompt for the user to select which input should be connected to all outputs. The user should type in an integer from 0 to 32 and then click on OK. This will send out the proper program data and return to the main screen with a full column of buttons selected under the chosen input. The Off column can be used to disable to whichever output one chooses. To disable all outputs, the Global Reset button can be clicked. This will select the full column of OFF buttons. Two scratchpad memories (Memory 1 and Memory 2) are provided to conveniently save a particular configuration. However, these registers are erased when the program is terminated. For long-term storage of configurations, the disk-storage memory should be used. The Save and Load selections can be accessed from the "File" pull-down menu under the title bar.
-22-
REV. 0
AD8150
Figure 40.
REV. 0
-23-
AD8150
Figure 41. Component Side
-24-
REV. 0
AD8150
Figure 42. Circuit Side
REV. 0
-25-
AD8150
Figure 43. Silkscreen Top
-26-
REV. 0
AD8150
Figure 44. Soldermask Top
REV. 0
-27-
AD8150
Figure 45. Silkscreen Bottom
-28-
REV. 0
AD8150
Figure 46. Soldermask Bottom
REV. 0
-29-
AD8150
Figure 47. INT1 (VEE)
-30-
REV. 0
AD8150
Figure 48. INT2 (VCC)
REV. 0
-31-
AD8150
VEE VCC VEE VCC C12 0.01 F
0.01 F
C7
VCC
VEE
R203 1.5k
VCC
VEE
VCC
VCC
VCC
0.01 F
0.01 F
VDD
VCC
0.01 F
VCC
140 139
0.01 F VEE C6
0.01 F
VSS 0.01 F
0.01 F
0.01 F C10
VEE
VEE
VEE
VEE
VEE
VEE
VDD RESET CS RE WE UPDATE A0 A1 A2 A3 A4 D0 D1 D2 D3 D4 D5 D6
IN19N IN19P
IN18N IN18P
IN17N IN17P
IN16N IN16P
IN15N IN15P
IN14N IN14P
C29 VEE VCC 0.01 F
184 183
182
181
180
179
178
177
176
175
174
173
172
170
169
168
167
166
165
164
163
160
159
158
157 156
155
154
153
171
162
161
152
151
150
149
148
147
146
145
144
143
142
VEE IN20P IN20N V C31 EE VCC 0.01 F C32 VEE 0.01 F IN21P IN21N IN22P IN22N VEE IN23P IN23N VEE IN24P IN24N VEE IN25P IN25N VEE IN26P IN26N VEE IN27P IN27N VEE IN28P IN28N VEE IN29P IN29N VEE IN30P IN30N VEE IN31P IN31N VEE IN32P IN32N VEE
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 PIN 1 IDENTIFIER
141
IN13N IN13P
VEE
0.01 F
138 137 136 135 134 133 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93
C13
C14
C30
C5
C4
C8
C9
VCC
AD8150 184L LQFP
TOP VIEW (Not to Scale)
VEE C11 VEE VCC OUT16N 0.01 F VCC C15 OUT16P 0.01 F V
EE
VEE IN12N IN12P VEE IN11N IN11P VEE IN10N IN10P VEE IN09N IN09P VEE IN08N IN08P VEE IN07N IN07P VEE IN06N IN06P VEE IN05N IN05P VEE IN04N IN04P VEE IN03N IN03P VEE IN02N IN02P VEE IN01N IN01P VEE IN00N IN00P VEE VCC VEE VEE OUT00P C60 OUT00N 0.01 F VEE VEE
VEE
47
48
49
50
51
52
53 54
55
56
57
58
59
60
61
62
63
64
65
66
67 68
69
70
71 72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
VEE OUT15N OUT15P VEE OUT14N OUT14P VEE OUT13N OUT13P VEE OUT12N OUT12P VEE OUT11N OUT11P VEE OUT10N OUT10P VEE OUT09N OUT09P VEE OUT08N OUT08P VEE OUT07N OUT07P VEE OUT06N OUT06P VEE OUT05N OUT05P VEE OUT04N OUT04P VEE OUT03N OUT03P VEE OUT02N OUT02P VEE OUT01N OUT01P VEE
Figure 49. Bypassing Schematic
92
-32-
REV. 0
VCC R58 1.65k OUT08P VTT R162 49.9 P86 P85 R165 49.9 OUT09P OUT09N R163 49.9 P84 P83 VTT R173 49.9 OUT02P OUT02N P82 P81 R170 49.9 OUT11P IN32P R111 105 IN32N R110 1.65k VEE OUT12P OUT12N R183 49.9 R185 49.9 OUT11N R172 49.9 VTT OUT03P OUT03N R133 49.9 P80 P95 P79 OUT04P VTT OUT04N R142 49.9 P78 P77 R180 49.9 OUT13P IN27N R103 1.65k VEE VCC R104 1.65k IN22P R78 105 IN22N R77 1.65k VEE VCC R76 1.65k IN17P R72 105 IN17N R73 1.65k VEE P50 P51 R75 105 IN23N R74 1.65k VEE IN23P P62 P63 R108 105 IN29N R109 1.65k VEE P60 P61 R105 105 IN28N R106 1.65k VEE VCC R107 1.65k IN29P OUT16P OUT16N R198 49.9 R200 49.9 OUT15P OUT15N R192 49.9 IN28P OUT14P OUT14N R193 49.9 R195 49.9 P75 VTT OUT06P OUT06N R152 49.9 P74 R190 49.9 P73 OUT07P VTT OUT07N R155 49.9 VTT R153 49.9 P72 P71 VTT VTT C82 0.01 F VTT C83 0.01 F P70 VTT VCC VCC C16 0.01 F VCC OUT13N R182 49.9 VTT OUT05P OUT05N R143 49.9 P76 R150 49.9 R145 49.9 VTT R140 49.9 VTT R135 49.9 R132 49.9 R130 49.9 OUT01N VTT OUT01P R127 49.9 R125 49.9 R122 49.9 OUT00N P102 P101 VTT VTT IN30P OUT08N R117 105 IN30N R118 1.65k VEE VCC R115 1.65k IN25P R96 105 IN25N R97 1.65k VEE VCC R98 1.65k IN20P P56 P57 IN26N R100 1.65k VEE VCC R101 1.65k IN21P P58 P59 R102 105 R81 105 IN21N R80 1.65k VEE VCC R79 1.65k IN16P P48 P49 R69 105 IN16N R70 1.65k VEE VCC R71 1.65k IN11P P38 P39 IN27P R99 105 P69 P68 R84 105 IN20N R83 1.65k VEE VCC R82 1.65k IN15P P46 P47 R66 105 IN15N R67 1.65k VEE VCC R68 1.65k IN10P P36 P37 IN26P R112 1.65k VCC VEE R113 1.65k OUT10N P67 IN31N OUT10P P66 R114 105 R175 49.9 IN31P OUT00P IN06P P28 P29 IN12N R56 1.65k VEE VCC R59 1.65k IN07P P30 P31 IN13N R61 1.65k VEE VCC R62 1.65k IN08P P32 P33 IN14N R64 1.65k VEE VCC R65 1.65k IN09P P34 P35 R63 105 P45 P44 IN14P R85 1.65k VCC VEE R86 1.65k IN19N R60 105 P43 P55 R87 105 P42 P54 IN13P IN19P R88 1.65k R95 1.65k VCC VCC VEE VEE R91 1.65k R92 1.65k IN18N IN24N R57 105 P41 P53 P65 R90 105 R93 105 P40 P52 P64 IN12P IN18P IN24P R89 1.65k R94 1.65k R116 1.65k R160 49.9 P87 R121 49.9 P103
VCC
VCC
VCC
VCC
VCC
REV. 0
IN06N P100 P99 VTT IN07N P98 P97 VTT P96 IN08N P94 P93 IN09N P92 P91 VTT P90 P89 IN10N P88 IN11N
R19 1.65k
R40 1.65k
P4
IN00P
P5
R20 105
P16
IN00N
P17
R39 105
R21 1.65k
R38 1.65k
VEE
VEE
VCC
VCC
R25 1.65k
R41 1.65k
P6
IN01P
P18
P7
R24 105
IN01N
P19
R42 105
R23 1.65k
R43 1.65k
VEE
VEE
VCC
VCC
R28 1.65k
R44 1.65k
P8
IN02P
P20
P9
R27 105
IN02N
P21
R45 105
R26 1.65k
R46 1.65k
VEE
VEE
Figure 50.
-33-
VCC
VCC
R31 1.65k
R47 1.65k
P10
IN03P
P22
P11
R30 105
IN03N
P23
R48 105
R29 1.65k
R49 1.65k
VEE
VEE
VCC
VCC
R34 1.65k
R50 1.65k
P12
IN04P
P24
P13
R33 105
IN04N
P25
R51 105
R32 1.65k
R52 1.65k
VEE
VEE
VCC
VCC
R37 1.65k
R53 1.65k
P14
IN05P
P26
AD8150
P15
R36 105
IN05N
P27
R54 105
R35 1.65k
R55 1.65k
VEE
VEE
CLK 1 DATA 74HC14 1 A1 6 3 4 5 D2 D3 13 74HC14 A4 9 VCC VEE J1 J2 11 J3 J4 J5 J6 J7 J8 155D4 156D3 157D2 158D1 159D0 J9 J10 J11 J12 J13 J14 J15 J16 J17 J18 J19 J20 J21 J22 J23 J24 J25 TP20 TP9 TP10 TP11 TP12 TP13 TP14 TP15 TP16 TP17 TP18 TP19 TP5 TP6 TP4 8 J26 J27 J28 J29 J30 J31 J32 J33 J34 J35 J36 J37 J38 J39 J40 J41 J42 J43 J44 J45 J46 J47 J48 J49 J50 10 74HC132 A4 VCC 74HC14 A1 12 VEE D4 D5 D6 D7 VDD VSS 74HC74 12 13 74HC132 VSS VSS VSS VSS R1 20k 49.0 VSS 4 5 74HC132 VSS 49.0 A4 49.0 R18 49.0 R17 W1 VSS 74HC132 2 1 A4 VSS VSS 49.0 R11 164A0 49.0 R10 163A1 VSS 49.0 R15 49.0 R16 49.0 R9 162A2 VSS 49.0 R14 VSS 49.0 R8 161A3 154D5 49.0 R13 VSS R7 160A4 153D6 R12 GND 74HC74 6 7 8 9 VSS 10 D0 D1 2 19 2 19 74HC14 A1 11 10 OUT_EN VDD OUT_EN VCC VDD VCC 20 1 20 3 45 74HC14 VSS 74HC14 A1 VDD 9 8 A2 A3 A1 A1 2
CLK P2 6
VTT P1 6
AD8150
C3 + 10 F
VTT VTT
DATA P2 5
VCC VCC
VSS P2 25
F
VEE VEE VDD
VCC P1 1 P1 2 + C1 10 P1 3 VEE P1 4 VDD P1 7 + C2 10 VSS P1 5
VDD
F VSS
P104 P105
Q0 18 Q1 17 Q2 16 Q3 15 Q4 14 Q5 13 Q6 12 Q7 11 CLK
D0 3 D1 4 D2 5 D3 6 D4 7 D5 8 D6 9 D7 10 GND
Q0 18 Q1 17 Q2 16 Q3 15 Q4 14 Q5 13 Q6 12 Q7 11 CLK
A1, 4 PIN 14 IS TIED TO VDD. A1, 4 PIN 7 IS TIED TO VSS.
VDD
VDD
VDD
VDD
C86 0.1 F
C87 0.1 F
C88 0.1 F
C89 0.1 F
VSS
VSS
VSS
VSS
VDD
READ RESET WRITE UPDATE CHIP_SELECT
P2 7 P2 3 P2 8 P2 4 P2 2
Figure 51.
-34-
TP7 TP8 VDD VSS VSS VSS VSS VSS VSS 49.0 49.0 R6 49.0 R5 49.0 R4 49.0 R3 UPDATE 165 WRITE 166 RESET 169 READ 167 R2 CHIP_SELECT 168
WRITE RESET READ D0 A4 A3 A2 A1 A0 D6 D5 D4 D3 D2 D1 UPDATE CHIP_SELECT VDD
P3 13 P3 7 P3 11 P3 27 P3 25 P3 23 P3 21 P3 19 P3 17 P3 39 P3 37 P3 35 P3 33 P3 31 P3 29 P3 15 P3 9 P3 5
REV. 0
VSS P3 14 P3 8 P3 12 P3 28 P3 26 P3 24 P3 22 P3 20 P3 18 P3 40 P3 38 P3 36 P3 34 P3 32 P3 30 P3 16 P3 10 P3 6
AD8150
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
184-Lead Plastic LQFP (ST-184)
0.063 (1.60) MAX 0.030 (0.75) 0.024 (0.60) 0.018 (0.45) SEATING PLANE
186 1
0.866 (22.00) BSC SQ 0.787 (20.00) BSC SQ
139 138
PIN 1
TOP VIEW
(PINS DOWN)
0.003 (0.08) 0.006 (0.15) 0.002 (0.05) 0.057 (1.45) 0.053 (1.40) 0.048 (1.35)
46 47
93 92
0.016 (0.40) BSC
0.009 (0.23) 0.007 (0.18) 0.005 (0.13)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
REV. 0
-35-
PRINTED IN U.S.A.
C3765-3-3/00 (rev. 0)


▲Up To Search▲   

 
Price & Availability of AD8150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X