|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Type 3SB / 3SBP 3SBD1005 ESB1005A1 1/4 x 1 1/4 inch Glass Tube RoHS Compliant Slow Blow Fuse Series Catalog Number RoHS Suffix Ampere Rating Typical Volt-drop Melting I2T Melting I2T Maximum Cold @100% In < 10 mSec @10 In Power Resistance Dissipation (ohm) (Volt) max. (A2 Sec) (A2 Sec) (W) Electrical Characteristics (UL/CSA STD. 248-14) Testing current 100% 135% 200% Blow Time Minimum 4 Hrs. N/A 5 sec Maximum N/A 1 Hr 30 sec Approvals Safety Agency Approvals upc Type Amp range/Volt @ I.R. ability 63mA.- 8A / 125V AC @ 10,000A 63mA - 8A / 250 AC @ 200A 8.1A - 15A / 125V AC @ 10,000A 63mA.>1A.>3.5A.8.1A.1A / 250V AC @ 35A 3.5A / 250V AC @ 100A 8A / 250V AC @ 200A 15A / 125V AC @ 10,000A u Listed File No. E20624 3SB / 3SBP Certified File No. LR39772 p JET1037-31003-1003 File No. JET1037-31003-1001 3SB / 3SBP File No. JET1037-31003-1002 3SB 1A.- 5A / 125V AC @ 500A >5A.- 15A /125V AC @ 300A RoHS Compliant Product For RoHS Compliant Version, add suffix "R" after catalog number 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB 3SB (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) (P) 63 80 100 125 160 200 250 300 375 500 750 1 1.25 1.6 2 2.5 3 4 5 6 7 8 10 12 15 -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R 63mA 80mA 100mA 125mA 160mA 200mA 250mA 300mA 375mA 500mA 750mA 1A 1.25A 1.6A 2A 2.5A 3A 4A 5A 6A 7A 8A 10A 12A 15A 77 52 29 16 11 8.3 5.6 3.8 2.5 1.4 0.7 0.4 0.24 0.16 0.12 0.08 0.07 0.04 0.03 0.02 0.016 0.014 0.010 0.008 0.006 6.9 5.7 3.5 2.7 2.3 1.9 1.6 1.3 1.1 0.9 0.67 0.54 0.5 0.38 0.32 0.27 0.22 0.19 0.16 0.16 0.16 0.15 0.14 0.13 0.12 0.09 0.13 0.21 0.32 0.50 0.77 1.20 1.85 2.61 4.43 8.7 16.4 25.4 39 61 94 146 226 349 286 372 483 817 1277 2123 0.10 0.15 0.24 0.37 0.58 0.91 1.42 2.22 3.15 5.41 10.1 20.6 32.3 50 79 123 192 300 469 455 592 769 1300 2031 3377 0.7 0.7 0.5 0.6 0.6 0.6 0.6 0.7 0.71 0.75 0.83 0.88 0.9 1.0 1.0 1.1 1.1 1.2 1.3 1.6 1.8 1.9 2.3 2.6 3.0 Consult manufacturer for other ratings Operating Temperature -55C to +125C Physical Specification Materials Glass body / Nickel Plated Brass Caps Lead wire: Tin plated Copper, Diameter 0.032", 5A and less Diameter 0.040", 6A and above Marking On fuse: "bel", "3SB", "Current Rating", "Voltage Rating", "Appropriate Safety Logos", "" (RoHS Version) On label: "bel", "3SB"or "3SBP", "Current Rating", "Voltage Rating", "Interrupting Rating","Appropriate Safety Logos" and " "+ suffix "R" for RoHS Version Voltage on fuse: 250V for 63mA to 8A; 125V for 10A and above Packaging 1. In bulk: 3SB - 1,000 pcs per box; 3SBP - 500 pcs per box 2. On Axial Tape & Reel: 1,000 pcs per reel 3. Tape & Reel specification: per EIA-296-E & IEC 286-1@ 10mm Pitch and 73mm inside Tape Spacing Mechanical Dimensions 3SB 1.25" 0.03" 0.250" 0.004" (31.8 0.8mm) (6.35 0.1mm) 3SBP 1.5" 0.08" 1.28" 0.03" 0.270" 0.004" (38.1 2mm) (32.5 0.8mm) (6.9 0.1mm) SEE LEAD SIZE LISTED IN " MATERIAL" ORDERING INFORMATION SEE LAST 2 PAGES Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com Website: www.belfuse.com 63 Specifications subject to change without notice Type 3SB / 3SBP Slow Blow Fuse Series 1/4 x 1 1/4 inch Glass Tube RoHS Compliant 3SBC1005 E3SBC1005A1 3SB / 3SBP - TIME CURRENT CHARACTERISTIC CURVE - 63mA - 80mA - 100mA - 125mA - 160mA - 200mA - 250mA - 300mA - 375mA - 500mA - 750mA - 1A - 1.25A - 1.6A - 2A - 2.5A - 3A - 4A - 5A - 6A - 7A - 8A -10A -12A -15A 10000 1000 100 TIME IN SECONDS 10 1 0.1 0.01 0.01 0.1 1 10 100 1000 CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08 Corporate Office Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com Far East Office Bel Fuse Ltd. 8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706 European Office Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366 Specifications subject to change without notice 64 |
Price & Availability of 3SBP200 |