Part Number Hot Search : 
49L256 A143Z AK4682EQ 8HC90 M5265 AC180 M95128 KP100A
Product Description
Full Text Search
 

To Download 2SK1934 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1934
Silicon N Channel MOS FET
Application
High speed power switching
TO-3P
Features
* * * * Low on-resistance High speed switching No secondary breakdown Suitable for Switching regulator
1
2
1
2
3
1. Gate 2. Drain 3. Source
3
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID ID(pulse)* IDR Pch** Tch Tstg Ratings 1000 30 8 24 8 150 150 -55 to +150 Unit V V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * PW 10 s, duty cycle 1 % ** Value at Tc = 25 C
2SK1934
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr Min 1000 Typ -- Max -- Unit V Test conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 25 V, VDS = 0 VDS = 800 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 4 A VGS = 10 V * ID = 4 A VDS = 20 V * VDS = 10 V VGS = 0 f = 1 MHz ID = 4 A VGS = 10 V RL = 7.5
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
30 -- -- V
--------------------------------------------------------------------------------------
-- -- 2.0 -- -- -- -- 1.2 10 250 3.0 1.6 A A V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
4 6 -- S
--------------------------------------------------------------------------------------
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time * Pulse Test -- -- -- -- -- -- -- -- 2690 920 375 35 135 300 205 0.9 -- -- -- -- -- -- -- -- pF pF pF ns ns ns ns V IF = 8 A, VGS = 0 IF = 8 A, VGS = 0, diF / dt = 100 A / s
---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 1600 -- s
--------------------------------------------------------------------------------------
2SK1934
Power vs. Temperature Derating 150 Channel Dissipation Pch (W) Drain Current I D (A)
Maximum Safe Operation Area
ea
50 30 10 3 1 0.3 0.1
O is pe lim ra ite tion d in by t R his
10
ar
s
(o
n)
10
DS
0
PW
s
100
1
m c= (T 10 n = tio ra pe O
s m
DC
s (1 sh ot
50
)
) C 25
Ta = 25C
0
50
100
150
0.05 1
Case Temperature Tc (C)
3 10 30 100 300 1000 Drain to Source Voltage VDS (V)
Typical Output Characteristics 10 10 V 8 8V Pulse Test
8 10
Typical Transfer Characteristics
Drain Current I D (A)
5V 6 4 4V 2 VGS = 3.5 V 0 10 20 30 40 50 Drain to Source Voltage VDS (V)
Drain Current I D (A)
Pulse Test VDS = 20 V
6 4 2
Tc = 25C
75C
-25C
0
2 4 6 8 10 Gate to Source Voltage VGS (V)
2SK1934
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Static Drain to Source on State Resistance vs. Drain Current 50
1.0
Drain to Source Saturation Voltage VDS (on) (V)
Pulse Test
0.8 0.6 0.4 5A
Static Drain to Source on State Resistance R DS(on) ( )
20 10 5 2
Pulse Test
2A
0.2
VGS = 10 V 1 0.5 0.2 0.5 1 2 5 Drain Current I D (A) 10 20
ID= 1 A
4 8 12 16 20 Gate to Source Voltage VGS (V)
0
Static Drain to Source on State Resistance vs. Temperature
Forward Transfer Admittance vs. Drain Current
50
5
Static Drain to Source on State Resistance R DS (on) ( )
4 3 2 1 0 -40
Pulse Test VGS = 10 V
Forward Transfer Admittance |yfs | (S)
20 10
Pulse Test VDS = 20 V Tc = 25C
ID = 5 A
2A 1A
5
-25C
2 1 0.2 0.5 1 Drain Current 2
75C
0 40 80 120 160 Case Temperature TC (C)
0.5 0.1
5
10
I D (A)
2SK1934
Body to Drain Diode Reverse Recovery Time
5000
Typical Capacitance vs. Drain to Source Voltage 10000
Reverse Recovery Time t rr (ns)
2000 1000 500 200 100
di/dt = 100 A/ s, VGS = 0 Ta = 25C
Ciss
Capacitance C (pF)
1000
Coss Crss
100
VGS = 0 V f = 1 MHz
50 0.2
0.5 1 2 5 10 20 Reverse Drain Current I DR (A)
10 0
10 20 30 40 50 Drain to Source Voltage VDS (V)
Dynamic Input Characteristics 1000 Drain to Source Voltage VDS (V) 800 600 400 200 VDD = 250 V 400 V 600 V VDS ID = 8 A VGS 20 Gate to Source Voltage VGS (V) 16 12 8 4 0 200
Switching Characteristics
500 200 100 50 20 10 5 0.1
VGS = 10 V, VDD = .30 V : PW = 5 s, duty >1% =
td(off) tf tr td(on)
VDD = 250 V 400 V 600 V
0
40 80 120 160 Gate Charge Qg (nc)
Switching Time t (ns)
0.2
0.5 1 Drain Current
2 5 I D (A)
10


▲Up To Search▲   

 
Price & Availability of 2SK1934

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X