Part Number Hot Search : 
AD549J AG32E1 MSK032E N4005 M518F B100B 2795R 10100CT
Product Description
Full Text Search
 

To Download 2SA1216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAPT
2SA1216
Application : Audio and General Purpose
(Ta=25C) 2SA1216 -100max -100max -180min 30min -2.0max 40typ 500typ V MHz pF
20.0min 4.0max
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC2922) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1216 -180 -180 -5 -17 -5 200(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
sElectrical Characteristics
SymboI VCBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-180V VEB=-5V IC=-25mA VCE=-4V, IC=-8A IC=-8A, IB=-0.8A VCE=-12V, IE=2A VCB=-10V, f=1MHz
External Dimensions MT-200
36.40.3 24.40.2 2-o3.20.1 9 7 21.40.3 2.1 6.00.2
Unit
A A
V
a b
2 3 1.05 +0.2 -0.1 5.450.1 B C E 5.450.1 0.65 +0.2 -0.1 3.0 +0.3 -0.1
hFE Rank O(30 to 60), Y(50 to 100), P(70 to 140), G(90 to 180)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -40 RL () 4 IC (A) -10 VB2 (V) 5 IB1 (A) -1 IB2 (A) 1 ton (s) 0.3typ tstg (s) 0.7typ tf (s) 0.2typ
Weight : Approx 18.4g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
-1.
m 00 A
V CE ( sa t ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) -3
I C - VBE Temperature Characteristics (Typical)
-17 -15 Collector Current I C (A) (VCE=-4V)
5A -1 A 00 m A
-17 -15
-5
-7
0 -40
mA
-3 00 m A
Collector Current I C( A)
-2 00 mA
-10
-2
eT em p) Tem p)
-150mA
-10
-100mA
-5
C(
125
-50mA
C(C
25
IC=-10A -5A 0 0
IB=-20mA
0
0
-1
-2
-3
-4
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
-30
-1
C(
Cas
-5
ase
-1
eT emp
Cas
)
-2
-2.4
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
Base-Emittor Voltage V B E( V)
hFE - IC Characteristics (Typical)
(V C E= -4V) 300 DC Curr ent Gain h F E
hFE - I C Temperature Characteristics (Typical)
(V C E= -4V) 200 DC Cur rent Gain h F E 125C 100 25C 50 -30C
j-a - t Characteristics
j - a( C/W)
Transient Thermal Resistance 2
1
100
Typ
0.5
50
10 -0.02
-0.1
-0.5
-1
-5
-10 -17
10 -0.02
-0.1
-0.5 -1 Collector Current I C( A)
-5
-10 -17
0.1
1
10
100 Time t(ms)
1000
2000
Collector Current I C( A)
f T - IE Characteristics (Typical)
(V C E= -12V) 60 -50
Safe Operating Area (Single Pulse)
200
P c - T a Derating
M aximum Power Dissipa ti on P C( W)
10 m
160
Cu t-off Fre quen cy f T( MH Z)
s
W
40
T
yp
Collect or Cur ren t I C( A)
-10 -5
DC
ith In fin
120
ite he at si nk
80
20
-1 -0.5 Without Heatsink Natural Cooling
40 Without Heatsink 0 25 50 75 100 125 150
0 0.02
0.1
1
10
-0.2 -2
-10
-100
-300
5 0
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
13
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2SA1216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X