Part Number Hot Search : 
TS024 GP2A18F G2SB08 80C196KC PS235 SCL4511B TIP132 4D182
Product Description
Full Text Search
 

To Download 1N649-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Rectifier Diodes
Use Advantages
1N645 to 649 or 1N645-1 to 649-1
DO-35 Glass Package
Used as a general purpose rectifier in power supplies, or for clipping and steering applications. High performance alternative to small signal diodes where space does not permit use of power rectifiers. May be used in hostile environments where hermeticity and reliability are important i.e. (Military and Aero/Space). MIL-S- 19500/ 240 approvals. Available up to JANTXV-1 level. "S" level screening capability to Source Control Drawings.
Features
D O -3 5 G la ss P a ck a g e
Six Sigma quality Lead Dia. 0.018-0.022" Humidity proof glass 0.458-0.558 mm Metallurgically bonded Thermally matched system D ia . 1 .0 " L e n g th No thermal fatigue 2 5 .4 m m mm (M in .) 1.53-2.28 mm High surge capability Sigma BondTM plated contacts 100% guaranteed solderability (DO-213AA) SMD MELF commercial (LL) and MIL (UR-1) types available
0.12 0-.200 " 3.05 -5 .080.06 -0 .09"
Absolute Maximum Ratings Power Dissipation at 3/8" from the body, TL= 75 oC Average Forward Rectified Current at TL Thermal Impedance Detail Specifications
Reverse Voltage (V R) Breakdown Voltage (MIN.) @ 100A (BV)
Symbol Ptot IAV TO&S ZqJX
Value 600 400 -65 to 175 35
o
Unit mWatts mAmps
o
= 75 C
o
Operating and Storage Temperature Range
C
C/W
Maximum Forward Maximum Average Rectified Current Voltage Reverse Leakage Current _______________ Drop _______________ (IO ) (IO ) (VF) @ IF = 400mA (IR) @ VR 25 C 150 C (MIN.) (MAX.) 25 C 100 C
Maximum Typical Surge Junction Current Capacitance (I FSM) @ -12V (NOTE 1) (C O )
Type
Volts
Volts
Amps
Amps
0.15 0.15 0.15 0.15 0.15 Second
Volts
1.0 1.0 1.0 1.0 1.0
A
0.2 0.2 0.2 0.2 0.2
A
15 15 20 20 25
Amps
3 3 3 3 3
pF
9 9 9 9 9
1N645,-1 225 275 1N646,-1 300 360 1N647,-1 400 480 1N648,-1 500 600 1N649,-1 600 720 Note 1: Surge Current @TA = +25 C to
0.4 0.4 0.4 0.4 0.4 +150 C, for 1
For MELF DO-213AA surface mount package, replace "1N" prefix with "LL" for commercial.
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135
Silicon Rectifier Diodes
1N645-1 thru 1N649-1
DO-35 Glass Package
DO-35 DERATING (175 C Tj)
D O - 35 PO W ER D ER AT IN G C U R V E
500
400 P ower Dissipated (MilliWatts)
300
200
100
0 0 20 40 60 80 100 120 140 160 180
T e m p e ra tu re ( 3/8" fro m b od y) C
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135
Silicon Rectifier Diodes
1N645-1 thru 1N649-1
DO-35 Glass Package
Silicon Rectifier Diodes 1N645-1 thru 1N649-1
1 N 6 4 5 - 6 4 9 R ec tifie r D io d e s
Typ ic al Ir V r = P IV ; Ta = +1 50 C 1N 6 49 -1 6 .9 6 .7 6 .5 6 .3 Ir (Typic al V alues ) mic roA mps 6 .1 5 .9 5 .7 5 .5 5 .3 5 .1 4 .9 4 .7 4 .5 2 00 3 00 4 00 V r - V o lts 5 00 6 00 1N 6 45 -1 1 N 6 46 1N 6 47 -1 1 N 6 48
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N649-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X