Part Number Hot Search : 
UPC451C C8800 06031 LTC29 120SC0 2SC2509 RCA9229B M5321
Product Description
Full Text Search
 

To Download 15SMC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5SMC SERIES
Surface Mount Transient Voltage Suppressor
Voltage Range 6.8 to 200 Volts 1500 Watts Peak Power
Features
For surface mounted application in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1A above 10V High temperature soldering guaranteed: 260OC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 1500 watts peak pulse power capability with a 10 X 1000 us waveform by 0.01% duty cycle
.129(3.27) .118(3.0)
SMC/DO-214AB
.245(6.22) .220(5.59)
.280(7.11) .260(6.60) .012(.31) .006(.15)
.103(2.62) .079(2.00)
Mechanical Data
Case: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Standard packaging: 16mm tape (EIA STD RS-481) Weight: 0.21gram
.060(1.52) .030(0.76) .320(8.13) .305(7.75)
.008(.20) .004(.10)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=25 C, Tp=1ms (Note 1) Power Dissipation on Intinite Heatsink, TA=50 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only Thermal Resistance Junction to Ambient Air (Note 4) Thermal Resistance Junction to Leads Operating and Storage Temperature Range
O O
Symbol PPK PM(AV) IFSM RJA RJL TJ, TSTG
Value Minimum 1500 6.5 200 50 15 -55 to + 150
O
Units Watts W Amps
O
C/W C/W
O
O
C
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 C Per Fig. 2. 2 2. Mounted on 8.0mm (.013mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum. 2 4. Mounted on 5.0mm (.013mm thick) land areas. Devices for Bipolar Applications 1. For Bidrectional Use C or CA Suffix for Types 1.5SMC6.8 through Types 1.5SMC200A. 2. Electrical Characteristics Apply in Both Directions.
- 554 REV.1 Jan.-2004
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
GENERAL Device PART Marking NUMBER Code
1.5SMC6.8 1.5SMC6.8A 1.5SMC7.5 1.5SMC7.5A 1.5SMC8.2 1.5SMC8.2A 1.5SMC9.1 1.5SMC9.1A 1.5SMC10 1.5SMC10A 1.5SMC11 1.5SMC11A 1.5SMC12 1.5SMC12A 1.5SMC13 1.5SMC13A 1.5SMC15 1.5SMC15A 1.5SMC16 1.5SMC16A 1.5SMC18 1.5SMC18A 1.5SMC20 1.5SMC20A 1.5SMC22 1.5SMC22A 1.5SMC24 1.5SMC24A 1.5SMC27 1.5SMC27A 1.5SMC30 1.5SMC30A 1.5SMC33 1.5SMC33A 1.5SMC36 1.5SMC36A 1.5SMC39 1.5SMC39A 1.5SMC43 1.5SMC43A 1.5SMC47 1.5SMC47A 1.5SMC51 1.5SMC51A 1.5SMC56 1.5SMC56A 1.5SMC62 1.5SMC62A 1.5SMC68 1.5SMC68A 1.5SMC75 1.5SMC75A 1.5SMC82 1.5SMC82A 1.5SMC91 1.5SMC91A DDJ DEJ DFJ DGJ DHJ DKJ DLJ DMJ DNJ DPJ DQJ DRJ DSJ DTJ DUJ DVJ DWJ DXJ DYJ DZJ EDJ EEJ EFJ EGJ EHJ EKJ ELJ EMJ ENJ EPJ EQJ ERJ ESJ ETJ EUJ EVJ EWJ EXJ EYJ EZJ FDJ FEJ FFJ FGJ FHJ FKJ FLJ FMJ FNJ FPJ FQJ FRJ FSJ FTJ FUJ FVJ
Maximum Maximum Maximum Maximum Breakdown Voltage Test Stand-Off Current Voltage Reverse Leakage Peak Surge Clamping Temperature VBR @IT VWM at Vwm Current IPPM Voltage at IPPM Coefficient (Volts) (Note 1) O Min Max (mA) (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR(% / C)
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.8 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.50 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 145 150 134 139 126 130 114 117 105 108 97 100 91 94 82 86 71 74 67 70 59 60 54 56 49 51 45 47 40 42 36 38 33 34 30 31 27 29 25 26 23 24 21 22 19 20 17 18 16 17 14 15 13 13.9 12 12.6 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106
- 555 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
GENERAL Device PART Marking NUMBER Code
1.5SMC100 1.5SMC100A 1.5SMC110 1.5SMC110A 1.5SMC120 1.5SMC120A 1.5SMC130 1.5SMC130A 1.5SMC150 1.5SMC150A 1.5SMC160 1.5SMC160A 1.5SMC170 1.5SMC170A 1.5SMC180 1.5SMC180A 1.5SMC200 1.5SMC200A FWJ FXJ FYJ FZJ GDJ GEJ GFJ GGJ GHJ GKJ GLJ GMJ GNJ GPJ GQJ GRJ GSJ GTJ
Breakdown Voltage Stand-Off Maximum Maximum Maximum Maximum VBR Test Curre Voltage Reverse Leakage Peak Surge Clamping Temperature (Volts) (Note 1) @IT(mA) VWM at Vwm Current IPPM Voltage at IPPM Coefficient O Min Max (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR(% / C)
90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 81.0 85.5 89.2 94.0 97.2 102.0 106.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 10.9 11.4 9.9 10.3 9.1 9.5 8.4 8.7 7.3 7.6 6.8 7.1 6.4 6.7 6.1 6.4 5.4 5.7 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108
Notes: 1. VBR measured after IT applied for 300us, IT =square wave pulse or equivalent. 2. Surge current waveform per Figure 3 and derate per Figure 2. 3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled. 4. For bidirectional use C or Ca suffix for types 1.5SMC 6.8 through 1.5SMC200A. 5. All terms and symbols are consistent with ANSI/IEEE C62.35.
- 556 -
RATINGS AND CHARACTERISTIC CURVES (1.5SMC SERIES)
FIG.1- PEAK PULSE POWER RATING CURVE
100
FIG.2- PULSE DERATING CURVE
PEAK PULSE POWER (PPP) or CURRENT (IPPM) DERATING IN PERCENTAGE. %
200
PPPM, PEAK PULSE POWER, KW
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 O TA = 25 C
10
150
100
1.0
50
0.1 0.1 s
1s
10 s
100 s
1.0ms
10ms
0 0 25 50 75 100 125
O
tp, PULSE WIDTH, sec.
150
175
200
TA, AMBIENT TEMPERATURE. ( C)
FIG.3- PULSE WAVEFORM
150
FIG.4- TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
10,000
PEAK PULSE CURRENT - %
tr = 10 sec Peak Value IPPM
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
CJ, JUNCTION CAPACITANCE. (pF)
UNIDIRECTIONAL BIDIRECTIONA
100
50
Half Value - IPPM 2 10/1000 sec. WAVEFORM as DEFINED by R.E.A.
VR=0
1,000
0 0
td
1.0 2.0 3.0 4.0
100
t, TIME, ms
Tj = 25 C f=1.0MHz Vsig=50mVp-p VR-RATED STAND-OFF VOLTAGE
O
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
200
100
8.3ms Single Half Sine Wave JEDEC Method Tj=Tj max.
10 1.0 10 100 200
V(BR), BREAKDOWN VOLTAGE. VOLTS
10 1 10 100
NUMBER OF CYCLES AT 60Hz
- 557 -


▲Up To Search▲   

 
Price & Availability of 15SMC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X