Part Number Hot Search : 
74HC244 1212S XP6111 1212S LM258WD 1SV294 MMBF4118 1SV28807
Product Description
Full Text Search
 

To Download UN8231A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors with built-in Resistor
UNR8231/UNR8231A (UN8231/UN8231A)
Silicon NPN epitaxial planer transistor
Unit: mm
0.15
For switching
6.90.1 0.7 4.0
1.05 2.50.1 0.05
(1.45) 0.8
I Features
G G
G
High forward current transfer ratio hFE. Resistor built-in type, allowing downsizing of the equipment and reduction of the number of parts. Available in a type with radial taping.
0.65 max.
1.0 1.0
0.2
0.45-0.05
+0.1
Parameter Collector to base voltage UNR8231 UNR8231A
Symbol VCBO VCEO ICP IC PT* Tj Tstg
Ratings 20 60 20 50 1.5 0.7 1 150 -55 to +150
Unit V
UNR8231 Collector to emitter voltage UNR8231A Peak collector current Collector current Total power dissipation Junction temperature Storage temperature
1 : Emitter 2 : Collector 3 : Base MT-2 Type Package
V A A W C C
R1(1k)
Internal Connection
2.50.1
I Absolute Maximum Ratings
1
2
3
(Ta=25C)
0.45-0.05
+0.1
2.50.5
2.50.5
C
B
R2 (47k)
* Printed circuit board: Copper foil area of 1cm2 or more and thickness of 1.7mm for the collector portion.
E
I Electrical Characteristics
Parameter Collector cutoff current Collector cutoff current Emitter cutoff current Collector to base voltage UNR8231 UNR8231A UNR8231 UNR8231A
(Ta=25C)
Symbol ICBO ICEO IEBO VCBO VCEO hFE* VCE(sat)* R1 R1/R2 fT VCB = 10V, IE = -50mA, f = 200MHz Conditions VCB = 15V, IE = 0 VCE = 15V, IB = 0 VEB = 14V, IC = 0 IC = 10A, IE = 0 IC = 1mA, IB = 0 VCE = 10V, IC = 150mA IC = 500mA, IB = 5mA 0.7 0.016 1 0.021 200 20 60 20 50 800 2100 0.4 1.3 0.025 MHz *Pulse measurement V k min typ max 1 10 0.5 Unit A A mA V
Collector to emitter voltage
14.50.5
0.5 4.50.1
V
Forward current transfer ratio Collector to emitter saturation voltage Input resistance Resistance ratio Transition frequency
Note.) The Part numbers in the Parenthesis show conventional part number.
1
Transistors with built-in Resistor
PT -- Ta
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 40 80 120 160
0 0 2 4 6 8 10 12 1.2
UNR8231/UNR8231A
IC -- VCE
100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C IC/IB=100
Total power dissipation PT (W)
Collector current IC (A)
Copper foil area of 1cm2 or more and thickness of 1.7mm for the collector portion.
1.0
IB=1.2mA 1.0mA
30 10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.01 0.03 25C -25C
0.8
0.8mA 0.6mA 0.4mA
0.6
0.4 0.2mA 0.2
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
hFE -- IC
2400
Cob -- VCB
Collector output capacitance Cob (pF)
10 VCE=10V 30
Forward current transfer ratio hFE
2000
25
1600 25C 1200
Ta=75C
20
15
-25C 800
10
400
5
0 0.01 0.03
0.1
0.3
1
3
0 0.1
0.3
1
3
10
30
100
Collector current IC (A)
Collector to base voltage VCB (V)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of UN8231A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X