Part Number Hot Search : 
5500A B5S16862 NT605 S7812 TA201818 KTB1260 TCZM15C S2401
Product Description
Full Text Search
 

To Download UF1507S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF1501/S - UF1507/S
1.5A ULTRA-FAST RECTIFIER Features
* * * * * * Diffused Junction Ultra-Fast Switching for High Efficiency High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 50A Peak Low Reverse Leakage Current Plastic Material: UL Flammability Classification Rating 94V-0
A
B
A
D
DO-41 DO-15 Min 25.40 5.50 0.686 2.60 Max 3/4 7.62 0.889 3.60 3/4 5.21 0.864 2.72
C
Mechanical Data
* * * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number DO-41 Weight: 0.35 grams (approx.) DO-15 Weight: 0.40 grams (approx.) Mounting Position: Any
Dim A B C D
Min 25.40 4.06 0.71 2.00
Max
All Dimensions in mm "S" Suffix Designates DO-41 Package No Suffix Designates DO-15 Package
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 1.5A @ TA = 25C @ TA = 100C
@ TA = 25C unless otherwise specified
UF UF UF UF UF UF UF Symbol 1501/S 1502/S 1503/S 1504/S 1505/S 1506/S 1507/S VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJA Tj, TSTG 50 35 70 -65 to +150 1.0 50 35 100 70 200 140 400 280 1.5 50 1.3 5.0 100 75 20 1.7 600 420 800 560 1000 700
Unit V V A A V mA ns pF K/W C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
DS25006 Rev. A1-2
1 of 2
UF1501/S - UF1507/S
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
1.2
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.5
10
UF1501 - UF1503 UF1504
1.0
0.9
0.6
0.1
UF1505 - UF1507
0.3
Single phase half-wave 60 Hz resistive or inductive load
0
0.01 0.6 0.8 1.0
Tj = 25C Pulse width = 300s
25
50
75
100
125
150
175
200
1.2
1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
100
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
Tj = 25C f = 1.0MHz
Cj, CAPACITANCE (pF)
40
UF1501 - UF1504
UF1505 - UF1507
10
20
0
1
1
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current
100
1
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr
100
50 NI (Non-inductive) Device Under Test 50V DC Approx
10 NI
+0.5A
(-)
Pulse Generator (Note 2)
(+) (-)
0A -0.25A
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS25006 Rev. A1-2
2 of 2
UF1501/S - UF1507/S


▲Up To Search▲   

 
Price & Availability of UF1507S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X