Part Number Hot Search : 
PIC16L 5KE100 H732TM 53232 29517 ATP203 SP1648 SSG4801
Product Description
Full Text Search
 

To Download TML15212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Encapsulated Power Supply
TML Series
Features
Switching Power Modules for PCB Mounting Fully encapsulated Plastic Case Single, Dual and Triple Output Models Universal Input 85-264 VAC, 47 - 440 Hz High Efficiency EMI meets EN 55022, Class B and FCC, Level B Low Ripple and Noise Short Circuit and Overload Protection Safety Class II Product (30 Watt Models) 2 Year Product Warranty
5 - 30 Watt
The TML Series switching power supplies, offer high power density in a fully encapsulated module. This feature makes these modules an ideal solution for all space critical applications in commercial and industrial electronic equipment. Full compliance to European low voltage and EMC directive, UL and cUL safety approval qualifies this product for worldwide markets. SMD-technology and a high efficiency guarantees a high reliability of these Power Supplies.
Models
OrderCode TML 05105 TML 05112 TML 05115 TML 05124 TML 05205 TML 05212 TML 05215 TML 10105 TML 10112 TML 10115 TML 10124 TML 10205 TML 10212 TML 10215 10 Watt 5 Watt Output Power max. Output 1 Inom 5 VDC / 1000 mA 12 VDC / 416 mA 15 VDC / 333 mA 24 VDC / 200 mA 5 VDC / 500 mA 12 VDC / 200 mA 15 VDC / 160 mA 5 VDC / 2000 mA 12 VDC / 833 mA 15 VDC / 666 mA 24 VDC / 416 mA 5 VDC / 800 mA 12 VDC / 380 mA 15 VDC / 300 mA -5 VDC / 800 mA -12 VDC / 380 mA -15 VDC / 300 mA -5 VDC / 500 mA -12 VDC / 200 mA -15 VDC / 160 mA Output 2 Inom Output 3 Inom
http://www.tracopower.com
Page 1
Encapsulated Power Supply
TML Series 5 - 30 Watt
Models
OrderCode TML 15105 TML 15112 TML 15115 TML 15124 TML 15205 TML 15212 TML 15215 TML 15512 TML 15515 TML 30103 TML 30105 TML 30112 TML 30115 TML 30124 TML 30205 TML 30212 TML 30215 TML 30252 TML 30512 TML 30515 30 Watt 15 Watt Output Power max. Output 1 Inom 5 VDC / 3000 mA 12 VDC / 1250 mA 15 VDC / 1000 mA 24 VDC / 625 mA 5 VDC / 1500 mA 12 VDC / 650 mA 15 VDC / 500 mA 5 VDC / 2000 mA 5 VDC / 2000 mA 3.3 VDC / 6000 mA 5 VDC / 6000 mA 12 VDC / 2500 mA 15 VDC / 2000 mA 24 VDC / 1250 mA 5 VDC / 3000 mA 12 VDC / 1300 mA 15 VDC / 1000 mA * 5 VDC / 3000 mA * 5 VDC / 3000 mA * 5 VDC / 3000 mA -5 VDC / 3000 mA -12 VDC / 1300 mA -15 VDC / 1000 mA * 12 VDC / 1250 mA 12 VDC / 630 mA 15 VDC / 500 mA -12 VDC / -15 VDC / 630 mA 500 mA -5 VDC / 1500 mA -12 VDC / 650 mA -15 VDC / 500 mA 12 VDC / 200 mA 15 VDC / 150 mA -12 VDC / -15 VDC / 200 mA 150 mA Output 2 Inom Output 3 Inom
* Output floating
Input Specifications
Input voltage range Input frequency Input current no load - TML 5 models - TML 10 models - TML 15 models - TML 30 models Input current full load - TML 5 models - TML 10 models - TML 15 models - TML 30 models Inrush current (< 2 ms) External fuse (recommended) 85 - 264 VAC 47 - 440 Hz 115 VAC/230 VAC 10 mA / 15 mA typ. 15 mA / 20 mA typ 18 mA / 25 mA typ. 30 mA / 55 mA typ. 115 VAC/230 VAC 160 mA / 80 mA typ. 200 mA / 120 mA typ 280 mA / 165 mA typ. 550 mA / 320 mA typ. 115 VAC / 230 VAC 10 A max / 20 A max 1.5 A slow blow type
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2
Encapsulated Power Supply
TML Series 5 - 30 Watt
Output Specifications
Voltage set accuracy Regulation - Input variation - Load variation (10 - 100%) - Single output models - Dual/ triple output models Minimum load (only triple output models) Ripple and noise (20 MHz Bandwidth) Current limitation Short circuit protection Maximum capacitive load - 3.3 & 5 VDC output models: - other models: 2% 0.3 % max. 1.0 % max. 5 % max. 10 % (main output) < 1.5 % of Vout < 1.0 % of Vout 120 - 180 % fold back hiccup mode, indefinite (automatic recovery) 470 - 50'000 F depending on model
General Specifications
Temperature ranges - Operating - Power derating above 50C - Storage (non operating) Temperature coefficient Efficiency Humidity (non condensing) Switching frequency Hold-up time Isolation voltage - Input/ Output - 25 C...+71 C ambient temp. max. 3.75 %/C - 40 C...+85 C 0.02 % / C 72 - 80 % (depending on model) 95 % rel max. 100 kHz typ. (Puls width modulation PWM) 40 ms min. ( Vin 115...230 VAC) 3`000 VAC > 660'000 h @ 25C EN 55022, class B, FCC part 15, level B - Electrostatic discharge ESD - RF field susceptibility - Electrical fast transients/bursts on mainsline IEC / EN 61000-4-2 level 2 IEC / EN 61000-4-3 level 4 IEC / EN 61000-4-4 level 4 to IEC / EN 60536 UL 1950, IEC 60950, EN 60950 cUL /UL File E188913 Plastic resin + Fiberglass (flammability to UL 94-V0) 4 kV / 8 kV 3 V/m 1 kV
Reliability /calculated MTBF (MIL-HDBK-217E) EMI / RFI conducted EMC compliance
Safety Class II (only 30 watt models) Safety standards Safety approval Case material
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3
Encapsulated Power Supply
TML Series 5 - 30 Watt
Outline Dimensions mm (inches) TML 05xxx
(0.39 0.016)
20.5 0.5
10
(0.79 0.02) (0.39)
(0.69 0.016) (0.69 0.016)
17.5 0.4 17.5 0.4
3 6 2 1 47 0.5
(1.770.02)
(1.770.02)
45 0.5
Bottom view
5
(0.39 0.016)
4 0.5
(0.160.02)
55 0.5
(2.170.02)
10 0.4
4
10 0.4
Pin diameter o 1.0 mm
Weight:
80 g (2.8 oz)
Pin-Out
Pin 1 2 3 4 5 6 Single FG AC in AC in -V out NC +V out Dual FG AC in AC in -V out Common +V out
Specifications can be changed without notice http://www.tracopower.com Page 4
Encapsulated Power Supply
TML Series 5 - 30 Watt
Outline Dimensions mm (inches) TML 10xxx
20.5 0.5 10
(0.79 0.02) (0.39)
(0.39 0.016 ) (0.39 0.016)
(0.69 0.016) (0.69 0.016)
17.5 0.4 17.5 0.4
3 6 2 1 54 0.5
(2.130.02)
(1.770.02)
45 0.5
Bottom view
5
10 0.4
4
4 0.5
(0.160.02)
64 0.5
(2.520.02)
10 0.4
Pin diameter o 1.0 mm
Weight:
100 g (3.5 oz)
Pin-Out
Pin 1 2 3 4 5 6 Single FG AC in AC in -V out NC +V out Dual FG AC in AC in -V out Common +V out
Specifications can be changed without notice http://www.tracopower.com Page 5
Encapsulated Power Supply
TML Series 5 - 30 Watt
Outline Dimensions mm (inches)
TML 15xxx
(0.33 0.016)
22 0.5
10
(0.79 0.016)
20.0 0.4
3 Bottom view 2
8 7 6 5
(0.45 0.016) (0.45 0.016)
20.0 0.4
(0.79 0.016)
1 62 0.5
(2.440.02)
4
(0.33 0.016
6 0.5
(0.240.02)
74 0.5
(2.910.02)
8.50.4
11.5 0.4 11.5 0.4
(2.130.02)
54 0.5
8.50.4
(0.87 0.02) (0.39)
Pin diameter o 1.0 mm
Weight:
140 g (4.9 oz)
Pin-Out
Pin 1 2 3 4 5 6 7 8 Single FG AC in AC in No Pin -V out No Pin +V out No Pin Dual FG AC in AC in No Pin -V out Common +V out No Pin Triple FG AC in AC in -V out 3 Com. 2/3 +V out 2 -V out 1 +V out 1
Specifications can be changed without notice http://www.tracopower.com Page 6
Encapsulated Power Supply
TML Series 5 - 30 Watt
Outline Dimensions mm (inches)
TML 30xxx
15.24 0.4
(0.60 0.016
25 0.5
(0.98 0.02)
6.0
(0.24)
2
(1.10 0.016)
7 6 5
27.90.4
12.7 0.4 12.7 0.4 15.24 0.4
63.5 0.5
(2.500.02)
Bottom view
27.9 0.4
(1.10 0.016)
4 1 3 81.3 0.5
(3.200.02)
6 0.5
(0.240.02)
89 0.5
(3.500.02)
(0.60 0.016
(0.5 0.016) (0.5 0.016)
Pin diameter o 1.0mm
Weight :
180 g (6.3 oz)
Pin-Out
Pin 1 2 3 4 5 6 7 Single AC in AC in +V out No Pin -V out No Pin No Pin Dual sym. Dual asym. AC in AC in +V out No Pin Common No Pin -V out AC in AC in +V out 1 No Pin - V out 2 - V out 1 +V out 2 Triple AC in AC in +V out 2 +V out 1 Com. 2/3 -V out 1 -V out 3
Specifications can be changed without notice
Rev. 11/01
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch * internet: http://www.tracopower.com
Page 7


▲Up To Search▲   

 
Price & Availability of TML15212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X