Part Number Hot Search : 
BQ040 5A001 8TEEI D2000 S1022 SP804RCN T6250430 1N505906
Product Description
Full Text Search
 

To Download TIP147 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP145/146/147
TIP145/146/147
Monolithic Construction With Built In BaseEmitter Shunt Resistors
* High DC Current Gain : hFE = 1000 @ VCE = -4V, IC = -5A (Min.) * Industrial Use * Complement to TIP140/141/142
1
TO-3P
PNP Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO Parameter Collector-Base Voltage : TIP145 : TIP146 : TIP147 Value - 60 - 80 - 100 - 60 - 80 - 100 -5 - 10 - 15 - 0.5 125 150 - 65 ~ 150 Units V V V V V V V A A A W C C
1.Base 2.Collector 3.Emitter
Equivalent Circuit C
B
VCEO VEBO IC ICP IB PC TJ TSTG
Collector-Emitter Voltage : TIP145 : TIP146 : TIP147 Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current (DC) Collector Dissipation (TC=25C) Junction Temperature Storage Temperature
R1
R2 E
R1 8k R2 0.12k
Electrical Characteristics TC=25C unless otherwise noted
Symbol VCEO(sus) Parameter Collector-Emitter Sustaining Voltage : TIP145 : TIP146 : TIP147 Collector Cut-off Curren : TIP145 : TIP146 : TIP147 ICBO Collector Cut-off Current : TIP145 : TIP146 : TIP147 IEBO hFE VCE(sat) VBE(sat) VBE(on) tD tR tSTG tF Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter ON Voltage Delay Time Rise Time Storage Time Fall Time VCB = - 60V, IE = 0 VCB = - 80V, IE = 0 VCB = - 100V, IE = 0 VBE = - 5V, IC = 0 VCE = - 4V,IC = - 5A VCE = - 4V, IC = - 10A IC = - 5A, IB = - 10mA IC = - 10A, IB = - 40mA IC = - 10A, IB = - 40mA VCE = - 4V, IC = - 10A VCC = - 30V, IC = - 5A IB1= -20mA, IB2 = 20mA RL = 6 0.15 0.55 2.5 2.5 1000 500 -2 -3 - 3.5 -3 V V V V s s s s
Rev. A, February 2000
Test Condition IC = - 30mA, IB = 0
Min. - 60 - 80 - 100
Typ.
Max.
Units V V V
ICEO
VCE = - 30V, IB = 0 VCE = - 40V, IB = 0 VCE = - 50V, IB = 0
-2 -2 -2 -1 -1 -1 -2
mA mA mA mA mA mA mA
(c)2000 Fairchild Semiconductor International
TIP145/146/147
Typical Characteristics
-10 -9
100000
VCE = -4V
IC[A], COLLECTOR CURRENT
-8 -7 -6 -5
IB = -2000A
hFE, DC CURRENT GAIN
IB = -1800A IB = -1600A IB = -1400A IB = -1200A IB = -1000A IB = -800A
10000
-4 -3 -2 -1 -0 -0 -1 -2 -3 -4 -5
1000
IB = -600A
IB = -400A
100 -0.1
-1
-10
-100
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
-10
-1000
IC =-500IB
f=0.1MHz
-1
VCE(sat)
Cob[pF], CAPACITANCE
-10 -100
VBE(sat)
-100
-0.1
-0.01 -0.1
-10 -1 -1 -10 -100 -1000
IC[A], COLLECTOR CURRENT
VCB[V], COLLECTOR-BASE VOLTAGE
Figure 3. Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
-100
150
125
IC[A], COLLECTOR CURRENT
PC[W], POWER DISSIPATION
-10
100
C D
75
-1
50
TIP140 TIP141 TIP142
25
-0.1 -1 -10 -100 -1000
0 0 25 50
o
75
100
125
150
175
VCE[V], COLLECTOR-EMITTER VOLTAGE
TC[ C], CASE TEMPERATURE
Figure 5. Safe Operating Area
Figure 6. Power Derating
(c)2000 Fairchild Semiconductor International
Rev. A, February 2000
TIP145/146/147
Package Demensions
TO-3P
15.60 0.20
3.80 0.20
13.60 0.20 o3.20 0.10 9.60 0.20
4.80 0.20 1.50 -0.05
+0.15
12.76 0.20
19.90 0.20
16.50 0.30
3.00 0.20 1.00 0.20
3.50 0.20
2.00 0.20
13.90 0.20
23.40 0.20
18.70 0.20
1.40 0.20
5.45TYP [5.45 0.30]
5.45TYP [5.45 0.30]
0.60 -0.05
+0.15
Dimensions in Millimeters
(c)2000 Fairchild Semiconductor International Rev. A, February 2000
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM
DISCLAIMER
HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench(R) QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2000 Fairchild Semiconductor International
Rev. E


▲Up To Search▲   

 
Price & Availability of TIP147

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X