Part Number Hot Search : 
150CT 23226153 BZM55C36 1110F MBT39 3225X 90120 PROTO
Product Description
Full Text Search
 

To Download STPS1L20M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS1L20M
LOW DROP POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) 1A 20 V 150C 0.37 V
FEATURES AND BENEFITS VERY SMALL CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES EXTREMELY FAST SWITCHING LOW FORWARD VOLTAGE DROP FOR HIGHER EFFICIENCY & EXTENDED BATTERY LIFE LOW THERMAL RESISTANCE AVALANCHE CAPABILITY SPECIFIED
s s s s s s
A C
ST Mite (DO-216AA)
DESCRIPTION Single Schottky rectifier suited for switch mode power supplies and high frequency DC to DC converters. Packaged in ST Mite, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection applications. Due to the small size of the package this device fits battery powered equipment (cellular, notebook, PDA's, printers) as well chargers and PCMCIA cards. ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM PARM Tstg Tj dV/dt *: RMS forward current Average forward current Surge non repetitive forward current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature* Critical rate of rise of reverse voltage (rated Vr, Tj = 25C) Tc = 140C tp = 1s = 0.5 10 ms sinusoidal Tj = 25C Parameter Repetitive peak reverse voltage Value 20 2 1 50 1400 - 65 to + 150 150 10000 Unit V A A A W C C V/s
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth( j - a )
1/5
July 2003 - Ed : 2A
STPS1L20M
THERMAL RESISTANCE Symbol Rth (j-c)* Rth (j-a)* Junction to case Junction to ambient Parameter Value 20 250 Unit C/W C/W
* Monted with minimum recommended pad size, PC board FR4.
STATIC ELECTRICAL CHARACTERISTICS Value Symbol IR * Parameter Reverse leakage current Tests conditions Min. Tj = 25C Tj = 85C Tj = 25C Tj = 85C Tj = 25C Tj = 85C VF * Forward voltage drop Tj = 25C Tj = 85C Tj = 25C Tj= 85C
Pulse test : * tp 380 s, 2%
Unit Typ. 0.015 0.9 Max. 0.075 4.5 0.035 2.5 0.025 1.6 0.43 0.37 0.53 0.49 V mA
VR = VRRM
VR = 10 V
0.005 0.45
VR = 5 V
0.003 0.3
IF = 1A
0.38 0.32
IF = 3 A
0.46 0.42
To evaluate the conduction losses use the following equation : P = 0.34 x IF(AV) + 0.07 IF2(RMS)
2/5
STPS1L20M
Fig. 1: Conduction losses versus average current. Fig. 2: Average forward current versus ambient temperature ( = 0.5)
IF(AV)(A)
= 0.1 = 0.05 =1 = 0.2 = 0.5
PF(AV)(W)
0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
T
1.1
Rth(j-a)=Rth(j-a)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
Rth(j-a)=270C/W
IF(AV)(A)
=tp/T
1.0 1.1
0.1
tp
Tamb(C)
0 25 50 75 100 125 150
0.0
1.2
Fig. 3: Normalized avalanche power derating versus pulse duration.
Fig. 4: Normalized avalanche power derating versus junction temperature.
PARM(tp) PARM(1s)
1
1.2 1
PARM(tp) PARM(25C)
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
0
10 100 1000
Tj(C)
0 25 50 75 100 125 150
Fig. 5: Non repetitive surge peak forward current versus overload duration (maximum values).
IM(A)
25
Fig. 6: Relative variation of thermal impedance junction to case versus pulse duration.
Zth(j-c)/Rth(j-c)
1.0 0.9
20
0.8 0.7
15
TC=25C
0.6 0.5 0.4 0.3
= 0.5
10
TC=75C
= 0.2 = 0.1 Single pulse
5
TC=125C
IM t
0.2 0.1 0.0
T
t(s)
1.E-02 1.E-01 1.E+00
0 1.E-03
=0.5
tP(s)
1.E-03 1.E-02
=tp/T
tp
1.E-04
1.E-01
3/5
STPS1L20M
Fig. 7: Reverse leakage current versus reverse voltage applied (typical values).
IR(mA)
1.E+02
Tj=150C
Fig. 8: Reverse leakage current versus junction temperature (typical values).
IR(mA)
1.E+02
VR=20V
1.E+01
Tj=125C
1.E+01
Tj=100C
1.E+00
Tj=75C
1.E+00
1.E-01
Tj=50C
1.E-01
1.E-02
Tj=25C
1.E-02
VR(V)
1.E-03 0 2 4 6 8 10 12 14 16 18 20
1.E-03 0 25 50
Tj(C)
75 100 125 150
Fig. 9: Junction capacitance versus reverse voltage applied (typical values).
C(pF)
1000
F=1MHz Vosc=30mV Tj=25C
Fig. 10: Forward voltage drop versus forward current.
IFM(A)
2.0 1.8 1.6 1.4 1.2
Tj=85C (Typical values) Tj=85C (Maximum values)
100
1.0 0.8 0.6 0.4
VR(V)
10 1 10 100
0.2 0.0 0.00
VFM(V)
0.05 0.10 0.15 0.20 0.25 0.30 0.35
Tj=25C (Maximum values)
0.40
0.45
0.50
Fig. 11: Thermal resistance junction to ambient versus copper surface under tab (epoxy printed board FR4, Cu = 35m, typical values).
Rth(j-a)(C/W)
250
200
150
100
50
S(mm)
0 0 20 40 60 80 100 120 140 160 180 200
4/5
STPS1L20M
PACKAGE MECHANICAL DATA ST Mite DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. 0.85 1.00 1.15 0.033 0.039 0.045 0.10 0.004 0.40 0.65 0.016 0.025 0.70 1.00 0.027 0.039 0.10 0.25 0.004 0.010 1.75 1.90 2.05 0.069 0.075 0.081 1.75 1.90 2.05 0.069 0.075 0.081 3.60 3.75 3.90 0.142 0.148 0.154 0.50 0.63 0.80 0.047 0.025 0.031 1.20 1.35 1.50 0.047 0.053 0.059 0.50 ref (Typ.) 0.019 ref (Typ.) 0.07 0.003 0.07 0.003
REF.
L3 D
b2
b
H L2 L R E
C A1 R1 0 to 6
A
A A1 b b2 c D E H L L2 L3 R R1
Note:
The anode is connected to the longer tab The cathode is connected to the shorter tab (heatsink)
FOOTPRINT (dimensions in mm)
2.67 0.762 2.54
1.27
0.635
Type STPS1L20M
Marking 1L2
Package ST Mite
Weight 15.5 mg
Base qty 12000
Delivery mode Tape & reel
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STPS1L20M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X