Part Number Hot Search : 
2832603 ZL5001 S1D13A05 N60CF 1N53S2B BM29F400 IRFBC40 CUB5USB0
Product Description
Full Text Search
 

To Download STH8NA60FI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STW8NA60 STH8NA60FI
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
TYPE STW 8NA60 STH8NA60F I
V DSS 600 V 600 V
R DS(on) <1 <1
ID 8A 5A
s s s s s s s
TYPICAL RDS(on) = 0.92 30V GATE TO SOURCE VOLTAGE RATING 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED REDUCED THRESHOLD VOLTAGE SPREAD
1
2
3
2 1
3
TO-247 APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE
ISOWATT218
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter Valu e ST W8NA60 V DS V DGR V GS ID ID I DM (*) P tot V ISO Ts tg Tj Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 C Drain Current (pulsed) T otal Dissipation at Tc = 25 o C Derating Factor Insulation W ithstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature
o o
Unit
STH8NA60FI 600 600 30 V V V 5 3.2 32 60 0.48 4000 A A A W W /o C V
o o
8 5.1 32 150 1.2 -65 to 150 150
C C
(*) Pulse width limited by safe operating area
October 1998
1/10
STW8NA60-STH8NA60FI
THERMAL DATA
TO-247 R thj -case R thj -amb R thc-sink Tl Thermal Resistance Junction-case Max 0.83 30 0.1 300 ISOWATT 218 2.08
o o o
C/W C/W C/W o C
Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature F or Soldering Purpose
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy (starting Tj = 25 o C, ID = IAR , V DD = 50 V) Max Value 8 480 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 600 25 250 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 30 V
T c = 100 oC
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V Test Con ditions ID = 250 A ID = 4 A 8 Min. 2.25 Typ. 3 0.92 Max. 3.75 1 Unit V A
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz ID = 4 A V GS = 0 Min. 4.5 Typ. 6.6 1350 175 45 1690 230 60 Max. Unit S pF pF pF
2/10
STW8NA60-STH8NA60FI
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Con ditions V DD = 300 V I D = 4 A R G = 4.7 V GS = 10 V (see test circuit, figure 3) V DD = 480 V I D = 8 A VGS = 10 V R G = 47 (see test circuit, figure 5) V DD = 480 V ID = 8 A VGS = 10 V Min. Typ. 20 35 200 Max. 28 35 Unit ns ns A/s
Qg Q gs Q gd
Total G ate Charge Gate-Source Charge Gate-Drain Charge
58 9 27
82
nC nC nC
SWITCHING OFF
Symbo l tr (Voff) tf tc Parameter Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V DD = 640 V I D = 8 A R G = 4.7 VGS = 10 V (see test circuit, figure 5) Min. Typ. 16 16 26 Max. 23 23 37 Unit ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 8 A V GS = 0 600 10 33 I SD = 8 A di/dt = 100 A/s T j = 150 o C V DD = 100 V (see test circuit, figure 5) Test Con ditions Min. Typ. Max. 8 32 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area for TO-247
Safe Operating Area for ISOWATT218
3/10
STW8NA60-STH8NA60FI
Thermal Impedance for TO-247 Thermal Impedance for ISOWATT218
Derating Curve for TO-247
Derating Curve for ISOWATT218
Output Characteristics
Transfer Characteristics
4/10
STW8NA60-STH8NA60FI
Transconductance Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Gate Threshold Voltage vs Temperature
Normalized On Resistance vs Temperature
5/10
STW8NA60-STH8NA60FI
Turn-on Current Slope Turn-off Drain-source Voltage Slope
Cross-over Time
Switching Safe Operating Area
Accidental Overload Area
Source-drain Diode Forward Characteristics
6/10
STW8NA60-STH8NA60FI
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/10
STW8NA60-STH8NA60FI
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M Dia 2 3.55 15.3 19.7 14.2 34.6 5.5 3 3.65 0.079 0.140 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 0.413 1.362 0.217 0.118 0.144 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
8/10
STW8NA60-STH8NA60FI
ISOWATT218 MECHANICAL DATA
DIM. MIN. A C D D1 E F G H L1 L2 L3 L4 L5 L6 M N U 5.35 3.3 2.9 1.88 0.75 1.05 10.8 15.8 20.8 19.1 22.8 40.5 4.85 20.25 3.5 2.1 4.6 mm TYP. MAX. 5.65 3.8 3.1 2.08 1 1.25 11.2 16.2 21.2 19.9 23.6 42.5 5.25 20.75 3.7 2.3 MIN. 0.210 0.130 0.114 0.074 0.029 0.041 0.425 0.622 0.818 0.752 0.897 1.594 0.190 0.797 0.137 0.082 0.181 inch TYP. MAX. 0.222 0.149 0.122 0.081 0.039 0.049 0.441 0.637 0.834 0.783 0.929 1.673 0.206 0.817 0.145 0.090
L3 N A E L2 L5 L6 F M U H 1 L1 L4 2 3 G D1 C D
P025C
9/10
STW8NA60-STH8NA60FI
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
10/10


▲Up To Search▲   

 
Price & Availability of STH8NA60FI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X