Part Number Hot Search : 
C847B 41HF40 MANO840 MPSH04 2CSC2024 CXA3050M AD7886JD 41HF40
Product Description
Full Text Search
 

To Download STD55NH02L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL 24V - 0.008 - 55A DPAK/IPAK ULTRA LOW GATE CHARGE STripFETTM POWER MOSFET
TARGET DATA TYPE STD55NH02L
s s s s s s s
STD55NH02L
VDSS 24 V
RDS(on) < 0.010
ID 55 A
s
TYPICAL RDS(on) = 0.008 @ 10 V TYPICAL RDS(on) = 0.011 @ 4.5 V RDS(ON) * Qg INDUSTRY's BENCHMARK CONDUCTION LOSSES REDUCED SWITCHING LOSSES REDUCED LOW THRESHOLD DEVICE THROUGH-HOLE IPAK (TO-251) POWER PACKAGE IN TUBE (SUFFIX "-1") SURFACE-MOUNTING DPAK (TO-252) POWER PACKAGE IN TAPE & REEL (SUFFIX "T4")
3 2 1
IPAK TO-251 (Suffix "-1") DPAK TO-252 (Suffix "T4")
3 1
INTERNAL SCHEMATIC DIAGRAM DESCRIPTION
The STD55NH02L is based on the latest generation of ST's proprietary STripFETTM technology. An innovative layout enables the device to also exhibit extremely low gate charge for the most demanding requirements as high-side switch in high-frequency DC-DC converters. It's therefore ideal for high-density converters in Telecom and Computer applications.
APPLICATIONS s SPECIFICALLY DESIGNED AND OPTIMISED FOR HIGH EFFICIENCY DC/DC CONVERTES
Ordering Information
SALES TYPE STD55NH02LT4 STD55NH02L-1 MARKING D55NH02L D55NH02L PACKAGE TO-252 TO-251 PACKAGING TAPE & REEL TUBE
ABSOLUTE MAXIMUM RATINGS
Symbol Vspike(1) VDS VDGR VGS ID ID IDM(2) Ptot EAS(3) Tstg Tj April 2003
This is preliminary information on a new product forseen to be developped. Details are subject to change without notice
Parameter Drain-source Voltage Rating Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Single Pulse Avalanche Energy Storage Temperature Operating Junction Temperature
Value 30 24 24 18 55 39 220 60 0.4 TBD -55 to 175
Unit V V V V A A A W W/C mJ C 1/10
STD55NH02L
THERMAL DATA
Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Maximum Lead Temperature For Soldering Purpose Max Max 2.5 100 275 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating TC = 125C VGS = 18V Min. 24 1 10 100 Typ. Max. Unit V A A nA
ON (4)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS VGS = 10 V VGS = 4.5 V ID = 250 A ID = 27.5 A ID = 27.5 A Min. 1 0.008 0.011 0.010 0.014 Typ. Max. Unit V
DYNAMIC
Symbol gfs (4) Ciss Coss Crss RG Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Input Resistance Test Conditions VDS = 20 V ID = 27.5 A Min. Typ. TBD 860 450 56 Max. Unit S pF pF pF
VDS = 10V f = 1 MHz VGS = 0
f = 1 MHz Gate DC Bias = 0 Test Signal Level = 20 mV Open Drain
1.5
2/10
STD55NH02L
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Qoss (5) Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Output Charge Test Conditions ID = 27.5 A VDD = 10 V RG = 4.7 VGS = 10 V (Resistive Load, Figure 3) 0.44V VDD 10V, VGS= 4.5 V VDS= 10 V Min. Typ. TBD TBD 9 TBD TBD TBD 12 Max. Unit ns ns nC nC nC nC
ID= 55 A
VGS= 0 V
SWITCHING OFF
Symbol td(off) tf Parameter Turn-off Delay Time Fall Time Test Conditions ID = 27.5 A VDD = 10 V RG = 4.7, VGS = 10 V (Resistive Load, Figure 3) Min. Typ. TBD TBD Max. Unit ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (4) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 27.5 A VGS = 0 TBD TBD TBD Test Conditions Min. Typ. Max. 55 220 1.3 Unit A A V ns nC A
di/dt = 100A/s ISD = 55 A VDD = 20 V Tj = 150C (see test circuit, Figure 5)
(1) Garanted when external Rg=4.7 and tf < tfmax. (2) Pulse width limited by safe operating area (3) Starting Tj = 25 oC, ID = 25A, VDD = 15V
(4) Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (5) Qoss = Coss* Vin , Coss = Cgd + Cds . See Appendix A
.
.
3/10
STD55NH02L
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
4/10
STD55NH02L
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
C A C2
L2
D
B3 B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
5/10
STD55NH02L
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397
DIM.
H
A
C2
C
DETAIL "A"
A1
L2
D DETAIL "A"
B
=
=
3
B2
=
=
G
E
2
L4
1
=
=
A2
0068772-B
6/10
STD55NH02L
7/10
STD55NH02L
APPENDIX A Buck Converter: Power Losses Estimation
SW1
SW2
The power losses associated with the FETs in a Synchronous Buck converter can be estimated using the equations shown in the table below. The formulas give a good approximation, for the sake of performan comparison, of how different pairs of devices ce affect the converter efficiency. However a very important parameter, the working temperature, is not considered. The real device behavior is really dependent on how the heat generated inside the devices is emoved to allow for a safer working junction r temperature. The low side (SW2) device requires: * * * * * Very low RDS(on) to reduce conduction losses Small Qgls to reduce the gate charge losses Small Coss to reduce losses due to output capacitance Small Qrr to reduce losses on SW1 during its turn-on The Cgd/Cgs ratio lower than Vth/Vgg ratio especially with low drain to source voltage to avoid the cross conduction phenomenon;
The high side (SW1) device requires: * Small Rg and Ls to allow higher gate current peak an to limit the voltage d feedback on the gate * Small Qg to have a faster commutation and to reduce gate charge losses * Low RDS(on) to reduce the conduction losses.
8/10
STD55NH02L
High Side Switch (SW1)
Low Side Switch (SW2)
Pconduction
R DS(on)SW1 * I 2 * d L
R DS(on)SW2 * I 2 * (1 - d ) L
Pswitching
Vin * (Q gsth(SW1) + Q gd(SW1) ) * f *
IL Ig
Zero Voltage Switching
Pdiode
Recovery
Not Applicable
1
Vin * Q rr(SW2) * f
Conduction
Not Applicable
Vf(SW2) * I L * t deadtime * f Q gls(SW2) * Vgg * f
Pgate(Q G )
Q g(SW1) * Vgg * f
PQoss
Vin * Q oss(SW1) * f 2
Vin * Q oss(SW2) * f 2
Parameter d Qgsth Qgls Pconduction Pswitching Pdiode Pgate PQoss
Meaning Duty-cycle Post threshold gate charge Third quadrant gate charge On state losses On-off transition losses Conduction and reverse recovery diode losses Gate drive losses Output capacitance losses
1
Dissipated by SW1 during turn-on
9/10
STD55NH02L
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 2003 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of STD55NH02L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X