|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SRP100A THRU SRP100K FAST SWITCHING PLASTIC RECTIFIER Reverse Voltage - 50 to 800 Volts DO-204AL Forward Current - 1.0 Ampere FEATURES Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High surge current capability Construction utilizes void-free molded plastic technique 1.0 Ampere operation at TA=55C with no thermal runaway Fast switching for high efficiency High temperature soldering guaranteed: 250C/10 seconds 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension 1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA. 0.205 (5.2) 0.160 (4.1) MECHANICAL DATA 1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA. Case: JEDEC DO-204AL molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 1.3 grams Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS SRP 100A SRP 100B SRP 100D SRP 100G SRP 100J SRP 100K UNITS Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at T A=55C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TA=75C Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction temperature range Storage temperature range TA=25C TA=100C VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 1.0 400 280 400 600 420 600 800 560 800 Volts Volts Volts Amp IFSM VF IR trr CJ RJA TJ TSTG 30.0 1.3 10.0 200.0 100 12.0 41.0 -50 to +125 -50 to +150 200 Amps Volts A ns pF C/W C C NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted 4/98 RATINGS AND CHARACTERISTIC CURVES SRP100A THRU SRP100K 1.25 AVERAGE FORWARD CURRENT, AMPERES FIG. 1 - FORWARD CURRENT DERATING CURVE I(pk) I(AV) = FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 30 FORWARD SURGE CURRENT, AMPERES pk (HALF-SINE WAVE) 1.0 0.375" (9.5mm) LEAD LENGTH TA=75C 8.3ms SINGLE HALF SINE-WAVE 25 1.0 CYCLE 0.75 0.5 0.25 0 CAPACITIVE LOADS 5.0 I(pk) = I(AV) 10 20 20 15 10 5.0 1 10 NUMBER OF CYCLES AT 60Hz 0 20 40 60 80 100 120 140 100 AMBIENT TEMPERATURE, C 20 10 INSTANTANEOUS FORWARD CURRENT, AMPERES FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG. 4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT MICROAMPERES 100 10 TJ=100C 1 TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE 1 0.1 TJ=25C 0.1 0.01 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE, % 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE FIG. 5 - TYPICAL JUNCTION CAPACITANCE TJ=25C f=1.0 MHz Vsig=50mVp-p 100 TYPICAL THERMAL IMPEDANCE, C/W 100 JUNCTION CAPACITANCE, pF 10 10 1 1 0.1 1 10 100 0.1 0.01 0.1 1 t, PULSE DURATION, sec. 10 100 REVERSE VOLTAGE, VOLTS |
Price & Availability of SRP100D |