Part Number Hot Search : 
8N10J ZHCS1000 IDT7226 4VHCT0 C1302 CDRH103 IDT7226 SP30U
Product Description
Full Text Search
 

To Download SL4030BN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL4030B
Quad Exclusive-OR Gate
High-Voltage Silicon-Gate CMOS
The SL4030B types consist of four independent Exclusive-OR gates. The SL4030B provides the system designer with a means for direct implementation of the Exlusive-OR function. * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full packagetemperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 1.0 V min @ 5.0 V supply 2.0 V min @ 10.0 V supply 2.5 V min @ 15.0 V supply
ORDERING INFORMATION SL4030BN Plastic SL4030BD SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
FUNCTION TABLE
Inputs PIN 14 =VCC PIN 7 = GND A L L H H B L H L H Output Y L H H L
SLS
System Logic Semiconductor
SL4030B
MAXIMUM RATINGS *
Symbol VCC VIN VOUT IIN PD PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 -0.5 to VCC +0.5 -0.5 to VCC +0.5 10 750 500 100 -65 to +150 260
Unit V V V mA mW mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V ). CC Unused outputs must be left open.
SLS
System Logic Semiconductor
SL4030B
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Minimum Output Low (Sink) Current Test Conditions VOUT=0.5V or VCC - 0.5V VOUT=1.0V or VCC - 1.0V VOUT=1.5V or VCC - 1.5V VOUT=0.5V or VCC - 0.5V VOUT=1.0V or VCC - 1.0V VOUT=1.5V or VCC - 1.5V VIN=GND or VCC V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 5.0 10 15 20 5.0 10 15 5.0 5.0 10 15 Guaranteed Limit -55C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 0.25 0.5 1.0 5.0 0.64 1.6 4.2 -2.0 -0.64 -1.6 -4.2 25C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 0.25 0.5 1.0 5.0 0.51 1.3 3.4 -1.6 -0.51 -1.3 -3.4 125 C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 1.0 7.5 15 30 150 0.36 0.9 2.4 mA -1.15 -0.36 -0.9 -2.4 Unit V
VIL
V
VOH
V
VOL
VIN=GND or VCC
V
IIN ICC
VIN= GND or VCC VIN= GND or VCC
A A
IOL
VIN= GND or VCC UOL=0.4 V UOL=0.5 V UOL=1.5 V
mA
IOH
Minimum Output High VIN= GND or VCC (Source) Current UOH=2.5 V UOH=4.6 V UOH=9.5 V UOH=13.5 V
SLS
System Logic Semiconductor
SL4030B
AC ELECTRICAL CHARACTERISTICS(CL=50pF, RL=200k, Input t r=t f=20 ns)
VCC Symbol tPLH, t PHL Parameter Maximum Propagation Delay, Input A or B to Output Y (Figure 1) Maximum Output Transition Time, Any Output (Figure 1) Maximum Input Capacitance V 5.0 10 15 5.0 10 15 Guaranteed Limit -55C 280 130 100 200 100 80 25C 280 130 100 200 100 80 7.5 125C 560 260 200 400 200 160 Unit ns
tTLH, t THL
ns
CIN
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM (1/4 of the Device)
SLS
System Logic Semiconductor
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of SL4030BN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X