Part Number Hot Search : 
GS301 B1340 UNR111T LM335A HE901U0 GS301 H8481 0ETTS
Product Description
Full Text Search
 

To Download SG-636PTF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal oscillator HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-636 series
Product number (please refer to page 1)
Q33 6 3 6 x x x x x x x 0 0
* A small SMD that enables high-density mounting. * A general-purpose device with builtin heat-resisting cylindrical AT-cut crystal and allowing almost the same temperature condition for soldering as SMD IC. * Low current consumption by output enable function(OE) or standby function(ST).
Actual size
Specifications (characteristics)
Item Output frequency range
Symbol f0
SG-636PTF 2.21675 MHz to
41.0000 MHz
Specifications SG-636PH SG-636SCE/PCE 41.0001 MHz to 2.21675 MHz to 70.0000 MHz 40.0000 MHz
-0.5 V to +7.0 V 3.3 V 0.3 V -55 C to +100 C -20 C to +70 C C: 100 x 10-6
SG-636PDE
2.21675MHz to 40.0000MHz 2.5 V 0.25 V
Remarks
Refer to page 31. "Frequency range"
Power source Max. supply voltage VDD-GND voltage Operating voltage VDD Temperature Storage temperature TSTG range Operating temperature TOPR Frequency stability f/f0 Current consumption lop Output disable current IOE Duty Output voltage Output load condition CMOS level (fan out)
TTL level CMOS level TTL level tw/t VOH VOL CL N VIH VIL tTLH tTHL tosc fa S.R.
5.0 V 0.5 V
Stored as bare product after unpacking Refer to page 31. "Frequency range"
5 mA Max. 3 mA Max.
17 mA Max. 10 mA Max. 45 % to 55 %
35 mA Max. 20 mA Max.
9 mA Max. 5 mA Max. --
40 % to 60 % VDD -0.4 V Min. 0.4 V Max. 50 pF Max. 10 TTL Max.
20 pF Max.( 55 MHz) 15 pF Max.( > 55 MHz)
45 % to 55 %
No load condition OE=GND, ST=GND 2 A Max.(SCE) CMOS load: 1/2 VDD level TTL load: 1.4 V level IOH =-8 mA (PTF) /-4 mA (PH / SCE / PCE / PDE) IOL =16 mA (PTF) /4 mA (PH / SCE / PCE / PDE)
30 pF Max.
--
15 pF Max.
CL<15 pF _
5 LSTTL Max.
Output enable/disable input voltage Output rise time Output fall time
CMOS level TTL level CMOS level TTL level
2.0 V Min. 0.8 V Max. 7 ns Max. 5 ns Max. 7 ns Max. 5 ns Max. 4 ms Max. -- 5 ns Max. -- 5 ns Max.
0.8 VDD Min. 0.2 VDD Max.
OE,ST (SCE)
CMOS load: 20 %80 % VDD TTL load: 0.4 V2.4 V CMOS load: 80 %20 % VDD TTL load: 2.4 V0.4 V
Oscillation start up time Aging Shock resistance
10 ms Max. 5 x 10-6 /year Max.
4 ms Max.
Time at minimum operating voltage to be O s Ta=+25 C,VDD=5.0 V / 3.3 V / 2.5 V,first year
Three drops on a hard board from 750 mm or excitation test with 29400 m/s2 x 0.3 ms x 1/2 sine wave in 3 directions
20 x 10-6 Max.
Note: * Unless otherwise stated,characteristics (specifications) shown in the above table are based on the rated operating temperature and voltage condition. * External by-pass capacitor is required.
External dimensions
10.5 Max. #4 #3
(Unit: mm)
Recommended soldering pattern
1.3
(Unit: mm)
NO.
5.8 Max. 1 2 3 4
Pin terminal OE or ST GND OUT VDD
E 18.4320C PTF9352A
#1 #2
5.0
0.05 Min.
0.5 5.08
Note. OE Pin (PTF, PH, PCE, PDE, PTW, PHW, PCW) OE pin - "H" or "open" : Specified frequency output. OE pin - "L" : Output is high impedance.
2.7 Max.
(1.0)
3.6
(1.0) 5.08
Metal may be exposed on the top or bottom of this product. This won't affect any quality, reliability or electrical spec.
ST pin (SCE) ST pin (STW, SHW, SCW) ST pin - "H" or "open" : Specified frequency output. ST pin - "H" or "open" : Specified frequency output. ST pin - "L" : Output is high impedance., oscillation stops. ST pin - "L" : Output is low level (weak pull - down), oscillation stops.
41
4.6
2.1
Crystal oscillator
Specifications (characteristics)
Item Symbol Specifications
Output frequency range fO Max. supply voltage VDD-GND Power source Operating voltage VDD voltage Storage temperature TSTG Temperature Operating temperature TOPR range f/f0 Frequency stability IOP Current consumption IOE Output disable current IST Standby current Duty
CMOS level TTL level
tw/t VOH
Output voltage VOL Output load condition (fan out) Output enable CMOS level disable input voltage TTL level
CMOS level
CL VIH VIL tTLH
Output rise time
TTL level CMOS level
Output fall time
TTL level
tTHL tOSC fa S.R.
Oscillation start up time Aging Shock resistance
SG-636PHG SG-636PCG/SCG 2.21675 MHz to 33.0000 MHz -0.5 V to +7.0 V 4.5 V to 5.5 V 2.7 V to 3.6 V -55 C to +100 C -20 C to +70 C B : 50 x 10-6 C : 100 x 10-6 25 mA Max. 12 mA Max. 20 mA Max. 10 mA Max. -- 50 A Max. -- 45 % to 55 % 40 % to 60 % -- 2.4 V Min. -- VDD -0.4 V Min. -- VDD -0.4 V Max. -- -- 0.4 V Max. 0.4 V Max. -- 25 pF 2.0 V Min. 70 % VDD Min. 0.8 V Max. 20 % VDD Max. -- 3.4 ns Max. 4.0 ns Max. 1.2 ns Max. -- -- 2.4 ns Max. -- -- -- 3.4 ns Max. 4.0 ns Max. 1.2 ns Max. -- -- 2.4 ns Max. -- -- 12 ms Max. 5 x 10-6 /year Max. 20 x 10-6 Max.
SG-636PTG
Remarks
Refer to page 31. "Frequency range"
Stored as bare product after unpacking Refer to page 31. "Frequency range" -20 C to +70 C No load condition OE=GND (PG) ST=GND (SCG) 50 % VDD, CL = 25 pF 1.4 V Level, CL = 25 pF IOH = -8 mA IOH = -16 mA IOL = 8 mA IOL = 16 mA OE, ST OE, ST 20 % to 80 % VDD, CL 25 pF 0.8 V to 2.0 V CL 25 pF 0.4 V to 2.4 V CL 25 pF 80 % to 20 % VDD CL 25 pF 2.0 V to 0.8 V CL 25 pF 2.4 V to 0.4 V CL 25 pF Time at minimum operating voltage to be 0 s Ta=+25 C, VDD =5.0 V / 3.3 V, First year Three drops on a hard board from 750 mm or excitation test with 29400 m/s2 x 0.3 ms x 1/2 sine wave in 3 directions
Specifications (characteristics)
Item Symbol Specifications
Output frequency range fO Max. supply voltage VDD-GND Power source Operating voltage VDD voltage Storage temperature TSTG Temperature Operating temperature TOPR range f/f0 Frequency stability IOP Current consumption IOE Output disable current IST Standby current Duty tw/t VOH VOL
Output voltage
Output load condition (fan out)
CL
Output enable disable input voltage
VIH VIL
Output rise time
tTLH
Output fall time
tTHL
Oscillation start up time Aging Shock resistance
tOSC fa S.R.
SG-636PTW/STW SG-636PHW/SHW SG-636PCW/SCW 32.0001 MHz to 135.0000 MHz -0.5 V to +7.0 V 5.0 V 0.5 V 3.3 V 0.3 V -55 C to +100 C -20 C to +70 C B : 50 x 10-6 C : 100 x 10-6 45 mA Max. 28 mA Max. 30 mA Max. 16 mA Max. 50 A Max. 40 % to 60 % -- -- 45 % to 55 % -- -- -- 40 % to 60 % 40 % to 60 % -- 45 % to 55% -- VDD -0.4 V Min. 0.4 V Max. 15 pF -- -- 5 TTL + 15 pF -- -- 25 pF -- -- -- 15 pF 15 pF -- 25 pF -- -- 50 pF -- 2.0 V Min. 70 % VDD Min. 0.8 V Max. 20 % VDD Max. 2.0 ns Max. -- -- 4.0 ns Max. -- -- -- 3.0 ns Max. -- -- 4.0 ns Max. -- -- -- 3.0 ns Max. 2.0 ns Max. -- -- 4.0 ns Max. -- -- -- 3.0 ns Max. -- -- 4.0 ns Max. -- -- -- 3.0 ns Max. 10 ms Max. 5 x 10-6 /year Max. 20 x 10-6 Max.
Remarks
Refer to page 31. "Frequency range"
Stored as bare product after unpacking Refer to page 31. "Frequency range" No load condition OE=GND(PW) ST=GND(SW) TTL load : 1.4 V, CL = Max. TTL load : 1.4 V, 5TTL + 15 pF, fo 66.6667 MHz CMOS load : 50% VDD, CL = Max. CMOS load : 50% VDD, CL = 25 pF, fo 66.6667 MHz IOH= -16 mA (TW/HW)/-8 mA(CW) IOL= 16 mA (TW/HW)/8 mA(CW) fo 135 MHz fo 90 MHz fo 66.6667 MHz fo 135 MHz fo 90 MHz fo 66.6667MHz OE,ST OE,ST TTL load: 0.8 V2.0 V, CL = Max. TTL load: 0.4 V2.4 V, CL = Max. CMOS load: 20 %80 % VDD, CL= 25 pF CMOS load: 20 %80 % VDD, CL= 50 pF CMOS load: 20 %80 % VDD, CL= 15 pF TTL load: 2.0 V0.8 V, CL = Max. TTL load: 2.4 V0.4V, CL = Max. CMOS load: 80 %20 % VDD, CL= 25 pF CMOS load: 80 %20 % VDD, CL= 50 pF CMOS load: 80 %20 % VDD, CL= 15 pF Time at minimum operating voltage to be 0 s Ta=+25 C, VDD =5.0 V / 3.3 V, first year Three drops on a hard board from 750 mm or excitation test with 29400 m/s2 x 0.3 ms x 1/2 sine wave in 3 directions
42


▲Up To Search▲   

 
Price & Availability of SG-636PTF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X