Part Number Hot Search : 
T74C1 G15BN STM6913 SN8P2610 20121 CY7C1046 SGV120 89E58
Product Description
Full Text Search
 

To Download RP20-1233SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWERLINE - DC/DC-Converter
E-Series, 20W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output)
Features 20 Watts Output Power 2:1 Wide Input Voltage Range International Safety Standard Approvals Six-Sided Continuous Shield
Selection Guide 12V, 24V and 48V Input Types
Part Number Input Voltage VDC RP20-123.3SE RP20-1205SE RP20-1212SE RP20-1215SE RP20-1205DE RP20-1212DE RP20-1215DE RP20-123.312TE RP20-123.315TE RP20-120512TE RP20-120515TE RP20-243.3SE RP20-2405SE RP20-2412SE RP20-2415SE RP20-2405DE RP20-2412DE RP20-2415DE RP20-243.312TE RP20-243.315TE RP20-240512TE RP20-240515TE RP20-483.3SE RP20-4805SE RP20-4812SE RP20-4815SE RP20-4805DE RP20-4812DE RP20-4815DE RP20-483.312TE RP20-483.315TE RP20-480512TE RP20-480515TE 9-18 9-18 9-18 9-18 9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75

High Efficiency up to 86% Standard 50.8 x 40.6 x 10.2mm Package Fixed Switching Frequency UL 1950 Component Recognised
Output Voltage VDC 3.3 5 12 15 5 12 15 3.3 / 12 3.3 / 15 5 / 12 5 / 15 3.3 5 12 15 5 12 15 3.3 / 12 3.3 / 15 5 / 12 5 / 15 3.3 5 12 15 5 12 15 3.3 / 12 3.3 / 15 5 / 12 5 / 15
Output Current mA 4000 4000 1670 1330 2000 833 666 3000 / 300 3000 / 250 2000 / 300 2000 / 250 4000 4000 1670 1330 2000 833 666 3000 / 300 3000 / 250 2000 / 300 2000 / 250 4000 4000 1670 1330 2000 833 666 3000 / 300 3000 / 250 2000 / 300 2000 / 250
Input Current (see note 7) mA 1507 2193 2136 2136 2193 2136 2136 1926 1959 1885 1919 743 1082 1054 1054 1082 1054 1041 950 967 931 947 367 543 527 527 541 514 508 468 477 459 467
Efficiency (see note 8) % 77 80 82 82 80 82 82 78 78 80 80 78 81 83 83 81 83 84 79 79 81 81 79 82 83 83 81 85 86 80 80 82 82
Capacitive Load max. F 13000 6800 2200 755 3400 680 450 4700 / 220 4700 / 220 4700 / 220 4700 / 220 13000 6800 2200 755 3400 680 450 4700 / 220 4700 / 220 4700 / 220 4700 / 220 13000 6800 2200 755 3400 680 450 4700 / 220 4700 / 220 4700 / 220 4700 / 220
RP20-243.305DE RP20-483.305DE, output 3.3V(3A))/5V(2A), for detailed spec. contact Recom
PO 48
August 2002
www.recom-international.com
POWERLINE - DC/DC-Converter
E-Series, 20W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output) RP20-4805SE: Derating & Efficiency Curves
RP20-4805SE Derating Curve
125 100 75 Output Power (%) Efficiency (%) 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 Natural Convection
RP20-4805SE Efficiency vs Input Voltage
85 84 83 82 81 80 79 78 77 76 75 74
RP20-4805SE Efficiency vs Output Load
85 84 83 82 81 80 78 76 74 70 65 60
36 40
45
50
55
60
65
Efficiency (%)
70
75
0.5
1
1.5
2
2.5
3
3.5
4
Ambient Temperature Range (C)
Input Voltage (V)
Output Load (A)
RP20-4805SE Derating Curve with Heat Sink (see note 3)
125 100 75 Output Power (%) 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 Natural Convection
Ambient Temperature Range (C)
Specifications (typical at nominal input and 25C unless otherwise noted)
Output Power Voltage Accuracy (full Load and nominal Vin) Single & Dual Triple 3.3V / 5V Auxiliary 20W max. 2% 2% 5% 10% 10% of FL Single & Dual Triple 3.3V / 5V Auxiliary Single Dual Triple 3.3V / 5V Auxiliary Dual Triple 3.3V / 5V Auxiliary Single Dual Triple 3.3V / 5V Auxiliary 0.2% 1% 5% 0.5% 3% 2% 5% 5% 2% 5% 75mVp-p 100mVp-p 50mVp-p 1% of Vout 0.02% / C max. 500sec 3.3V 5V 12V 15V output output output output 3.9V 6.2V 15V 18V Hiccup,automatic recovery continued on next page www.recom-international.com August 2002 PO 49
Voltage Adjustability Minimum Load (see note 1) Line Regulation (LL-HL at FL)
Load Regulation (10% to 100% FL)
Cross Regulation (see note 2)
Ripple and Noise (20MHz BW)
Temperature Coefficient Transient Response Recovery Time (25% load step change) Over Voltage (zener diode clamp)
Short Circuit Protection
POWERLINE - DC/DC-Converter
E-Series, 20W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output) Specifications continued (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V types nominal input 24V types nominal input 48V types nominal input 12V input 24V input 48V input Nominal Vin and ful load DC-DC ON DC-DC OFF Remote off input current 9-18VDC 18-36VDC 36-75VDC Pi Type 36VDC 50VDC 100VDC 25mAp-p 20ms typ. Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V 20mA See Selection Guide" table 1600VDC 109 300pF max. 300kHz typ. UL 1950, EN60950 Nickel-coated copper Non-conducted black plastic Epoxy (UL94-V0) 48g 50.8 x 40.6 x 10.2 mm 1.928 x 106 Hours -40C to +85C (with derating) +100C -55C to +105C Natural convection 10C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH EN55022 EN55022 EN61000-4-6 EN61000-4-3 EN61000-4-5 EN61000-4-4 EN61000-4-2 Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (see note 3) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 4)
Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency Approved to Safety Standards Case Material Base Material Potting Material Weight Dimensions MTBF (see note 5) Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance (see note 6) Thermal Shock Vibration Relative Humidity Conducted Emissions Radiated Emissions Conducted Immunity Radiated Immunity Surge Fast Transient ESD
Notes: 1. The RP20 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. Cross regulation: Dual output - Asymmetrical load 25% to 100% full load. Triple output - 3.3V/ 5V 100% load and one of auxiliary 100% load, other auxiliary load change from 25% to 100% load. 3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 4. The ON/OFF control pin voltage is referenced to negative input. 5. BELLCORE TR-NWT-00332. Case l: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment). 6. Heat sink is optional and P/N: 7G-0011A. Operation temperature range please see curve. 7. Maximum value at nominal input voltage and full load. 8. Typical value at nominal input voltage and full load. 9. The RP20-243.305DE and RP20-483.305DE are safety approval pending.
PO 50
August 2002
www.recom-international.com
POWERLINE - DC/DC-Converter
E-Series, 20W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output) Package Style and Pinning (mm)
40.60 15.20 17.80 5.10
10.20
4
2
1
dia. 1.0
50.10
Bottom View
45.70
8
7
6
5
10.20 17.80
10.20 12.70
5.6
Pin Connections Pin # 1 2 4 5 6 7 8 Single +Vin -Vin Ctrl No Pin +Vout -Vout Trim Dual +Vin -Vin Ctrl +Vout Common -Vout Trim Triple +Vin -Vin Ctrl +Aux +3.3V / +5V Common -Aux
Pin Pitch Tolerance 0.35 mm
External Output Trimming
Single 7 8 6
Dual 7
Trim Up
8 5
Trim Down
www.recom-international.com
August 2002
PO 51


▲Up To Search▲   

 
Price & Availability of RP20-1233SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X