Part Number Hot Search : 
FP1100A UZ7709 FTSO4401 MX29LV AHSN5K1F C10H1 MC7731N6 SSF6401
Product Description
Full Text Search
 

To Download RA-515S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RA Series, 1 Watt, DIP14 (Single & Dual Output) Features

Dual Output from a Single Input Rail Power Sharing on Output 1kVDC & 2kVDC Isolation

Custom Solutions Available UL94V-0 Package Material Efficiency to 80%
Selection Guide
Part Number DIP 14 Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 1.8 3.3 5 9 12 15 24 1.8 3.3 5 9 12 15 24 Output Current (mA) 555 303 200 111 84 66 42 278 152 100 56 42 33 21 Efficiency (%) 70 75 70-78 70-78 78-82 80-84 74-85 70 70 70-78 75-80 78-84 80-84 80-84
(2kV)
RA-XX1.8S (H) RA-XX3.3S (H) RA-XX05S RA-XX09S RA-XX12S RA-XX15S RA-XX24S (H) (H) (H) (H) (H)
RA-XX1.8D (H) RA-XX3.3D (H) RA-XX05D RA-XX09D RA-XX12D RA-XX15D RA-XX24D (H) (H) (H) (H) (H)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight EC 24 August 2002 1.8V, 3.3V output types 5V output type 9V, 12V, 15V, 24V output types Single output types Dual output types 10% Capacitor Type 5% 1,2%/1% V Input 20% max. 15% max. 10% max.
Output Power (Watts) 2.0 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 85 Operating Temperature C
100mVp-p max. 75mVp-p max. 70% min. 1.000VDC min. (also available with 2.000VDC, Suffix H") 10 G min. 20pF min./75pF max. 1 Second 100kHz typ. -40C to +85C (see Graph) -55C to +125C 2.6g
www.recom-international.com
ECONOLINE - DC/DC-Converter
RA Series, 1 Watt, DIP14 (Single & Dual Output) Package Style and Pinning (mm)
3rd angle projection
14 PIN DIP Package
1
7
1
7
Dual Output Bottom View
14 11 98 14
Single Output Bottom View
11 98
19.90
RA-0512D RECOM ****
10.00
7.62
7.10
2.0
15.24
3.25
Pin Connections Pin # Single 1 -Vin 7 NC 8 -Vout 9 +Vout 11 NC 14 +Vin NC = No Connection Dual -Vin NC Com +Vout -Vout +Vin XX.X 0.5 mm XX.XX 0.25 mm
1.00 o+0.15/-0 2.54
2.54
www.recom-international.com
August 2002
EC 25


▲Up To Search▲   

 
Price & Availability of RA-515S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X