Part Number Hot Search : 
44100 MTD5010N 71MP35 A103M N70A15 A8187SLT 3PMT11A TPSMA30
Product Description
Full Text Search
 

To Download R4000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
R4000F THRU R5000F
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
VOLTAGE RANGE0 - 4000 to 5000 Volts CURRENT - 0.2 Ampere
FEATURES
*Fast switching *Low leakage *High reliability *High current capability *High surge capability
DO-15
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Volts Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 0.2A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25oC Maximum Full Load Reverse Current Average, Full Cycle .375*(9.5mm) lead length at T L = 55oC Maximum Reverse Recovery Time (Note) Operating and Storage Temperature Range NOTES : Test Conditions: I F = 0.5A, IR = 1.0A, IRR = 0.25A trr TJ, TSTG VRRM VRMS VDC IO IFSM VF IR
R4000F 4000 2800 4000 200 30 6.5 5.0 100 500 -65 to + 175
R5000F 5000 3500 5000
UNITS Volts Volts Volts mAmps Amps Volts uAmps uAmps nSec
0
C
152
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
RA TING AND CHARACTERISTIC CURVES (R4000F THRU R5000F)
DC COMPONENTS CO., LTD.
R
153
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of R4000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X