Part Number Hot Search : 
SLP2040 ISPGDX 109721 TS100102 23226403 GE272K AD831 70011
Product Description
Full Text Search
 

To Download PTF10154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PTF 10154 85 Watts, 1.93-1.99 GHz GOLDMOS (R) Field Effect Transistor
Description
The PTF 10154 is an internally matched 85-watt GOLDMOS FET intended for CDMA and TDMA applications from 1.93 to 1.99 GHz. This device operates at 43% efficiency with 11 dB gain. Nitride surface passivation and full gold metallization ensure excellent device lifetime and reliability. * * INTERNALLY MATCHED Guaranteed Performance at 1.93, 1.99 GHz, 28 V - Output Power = 85 Watts Min - Power Gain = 11 dB Typ Full Gold Metallization Silicon Nitride Passivated Back Side Common Source Excellent Thermal Stability 100% Lot Traceability
* * * * *
Typical Power Output and Efficiency vs. Input Power
100 50 40
Power Output (Watts)
Efficiency
60 40 20 0 0 3 6 9 12 15 30
Efficiency (%) x
80
A-12
101 3456 54 00
35
VDD = 28 V
Power Output
20 10 0
IDQ = 1.15 A f = 1990 MHz
Input Power (Watts)
Package 20248
RF Specifications (100% Tested)
Characteristic
Gain (VDD = 28 V, POUT = 10 W, IDQ = 1.15 A, f = 1.96, 1.99 GHz) Power Output at 1 dB Compression (VDD = 28 V, IDQ = 1.15 A, f = 1.99 GHz) Drain Efficiency (VDD = 28 V, POUT = 90 W, IDQ = 1.15 A, f = 1.99 GHz) Load Mismatch Tolerance (VDD = 28 V, POUT = 90 W, IDQ = 1.15 A, f = 1.99 GHz --all phase angles at frequency of test) All published data at TCASE = 25C unless otherwise indicated.
Symbol
Gps P-1dB hD Y
Min
10.0 85 -- --
Typ
11 -- 43 --
Max
-- -- -- 10:1
Units
dB Watts % --
e
1
PTF 10154
Electrical Characteristics
Characteristic
(100% Tested)
e
Conditions Symbol
V(BR)DSS IDSS VGS(th) gfs
Min
65 -- 3.0 --
Typ
-- -- -- 1.0
Max
-- 5.0 5.0 --
Units
Volts mA Volts Siemens
Drain-Source Breakdown Voltage VGS = 0 V, ID = 100 mA Zero Gate Voltage Drain Current Gate Threshold Voltage Forward Transconductance VDS = 28 V, VGS = 0 V VDS = 10 V, ID = 150 mA VDS = 10 V, ID = 2 A
Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Operating Junction Temperature Total Device Dissipation at Above 25C derate by Storage Temperature Range Thermal Resistance (TCASE = 70C) TSTG RqJC
Symbol
VDSS VGS TJ PD
Value
65 20 200 365 2.08 -40 to +150 0.48
Unit
Vdc Vdc C Watts W/C C C/W
Typical Performance
Narrowband Test Fixture Performance
12 Gain 50 9 Efficiency 40 6 60
Power Gain vs. Output Power
12
Efficiency
Power Gain (dB)
Gain (dB)
11
IDQ = 1.2
3
0 1900
1920
1940
-20 5 -10 Return Loss 10 -0 1960 1980 2000
Return Loss
VDD = 28 V, IDQ = 1.15 A POUT = 85 W
30
10
IDQ = 0.6 IDQ = 0.3
9
VDD = 28 V f = 1990 MHz
10 100
8 1
Frequency (MHz)
Output Power (Watts)
2
e
Gate-Source Voltage vs. Case Temperature
PTF 10154
Capacitance vs. Supply Voltage * Cds and Cgs (pF) x
350 300 250 200 150 100 50 0 0 10 20 30 25
Gate-Source Voltage (V) x
1.03 1.02 1.01 1.00 0.99 0.98 0.97 0.96 0.95 -20 30 80 130 Case Temperature (C)
Voltage normalized to 1.0 V Series show current (A)
0.600
2.075
3.550
5.025
6.500
7.975
VGS = 0 V f = 1 MHz
20
Cds Crss
40
10 5 0
Supply Voltage (Volts)
* This part is internally matched. Measurements of the finished product will not yield these results.
Impedance Data
NER
D
S TO W AR
D GE
VDD = 28 V, POUT = 85 W, IDQ = 1.15 A
Z0 = 50 W
Z Source
Z Load
- WAVE LEN GTH
Z Source
1930 MHz 1990 MHz
0.0 TOW AR D LOAD G TH S
G S
1930 MHz 1990 MHz
Z Load
Frequency
GHz 1930 1960 1990 R
Z Source W
jX 3.0 2.6 1.2 R 1.4 1.4 1.4 2.9 2.5 2.1
Z Load W
jX -0.2 -0.9 -1.5
0.1
3
<---
WA V
E LE N
0.1
Crss
Cgs
15
0 .1
PTF 10154
Test Circuit
e
Test Circuit Block Diagram for f = 1.93-1.99 GHz Q1 PTF 10154 LDMOS RF Transistor
1.96 GHz IPM (OHMS) 0.105 l 1.96 GHz Microstrip 50 W 0.119 l 1.96 GHz Microstrip 50 W 0.073 l 1.96 GHz Microstrip 76.64 W 0.094 l 1.96 GHz Microstrip 9.73 W 0.126 l 1.96 GHz Microstrip 6.67 W 0.614 l 1.96 GHz Microstrip 9.62 W 0.170 l 1.96 GHz Microstrip 64.30 W 0.050 l 1.96 GHz Microstrip 50 W 0.073 l 1.96 GHz Microstrip 50 W C1, C9 Capacitor,10F Digi-Key pcs 6106 C2, C10 Capacitor,0.1F,50V Digi-Key PCC103BCT C3, C4, C7, C11 Capacitor,10pF ATC 100 b C5 Capacitor, variable 0.3-3.5pF JACO johanson 5801 C6 Capacitor,100F,50V Digi-Key P5182-ND C8 Capacitor,0.1F,50V Digi-Key P4525-ND J1, J2 Connector, SMA female,panel mount 1301-rpm 513 412/53 L1 Chip inductor,2.7H L2 Ferrite, 6mm phillips 53/3/4.6-452 L3, L4 Inductor ,8nH coilcraft 0805CS-080 jbc R1, R2 Resistor, 220 ohm Digi-Key 220 qbk R3 Resistor, 1 ohm DIGI-KEY 1.0 qbk Circuit Board 0.050", 2 OZ Copper rogers corporation, TMM6
l1 l2 l3 l4 l5 l6 l7 l8 l9
Parts Layout (not to scale)
4
e
Package Mechanical Specifications Package 20248
PTF 10154
Primary Dimensions are in inches, altermate dimensions are mm.
Ericsson Inc. Microelectronics Morgan Hill, CA 95037 USA
1-877-GOLDMOS (465-3667) United States +46 8 757 4700 International e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. LP (c) 1999, 2000 Ericsson Inc. EUS/KR 1522-PTF 10154 Uen Rev. PA3 12-18-00
5


▲Up To Search▲   

 
Price & Availability of PTF10154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X