Part Number Hot Search : 
2SD205 C1005JB N80186B W528S10 2R121 74HC16 C226M D2020U
Product Description
Full Text Search
 

To Download PCA9531D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
PCA9531 8-bit I2C LED dimmer
Product data 2003 Nov 10
Philips Semiconductors
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
DESCRIPTION
The PCA9531 is an 8-bit I2C & SMBus I/O expander optimized for dimming LEDs in 256 discrete steps for Red/Green/Blue (RGB) color mixing and back light applications. The PCA9531 contains an internal oscillator with two user programmable blink rates and duty cycles coupled to the output PWM. The LED brightness is controlled by setting the blink rate high enough (> 100 Hz) that the blinking can not be seen and then using the duty cycle to vary the amount of time the LED is on and thus the average current through the LED. The initial setup sequence programs the two blink rates/duty cycles for each individual PWM. From then on, only one command from the bus master is required to turn individual LEDs ON, OFF, BLINK RATE 1 or BLINK RATE 2. Based on the programmed frequency and duty cycle, BLINK RATE 1 and BLINK RATE 2 will cause the LEDs to appear at a different brightness or blink at periods up to 1.6 second. The open drain outputs directly drive the LEDs with maximum output sink current of 25 mA per bit and 100 mA per package. To blink LEDs at periods greater than 1.6 second the bus master (MCU, MPU, DSP, chipset, etc.) must send repeated commands to turn the LED on and off as is currently done when using normal I/O Expanders like the Philips PCF8574 or PCA9554. Any bits not used for controlling the LEDs can be used for General Purpose Parallel Input/Output (GPIO) expansion which provides a simple solution when additional I/O is needed for ACPI power switches, sensors, push-buttons, alarm monitoring, fans, etc. The active low hardware reset pin (RESET) and Power On Reset (POR) initializes the registers to their default state causing the bits to be set high (LED off). Three hardware address pins on the PCA9531 allow eight devices to operate on the same bus.
FEATURES
* Eight LED drivers (on, off, flashing at a programmable rate) * Two selectable, fully programmable blink rates (frequency and
duty cycle) between 0.625 and 160 Hz (1.6 and 6.25 milliseconds)
* 256 brightness steps * Input/outputs not used as LED drivers can be used as regular
GPIOs
* Internal oscillator requires no external components * I2C interface logic compatible with SMBus * Internal power-on reset * Noise filter on SCL/SDA inputs * Active low reset input * Eight open drain outputs directly drive LEDs to 25 mA * Edge rate control on outputs * No glitch on power-up * Supports hot insertion * Low stand-by current * Operating power supply voltage range of 2.3 V to 5.5 V * 0 to 400 kHz clock frequency * ESD protection exceeds 2000 V HBM per JESD22-A114,
150 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
* Latch-up testing is done to JEDEC Standard JESD78 which
exceeds 100 mA
* Package offer: SO16, TSSOP16, HVQFN16
ORDERING INFORMATION
PACKAGES 16-pin plastic SO 16-pin plastic TSSOP TEMPERATURE RANGE -40 to +85 C -40 to +85 C ORDER CODE PCA9531D PCA9531PW TOPSIDE MARK PCA9531D PCA9531 DRAWING NUMBER SOT109-1 SOT403-1 SOT629-1
16-pin plastic HVQFN -40 to +85 C PCA9531BS 9531 Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging. I2C is a trademark of Philips Semiconductors Corporation.
2003 Nov 10
2
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
PIN CONFIGURATION -- SO, TSSOP
A0 1 A1 2 A2 3 LED0 4 LED1 5 LED2 6 LED3 7 VSS 8 16 VDD 15 SDA 14 SCL 13 RESET 12 LED7 11 LED6 10 LED5 9 LED4
PIN CONFIGURATION -- HVQFN
A1 16 A0 15 VDD 14 SDA 13 12 SCL 11 RESET 10 LED7 9 5 6 7 8 LED6
A2 LED0 LED1 LED2
1 2 3 4
LED3 SW02039
VSS LED4 LED5
Figure 1. Pin configuration -- SO, TSSOP
TOP VIEW
su01667
Figure 2. Pin configuration -- HVQFN
PIN DESCRIPTION
SO, TSSOP PIN NUMBER 1 2 3 4, 5, 6, 7 8 9, 10, 11, 12 13 14 15 16 HVQFN PIN NUMBER 15 16 1 2, 3, 4, 5 6 7, 8, 9, 10 11 12 13 14 SYMBOL A0 A1 A2 LED0-3 VSS LED4-7 RESET SCL SDA VDD FUNCTION Address input 0 Address input 1 Address input 2 LED drivers 0-3 Supply ground LED drivers 4-7 Active low reset input Serial clock line Serial data line Supply voltage
2003 Nov 10
3
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
BLOCK DIAGRAM
A2 A1 A0
PCA9531
INPUT REGISTER
SCL INPUT FILTERS SDA
I 2C-BUS CONTROL
LED SELECT (LSx) REGISTER
0 1 LEDx VDD RESET POWER-ON RESET PRESCALER 0 REGISTER PRESCALER 1 REGISTER PWM0 REGISTER PWM1 REGISTER BLINK0
OSCILLATOR
BLINK1
VSS NOTE: ONLY ONE I/O SHOWN FOR CLARITY
SW02040
Figure 3. Block diagram
2003 Nov 10
4
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
DEVICE ADDRESSING
Following a START condition the bus master must output the address of the slave it is accessing. The address of the PCA9531 is shown in Figure 4. To conserve power, no internal pullup resistors are incorporated on the hardware selectable address pins and they must be pulled HIGH or LOW.
SLAVE ADDRESS
INPUT -- INPUT REGISTER bit Default 7 X 6 X 5 X 4 X 3 X 2 X 1 X 0 X
The INPUT register reflects the state of the device pins. Writes to this register will be acknowledged but will have no effect. PSC0 -- FREQUENCY PRESCALER 0 bit 7 0 6 0 5 0 4 0 3 0 2 0 1 0 0 0 default
1
1
0
0
A2
A1
A0 R/W
PSC0 is used to program the period of the PWM output.
FIXED HARDWARE SELECTABLE su01420
The period of BLINK0 +
(PSC0 ) 1) 152 5 0 4 0 3 0 2 0 1 0 0 0
Figure 4. Slave address The last bit of the address byte defines the operation to be performed. When set to logic 1 a read is selected while a logic 0 selects a write operation.
PWM0 -- PWM REGISTER 0 bit default 7 1 6 0
CONTROL REGISTER
Following the successful acknowledgement of the slave address, the bus master will send a byte to the PCA9531 which will be stored in the Control Register.
0 0 0 AI 0 B2 B1 B0
The PWM0 register determines the duty cycle of BLINK0. The outputs are LOW (LED on) when the count is less than the value in PWM0 and HIGH (LED off) when it is greater. If PWM0 is programmed with 00h, then the PWM0 output is always HIGH (LED off). The duty cycle of BLINK0 is: PWM0 256 PSC1 -- FREQUENCY PRESCALER 1 bit default 7 0 6 0 5 0 4 0 3 0 2 0 1 0 0 0
REGISTER ADDRESS RESET STATE: 00h AUTO-INCREMENT FLAG SW01034
PSC1 is used to program the period of PWM output. The period of BLINK1 + (PSC1 ) 1) 152 5 0 4 0 3 0 2 0 1 0 0 0
Figure 5. Control register
CONTROL REGISTER DEFINITION
B2 0 0 0 0 1 1 1 B1 0 0 1 1 0 0 1 B0 0 1 0 1 0 1 0 REGISTER NAME INPUT PSC0 PWM0 PSC1 PWM1 LS0 LS1 TYPE READ READ/ WRITE READ/ WRITE READ/ WRITE READ/ WRITE READ/ WRITE READ/ WRITE REGISTER FUNCTION INPUT REGISTER FREQUENCY PRESCALER 0 PWM REGISTER 0 FREQUENCY PRESCALER 1 PWM REGISTER 1 LED0-LED3 SELECTOR LED4-LED7 SELECTOR
PWM1 -- PWM REGISTER 1 bit default 7 1 6 0
The PWM1 register determines the duty cycle of BLINK1. The outputs are LOW (LED on) when the count is less than the value in PWM1 and HIGH (LED off) when it is greater. If PWM1 is programmed with 00h, then the PWM1 output is always HIGH (LED off) . The duty cycle of BLINK1 is: PWM1 256 LS0 -- LED0-3 SELECTOR LED 3 bit default 7 0 6 0 LED 2 5 0 4 0 LED 1 3 0 2 0 LED 0 1 0 0 0
LS1 -- LED4-7 SELECTOR LED 7 bit default 7 0 6 0 LED 6 5 0 4 0 LED 5 3 0 2 0 LED 4 1 0 0 0
REGISTER DESCRIPTION
The lowest 3 bits are used as a pointer to determine which register will be accessed. If the auto-increment flag is set, the three low order bits of the Control Register are automatically incremented after a read or write. This allows the user to program the registers sequentially. The contents of these bits will rollover to `000' after the last register is accessed. When auto-increment flag is set (AI = 1) and a read sequence is initiated, the sequence must start by reading a register different from the input register (B2 B1 B0 0 0 0 0). Only the 3 least significant bits are affected by the AI flag. Unused bits must be programmed with zeroes. 2003 Nov 10 5
The LSx LED select registers determine the source of the LED data. 00 = Output is set Hi-Z (LED off - default) 01 = Output is set low (LED on) 10 = Output blinks at PWM0 rate 11 = Output blinks at PWM1 rate
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
POWER-ON RESET
When power is applied to VDD, an internal Power On Reset holds the PCA9531 in a reset state until VDD has reached VPOR. At this point, the reset condition is released and the PCA9531 registers are initialized to their default states, all the outputs in the off state.
SDA
EXTERNAL RESET
A reset can be accomplished by holding the RESET pin low for a minimum of tW. The PCA9531 registers and I2C state machine will be held in their default state until the RESET input is once again high. This input requires a pull-up resistor to VDD.
SCL data line stable; data valid change of data allowed SW00363
Figure 6. Bit transfer
Start and stop conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock is HIGH is defined as the start condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the stop condition (P) (see Figure 7).
CHARACTERISTICS OF THE I2C-BUS
The is for 2-way, 2-line communication between different ICs or modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy. I2C-bus
System configuration
A device generating a message is a transmitter: a device receiving is the receiver. The device that controls the message is the master and the devices which are controlled by the master are the slaves (see Figure 8).
Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as control signals (see Figure 6).
SDA
SDA
SCL S START condition P STOP condition
SCL
SW00365
Figure 7. Definition of start and stop conditions
SDA SCL
MASTER TRANSMITTER/ RECEIVER
SLAVE RECEIVER
SLAVE TRANSMITTER/ RECEIVER
MASTER TRANSMITTER
MASTER TRANSMITTER/ RECEIVER
I 2C MULTIPLEXER
SLAVE SW00366
Figure 8. System configuration
2003 Nov 10
6
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
Acknowledge
The number of data bytes transferred between the start and the stop conditions from transmitter to receiver is not limited. Each byte of eight bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter whereas the master generates an extra acknowledge related clock pulse. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse, set-up and hold times must be taken into account. A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master to generate a stop condition.
DATA OUTPUT BY TRANSMITTER not acknowledge DATA OUTPUT BY RECEIVER acknowledge SCL FROM MASTER S START condition 1 2 8 9 clock pulse for acknowledgement SW00368
Figure 9. Acknowledgement on the
I2C-bus
2003 Nov 10
7
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
Bus transactions
SCL 1 2 3 4 5 6 7 8 9 command byte data to register
slave address
SDA
S
1
1
0
0
A2
A1
A0
0 R/W
A
0
0
0
AI
0
B2
B1
B0
A acknowledge from slave
DATA 1
A acknowledge from slave
start condition
acknowledge from slave
WRITE TO REGISTER
DATA OUT FROM PORT tpv
DATA 1 VALID
SW01081
Figure 10. WRITE to register
slave address
acknowledge from slave
acknowledge from slave
slave address
acknowledge from slave
data from register
acknowledge from master
S
1
1
0
0
A2 A1 A0
0 R/W
A
0
0
0
AI
0
B2 B1
B0
A
S
1
1
0
0
A2 A1
A0
1 R/W
A
DATA first byte
A
at this moment master-transmitter becomes master-receiver and slave-receiver becomes slave-transmitter data from register
auto-increment register address if AI = 1
no acknowledge from master
DATA last byte
NA
P
SW01082
Figure 11. READ from register
slave address
data from port
data from port
SDA
S
1
1
0
0
A2
A1
A0
1 R/W
A acknowledge from slave
DATA 1
A acknowledge from master
DATA 4
NA
P stop condition
start condition
no acknowledge from master
READ FROM PORT
DATA INTO PORT
DATA 1 tph
DATA 2
DATA 3 tps
DATA 4
SW01084
NOTES: 1. This figure assumes the command byte has previously been programmed with 00h. Figure 12. READ input port register
2003 Nov 10
8
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
APPLICATION DATA
5V
5V
VDD SDA SCL SDA SCL RESET LED0 LED1 LED2 LED3 LED4 LED5 LED6 I 2C/SMBus MASTER A2 A1 Note: LED0 to LED5 are used as LED drivers LED6 and LED7 are used as regular GPIOs. A0 VSS GPIO LED7
PCA9531 Figure 13. Typical application
SW02041
Minimizing IDD when the I/O is used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a resistor as shown in Figure 13. Since the LED acts as a diode, when the LED is off the I/O VIN is about 1.2 V less than VDD. The supply current , IDD, increases as VIN becomes lower than VDD and is specified as IDD in the DC characteristics table. Designs needing to minimize current consumption, such as battery power applications, should consider maintaining the I/O pins greater than or equal to VDD when the LED is off. Figure 14 shows a high value resistor in parallel with the LED. Figure 15 shows VDD less than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VIN at or above VDD and prevents additional supply current consumption when the LED is off.
VDD
3.3 V
5V
LED VDD
100 k VDD LED
LEDx
LEDx
SW02086
SW02087
Figure 14. High value resistor in parallel with the LED
Figure 15. Device supplied by a lower voltage
2003 Nov 10
9
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
Programming example
The following example will show how to set LED0 to LED3 on. It will then set LED4 and LED5 to blink at 1 Hz at a 50% duty cycle. LED6 and LED7 will be set to be dimmed at 25% of their maximum brightness (duty cycle = 25%).
Table 1.
I2C-bus Start PCA9531 address with A0-A2 = low PSC0 subaddress + auto-increment Set prescaler PSC0 to achieve a period of 1 second: Blink period + 1 + PSC0 ) 1 152 PSC0 = 151 Set PWM0 duty cycle to 50%: PWM0 + 0.5 256 PWM0 = 128 Set prescaler PCS1 to dim at max frequency: Blink period + max PSC1 = 0 Set PWM1 output duty cycle to 25%: PWM1 + 0.25 256 PWM1 = 64 Set LED0 to LED3 on Set LED4 and 5 to PWM0, and LED6 or 7 to PWM1 Stop 55h FAh P 40h 00h S C0h 11h 97h
80h
2003 Nov 10
10
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VDD VI/O II/O ISS Ptot Tstg Tamb Supply voltage DC voltage on an I/O DC output current on an I/O Supply current Total power dissipation Storage temperature range Operating ambient temperature PARAMETER CONDITIONS MIN -0.5 VSS - 0.5 -- -- -- -65 -40 MAX 6.0 5.5 +25 200 400 +150 +85 UNIT V V mA mA mW C C
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under "Handling MOS devices".
DC CHARACTERISTICS
VDD = 2.3 to 5.5 V; VSS = 0 V; Tamb = -40 to +85 C; unless otherwise specified. TYP at 3.3 V and 25 C. SYMBOL Supplies VDD IDD Istb IDD VPOR VIL VIH IOL IL CI I/Os VIL VIH LOW level input voltage HIGH level input voltage VOL = 0.4 V; VDD = 2.3 V; Note 1 VOL = 0.4 V; VDD = 3.0 V; Note 1 IOL LOW level output current VOL = 0.4 V; VDD = 5.0 V; Note 1 VOL = 0.7 V; VDD = 2.3 V; Note 1 VOL = 0.7 V; VDD = 3.0 V; Note 1 VOL = 0.7 V; VDD = 5.0 V; Note 1 IL CIO VIL VIH VIH ILI CI Input leakage current Input/output capacitance LOW level input voltage HIGH level input voltage; A0 / RESET HIGH level input voltage; A1 / A2 Input leakage current Input capacitance VI = VSS VDD = 3.6 V; VI = 0 or VDD -0.5 2.0 9 12 15 15 20 25 -1 -- -0.5 2.0 2.0 -1 -- -- -- -- -- -- -- -- -- -- 2.5 -- -- -- -- 2.3 0.8 5.5 -- -- -- -- -- -- 1 5 0.8 5.5 VDD + 0.5 1 5 V V mA mA mA mA mA mA A pF V V V A pF Supply voltage Supply current Standby current Additional standby current Power-on reset voltage LOW level input voltage HIGH level input voltage LOW level output current Leakage current Input capacitance VOL = 0.4V VI = VDD = VSS VI = VSS Operating mode; VDD = 5.5 V; VI = VDD or VSS; fSCL = 100 kHz Standby mode; VDD = 5.5 V; VI = VDD or VSS; fSCL = 0 kHz Standby mode; VDD = 5.5 V; Every LED I/O at VIN = 4.3 V; fSCL = 0 kHz No load; VI = VDD or VSS 2.3 -- -- -- -- -0.5 0.7 VDD 3 -1 -- -- 350 1.9 -- 1.7 -- -- 6.5 -- 3.7 5.5 500 3.0 800 2.2 0.3 VDD 5.5 -- +1 5 V A A A V V V mA A pF PARAMETER CONDITIONS MIN TYP MAX UNIT
Input SCL; input/output SDA
Select Inputs A0, A1, A2 / RESET
NOTE: 1. Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.
2003 Nov 10
11
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
AC SPECIFICATIONS
SYMBOL fSCL tBUF tHD;STA tSU;STA tSU;STO tHD;DAT tVD;ACK tVD;DAT (L) tVD;DAT (H) tSU;DAT tLOW tHIGH tF tR tSP Port Timing tPV tPS tPH Reset tW tREC tRESET4,5 Reset pulse width Reset recovery time Time to reset 6 0 400 -- -- -- 6 0 400 -- -- -- ns ns ns Output data valid Input data setup time Input data hold time -- 100 1 200 -- -- -- 100 1 200 -- -- ns ns s PARAMETER Operating frequency Bus free time between STOP and START conditions Hold time after (repeated) START condition Repeated START condition setup time Setup time for STOP condition Data in hold time Valid time for ACK condition2 Data out valid time3 Data out valid time3 Data setup time Clock LOW period Clock HIGH period Clock/Data fall time Clock/Data rise time Pulse width of spikes that must be suppressed by the input filters STANDARD MODE I2C BUS MIN 0 4.7 4.0 4.7 4.0 0 -- -- -- 250 4.7 4.0 -- -- -- MAX 100 -- -- -- -- -- 600 600 1500 -- -- -- 300 1000 50 FAST MODE I2C BUS MIN 0 1.3 0.6 0.6 0.6 0 -- -- -- 100 1.3 0.6 20 + 0.1 Cb --
1
UNITS kHz s s s s ns ns ns ns ns s s ns ns ns
MAX 400 -- -- -- -- -- 600 600 600 -- -- -- 300 300 50
20 + 0.1 Cb1
NOTES: 1. Cb = total capacitance of one bus line in pF. 2. tVD;ACK = time for Acknowledgement signal from SCL low to SDA (out) low. 3. tVD;DAT = minimum time for SDA data out to be valid following SCL low. 4. Resetting the device while actively communicating on the bus may cause glitches or errant STOP conditions. 5. Upon reset, the full delay will be the sum of tRESET and the RC time constant of the SDA bus.
2003 Nov 10
12
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
+20% MAX +10%
0% PERCENT VARIATION AVG -10%
-20%
-30%
MIN -40% -40 0 +25 TEMPERATURE (C) +70 +85 SW01085
Figure 16. Typical frequency variation over process at VDD = 2.3 V to 3.0 V
+20% MAX +10%
0% PERCENT VARIATION AVG -10%
-20% MIN -30%
-40% -40 0 +25 TEMPERATURE (C) +70 +85 SW01086
Figure 17. Typical frequency variation over process at VDD = 3.0 V to 5.5 V
2003 Nov 10
13
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
START SCL
ACK OR READ CYCLE
SDA 30%
tREC RESET 50% tREC tW tREC LEDx 50% LED OFF 50% 50%
SW01087
Figure 18. Definition of RESET timing
SDA
tBUF
tLOW
tR
tF
tHD;STA
tSP
SCL
tHD;STA P S tHD;DAT tHIGH tSU;DAT Sr
tSU;STA
tSU;STO P
SU00645
Figure 19. Definition of timing
2003 Nov 10
14
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
handbook, full pagewidth
PROTOCOL
START CONDITION (S)
BIT 7 MSB (A7)
BIT 6 (A6)
BIT 8 (R/W)
ACKNOWLEDGE (A)
STOP CONDITION (S)
t
SU;STA
t
LOW
t HIGH
1 / f SCL
SCL
t
BUF
tr
t
f
SDA
t HD;STA
t
SU;DAT
t
HD;DAT
t
VD;DAT
t
VD;ACK
tSU;STO
SW02143
Figure 20.
I2C-bus
timing diagram; rise and fall times refer to VIL and VIH
VDD
VDD
Open
VI D.U.T. RT CL 50Pf VO RL = 500
PULSE GENERATOR
DEFINITIONS
RL = Load resistor. CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to the output impedance ZO of the pulse generators.
SW02142
Figure 21. Test circuitry for switching times
2003 Nov 10
15
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
2003 Nov 10
16
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
TSSOP16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
2003 Nov 10
17
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
HVQFN16: plastic thermal enhanced very thin quad flat package; no leads; 16 terminals; body 4 x 4 x 0.85 mm
SOT629-1
2003 Nov 10
18
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
REVISION HISTORY Rev Date _1 20031110
Description Product data (9397 750 12292); ECN 853-2407 30411 dated 06 September 2003. Initial version
2003 Nov 10
19
Philips Semiconductors
Product data
8-bit I2C LED dimmer
PCA9531
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specifications defined by Philips. This specification can be ordered using the code 9398 393 40011.
Data sheet status
Level
I
Data sheet status[1]
Objective data
Product status[2] [3]
Development
Definitions
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data
Qualification
III
Product data
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. [3] For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products--including circuits, standard cells, and/or software--described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
Koninklijke Philips Electronics N.V. 2002 All rights reserved. Printed in U.S.A. Date of release: 11-03
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document order number:
9397 750 12292
Philips Semiconductors
2003 Nov 10 20


▲Up To Search▲   

 
Price & Availability of PCA9531D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X