Part Number Hot Search : 
EL1881CN EMK21 BR156 BCPZ1 AP60N03S 47M35 BFS17P YTS4401
Product Description
Full Text Search
 

To Download NTE7091 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7091 Integrated Circuit Dual, Bi-Directional Motor Driver
Description: The NTE7091 is an integrated circuit in a 10-Lead SIP type package designed for forward/reverse direction select driver by switching motor 1 or motor 2 with a brush. Forward/reverse direction select of motor 1 or motor 2 can be made by 3-bit input logic. It also assures five outputs of both brakes and is suitable for VCR tape loading and cassette loading, video disc players, etc. Features: D Wide Range of Operating Supply Voltage: VCC(opr) = 4V to 20V D Forward and Reverse Drive of Motor 1 or Motor 2 by 3-Bit Input. D Built-In Thermal Protection Circuit. Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage (1), VCC1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to +24V Supply Voltage (2), VCC2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to +24V Supply Current (1), ICC1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to VCC1V Motor Rush Allowable Current, IOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6A Motor Ordinal Current, IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mA Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1100mW Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Supply Current Output Leakage Current Low Level Output Voltage High Level Output Voltage Output Offset Voltage 8-Pin Output Current Symbol ICC1 IO(leak) VOL VOH IR Test Conditions V4 = V5 = V6 = 1V, IO = 0mA, VCC1 = VCC2 = 12V VCC1 = VCC2 = 20V, Output Open, VO = 0 or 20V IOL = 500mA IOH = -500mA VR = 6V, IOH = -500mA Min - - - 10 -0.5 -1.4 Typ 7 - - - - - Max 20 100 1.5 - +0.5 -0.6 Unit mA A V V V mA
VO(offset) VR = 6V, IOH = -500mA
Note 1. Operating Supply Voltage Range: VCC(opr) = 4V to 20V
Pin Connection Diagram (Front View)
10 9 8 7 6 5 4 3 2 1
Output 1 VCC2 VR VCC1 Input 3 Input 2 Input 1 Output 3 Output 2 GND
.110 (2.8)
.992 (25.2)
.326 (8.28) Max
1
10
.100 (2.54)
.019 (0.48) .900 (22.8)
.118 (3.0) Min


▲Up To Search▲   

 
Price & Availability of NTE7091

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X