Part Number Hot Search : 
TPS54560 ADC0809 1N5277B SI550 DTA123JE BZV55C62 A3010Q MCBC2450
Product Description
Full Text Search
 

To Download MRF650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRF650
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI MRF650 is Designed for Class C, FM Land Mobile Applications up to 470 MHz.
FEATURES:
* Internal Input Matching Network * PG = 5.0 dB at 45 W/470 MHz * OmnigoldTM Metalization System
PACKAGE STYLE .500 6L FLG
C A 2x ON FU LL R D
B
E .725/18,42 F K M L M AX IM U M
inche s / m m
MAXIMUM RATINGS
IC VCBO VCEO VCES VEBO PDISS TJ TSTG JC 12 A 36 V 16 V 36 V 4.0 V 175 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 1.0 C/W
D IM A B C D E F G H I J K L M N
G
H M IN IM U M
inche s / m m
J
I
.150 / 3.43 .045 / 1.14 .210 / 5.33 .835 / 21.21 .200 / 5.08 .490 / 12.45 .003 / 0.08 .125 / 3.18 .725 / 18.42 .970 / 24.64 .090 / 2.29 .150 / 3.81 .120 / 3.05
.160 / 4.06 .220 / 5.59 .865 / 21.97 .210 / 5.33 .510 / 12.95 .007 / 0.18
.980 / 24.89 .105 / 2.67 .170 / 4.32 .285 / 7.24 .135 / 3.43
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVCBO BVEBO ICBO ICES hFE Cob PG C IC = 50 mA IC = 20 mA
TC = 25 C
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
16 36 36 4.0 5.0 5.0
UNITS
V V V mA mA --pF dB %
IC = 5.0 mA IE = 5.0 mA VCB = 15 V VCE = 22 V VCE = 5.0 V VCB = 12.5 V VCE = 12.5 V POUT = 45 W IC = 5.0 A f = 1.0 MHz f = 470 MHz
20
200 150
5.0 60
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of MRF650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X