PANEL DISPLAY UNITS 320 x 320 mm 18 mm 16 x 16 Dots Outline Drawing LNP120011 Absolute Maximum Ratings (Ta = 25C) Item Supply Voltage for Logic Supply Voltage for LED Input Voltage Operating Ambient Temperature Storage Temperature Main Specifications (Ta = 25C) Item Display Colors Dot Diameter Dots Pitch Dot Total Number Display Surface Size Brightness (when lighting all lamps) Operating Method Clock Frequency for Logic Supply Voltage Supply Current Supply Voltage for LED Supply Current Viewing Angle (50 % Luminouse) Weight CLK VCC ICC VLED ILED 2 1/2 B Symbol Ratings Red, Green, Amber 18 x 18 19.9 256 (16 x 16) Max. 320 x 320 R e d : 1,800 Green : 1,000 Controllable Static lighting Max 5 5.0 0.25 Max 1.5 7.5 0.2 Max 12 when two colors are all turned "ON" Min 70 2,400 MHz V mA V A g 363 mm cd/m2 mm mm Unit Symbol VCC VLED Vin Topr Tstg Ratings - 0.3 + 5.5 Max 8.0 - 0.3 VCC + 0.3 - 20 + 45 - 30 + 85 Unit V V V C C
|