Part Number Hot Search : 
S2GJF CMHZ4117 CD7313GS HSBD140 1SS136 00450 RBOX103 KT973
Product Description
Full Text Search
 

To Download LNBP16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LNBK20D2
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
s
s s
s
s
s
s
s
s
s s
s s
COMPLETE INTERFACE FOR TWO LNBs REMOTE SUPPLY AND CONTROL GUARANTEED 400mA OUTPUT CURRENT LNB SELECTION AND STAND-BY FUNCTION BUILT-IN TONE OSCILLATOR FACTORY TRIMMED AT 22KHz FAST OSCILLATOR START-UP FACILITATES DiSEqCTM ENCODING TWO SUPPLY INPUTS FOR LOWEST DISSIPATION BYPASS FUNCTION FOR SLAVE OPERATION LNB SHORT CIRCUIT PROTECTION AND DIAGNOSTIC AUXILIARY MODULATION INPUT EXTENDS FLEXIBILITY CABLE LENGTH COMPENSATION INTERNAL OVER TEMPERATURE PROTECTION BACKWARD CURRENT PROTECTION COST-EFFECTIVE VERSION OF LNBP SERIES
SO-20
DESCRIPTION Intended for analog and digital satellite receivers, the LNBK20D2 is a monolithic linear voltage regulator, assembled in SO-20, specifically designed to provide the powering voltages and the interfacing signals to the LNB downconverter situated in the antenna via the coaxial cable. It has the same functionality of the LNBP1X and LNBP20 series, at a reduced output current capability. Since most satellite receivers have two antenna ports, the output voltage of the regulator is available at one of two logic-selectable output pins (LNBA, LNBB). When the IC is powered and put in Stand-by (EN pin LOW), both regulator outputs are disabled to allow the antenna downconverters to be supplied/controlled by others satellite receivers sharing the same coaxial lines. In this occurrence the device will limit at 3 mA (max) the backward current that could flow from LNBA and LNBB output pins to GND. For slave operation in single dish, dual receiver systems, the bypass function is implemented by an electronic switch between the Master Input pin
July 2003
(MI) and the LNBA pin, thus leaving all LNB powering and control functions to the Master Receiver. This electronic switch is closed when the device is powered and EN pin is LOW. The regulator outputs can be logic controlled to be 13 or 18 V (typ.) by mean of the VSEL pin for remote controlling of LNBs. Additionally, it is possible to increment by 1V (typ.) the selected voltage value to compensate the excess voltage drop along the coaxial cable (LLC pin HIGH). In order to reduce the power dissipation of the device when the lowest output voltage is selected, the regulator has two Supply Input pins VCC1 and VCC2. They must be powered respectively at 16V (min) and 23V (min), and an internal switch automatically will select the suitable supply pin according to the selected output voltage. If adequate heatsink is provided and higher power losses are acceptable, both supply pins can be powered by the same 23V source without affecting any other circuit performance. The ENT (Tone Enable) pin activates the internal oscillator so that the DC output is modulated by a 0.3 V, 22KHz (typ.) square wave. This internal oscillator is factory trimmed within a tolerance of 2KHz, thus no further adjustments neither external components are required. A burst coding of the 22KHz tone can be accomplished thanks to the fast response of the ENT input and the prompt oscillator start-up. This helps designers who want to implement the DiSEqCTM protocols (*). In order to improve design flexibility and to allow implementation of newcoming LNB remote control standards, an analogic modulation input pin is
1/14
LNBK20D2
available (EXTM). An appropriate DC blocking capacitor must be used to couple the modulating signal source to the EXTM pin. When external modulation is not used, the relevant pin can be left open. Two pins are dedicated to the overcurrent protection/monitoring: CEXT and OLF. The overcurrent protection circuit works dynamically: as soon as an overload is detected in either LNB output, the output is shut-down for a time Toff determined by the capacitor connected between CEXT and GND. Simultaneously the OLF pin, that is an open collector diagnostic output flag, from HIGH IMPEDANCE state goes LOW. After the time has elapsed, the output is resumed for a time ton=1/15toff (typ.) and OLF goes in HIGH IMPEDANCE. If the overload is still present, the protection circuit will cycle again through toff and ton until the overload is removed. Typical ton+toff value is 1200ms when a 4.7F external capacitor is used. This dynamic operation can greatly reduce the power dissipation in short circuit condition, still ensuring excellent power-on start up even with highly capacitive loads on LNB outputs. The device is packaged in Multiwatt15 for thru-holes mounting and in PowerSO-20 for surface mounting. When a limited functionality in a smaller package matches design needs, a range of cost-effective PowerSO-10 solutions is also offered. All versions have built-in thermal protection against overheating damage.
(*): External components are needed to comply to level 2.x and above (bidirectiona) DiSEqCTM bus hardware requirements. DiSEqCTM is a trademark or EUTELSAT.
PIN CONFIGURATION (top view)
2/14
LNBK20D2
TABLE A: PIN CONFIGURATIONS
PIN N 1 2 SYMBOL LLC OLF NAME Line Length Compens. (1V typ) Over Load Flag FUNCTION Logic control input: see truth table Logic output (open collector). Normally in HIGH IMPEDANCE, goes LOW when current or thermal overload occurs In stand-by mode, the voltage on MI is routed to LNBA pin. Can be left open if bypass function is not needed See truth tables for voltage and port selection Circuit Ground. It is internally connected to the die frame
3 4 5, 6, 15, 16 7, 13 8 9 10
MI LNBB GND N.C. VCC1 VCC2 LNBA
Master Input Output Port Ground Not Connected Supply Input 1 Supply Input 2 Output Port
15V to 27V supply. It is automatically selected when VOUT = 13 or 14V 22V to 27V supply. It is automatically selected when VOUT = 18 or 19V See truth table voltage and port selection. In stand-by mode this port is powered by the MI pin via the internal Bypass Switch Logic control input: see truth table Logic control input: see truth table Logic control input: see truth table Logic control input: see truth table Timing Capacitor used by the Dynamic Overload protection. Typical application is 4.7F for a 1200ms cycle External Modulation Input. Needs DC decoupling to the AC source. if not used, can be left open.
11 12 14 18 19 20
VSEL EN OSEL ENT CEXT EXTM
Output Voltage Selection: 13 or 18V (typ) Port Enable Port Selection 22KHz Tone Enable External Capacitor External Modulator
NOTE: the limited pin availability of the PowerSO-10 package leads to drop some functions.
ABSOLUTE MAXIMUM RATINGS
Symbol VI IO VI ISW PD Tstg Top Parameter DC Input Voltage (VCC1, VCC2, MI) Output Current (LNBA, LNBB) Logic Input Voltage (ENT, EN OSEL, VSEL, LLC) Bypass Switch Current Power Dissipation at Tcase < 85C Storage Temperature Range Operating Junction Temperature Range Value 28 Internally Limited -0.5 to 7 900 3 -40 to +150 -40 to +125 Unit V mA V mA W C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
THERMAL DATA
Symbol Rthj-case Parameter Thermal Resistance Junction-case Value 15 Unit C/W
3/14
LNBK20D2
LOGIC CONTROLS TRUTH TABLE
CONTROL I/O OUT IN IN IN IN IN EN L H H H H H H H H OSEL X L L L L H H H H VSEL X L H L H L H L H PIN NAME OLF ENT EN OSEL VSEL LLC LLCO X L L H H L L H H L IOUT > IOMAX or Tj > 150C 22KHz tone OFF See Table Below See Table Below See Table Below See Table Below VLNBA VMI - 0.4V (typ.) 13V (typ.) 18V (typ.) 14V (typ.) 19V (typ.) Disabled Disabled Disabled Disabled H IOUT < IOMAX 22KHz tone ON See Table Below See Table Below See Table Below See Table Below VLNBB Disabled Disabled Disabled Disabled Disabled 13V (typ.) 18V (typ.) 14V (typ.) 19V (typ.)
NOTE: All logic input pins have internal pull-down resistor (typ. = 250K)
BLOCK DIAGRAM
4/14
LNBK20D2
ELECTRICAL CHARACTERISTICS FOR LNBK SERIES (TJ = 0 to 85C, CI = 0.22F, C O =0.1F, EN=H, ENT=L, LLC=L, VIN1=16V, VIN2=23V IOUT=50mA, unless otherwise specified.)
Symbol VIN1 VIN2 VO1 VO2 VO VO SVR IMAX tOFF tON fTONE ATONE DTONE Parameter VCC1 Supply Voltage VCC2 Supply Voltage Output Voltage Output Voltage Line Regulation Load Regulation Supply Voltage Rejection Output Current Limiting Dynamic Overload protection OFF Time Dynamic Overload protection ON Time Tone Frequency Tone Amplitude Tone Duty Cycle Output Shorted Output Shorted ENT=H ENT=H ENT=H ENT=H VOUT/VEXTM, AC Coupling f = 10Hz to 40KHz EN=L, IOL=8mA VOH = 6V ISW=300mA, VCC2-VMI=4V 400 0.35 0.28 0.6 0.5 10 0.8 2.5 VIH = 5V Output Disabled (EN=L) ENT=H, IOUT=500mA EN=L VLNBA = VLNBB = 18V VIN1 = VIN2 = 22V or floating 20 0.3 3.1 0.2 150 1 6 3 f = 10Hz to 40KHz CEXT =4.7F CEXT =4.7F 20 0.55 40 5 Test Conditions IO = 400 mA ENT=H, VSEL=L, LLC=L IO = 400 mA ENT=H, VSEL=L, LLC=H IO = 400 mA ENT=H, VSEL=L, LLC=L IO = 400 mA VSEL=L, LLC=H IO = 400 mA VSEL=L, LLC=L IO = 400 mA ENT=H, VSEL=L, LLC=H IO = 400 mA VSEL=L, LLC=L IO = 400 mA ENT=H, VSEL=L, LLC=H VIN1=15 to 18V VIN2=22 to 25V VIN1=VIN2=22V IO = 0 to 3A VOUT=13V VOUT=18V VOUT=13 or 18V 12.5 Min. 15 16 22 23 17.3 18 19 13 14 5 5 65 45 500 650 1100 tOFF/15 22 0.72 50 10 5 400 mVpp V V A V V A mA mA mA C 24 0.9 60 15 800 50 50 150 13.5 Typ. Max. 27 27 27 27 18.7 Unit V V V V V V V V mV mV mV dB mA ms ms KHz Vpp % s
VIN1 = VIN2 = 23 0.5Vac fac = 120 Hz,
Tone Rise and Fall Time tr, tf GEXTM External Modulation Gain VEXTM ZEXTM VSW VOL IOZ VIL VIH IIH ICC IOBK TSHDN External Modulation Input Voltage External Modulation Impedance Bypass Switch Voltage Drop (MI to LNBA) Overload Flag Pin Logic LOW Overload Flag Pin OFF State Leakage Current Control Input Pin Logic LOW Control Input Pin Logic HIGH Control Pins Input Current Supply Current Output Backward Current Temperature Shutdown Threshold
5/14
LNBK20D2
TYPICAL CHARACTERISTICS (unless otherwise specified Tj = 25C) Figure 1 : Output Voltage vs Output Current Figure 4 : Tone Frequency vs Temperature
Figure 2 : Tone Duty Cycle vs Temperature
Figure 5 : Tone Rise Time vs Temperature
Figure 3 : Tone Fall Time vs Temperature
Figure 6 : Tone Amplitude vs Temperature
6/14
LNBK20D2
Figure 7 : S.V.R. vs Frequency Figure 10 : LNBA External Modulation gain vs Frequency
Figure 8 : External Modulation vs Temperature
Figure 11 : Bypass switch Drop vs Output Current
Figure 9 : Bypass Switch Drop vs Output Current
Figure 12 : overload Flag pin Logic LOW vs Flag Current
7/14
LNBK20D2
Figure 13 : Supply Voltage vs Temperature Figure 16 : Tone Enable
Figure 14 : Supply Current vs Temperature
Figure 17 : Tone Disable
Figure 15 : Dynamic Overload protection (ISC vs Time)
Figure 18 : 22KHz Tone
8/14
LNBK20D2
Figure 19 : Enable Time Figure 21 : 18V to 13V Change
Figure 20 : Disable Time
Figure 22 : 18V to 13V Change
TYPICAL APPLICATION SCHEMATICS TWO ANTENNA PORTS RECEIVER
MCU+V 10uF C2 AUX DATA R1 47K 13 11 EXTM 1 VCC1 2 VCC2 3 LNBA 15 LNBB 14 MI CEXT 10 4.7F C1 + GND 8 2x 0.1F 2x 47nF C3 C4 C5 C6 TUNER 17V 24V ANT CONNECTORS JA
OLF
JB
4 9 5 7 12
VSEL ENT EN OSEL LLC LNBK20
Vcc
I/Os MCU
I/Os
9/14
LNBK20D2
SINGLE ANTENNA RECEIVER WITH MASTER RECEIVER PORT
MCU+V 10uF C2 AUX DATA R1 47K 13 17V 24V
11 EXTM
VCC1 VCC2 LNBA LNBB MI CEXT
1 2 3 15 14 10 4.7F C1 + C3 C4 C5 47nF 2x 0.1F TUNER
ANT
OLF
MASTER
4 9 5 7 12
VSEL ENT EN OSEL LLC LNBK20
GND
8
Vcc
I/Os MCU
I/Os
USING SERIAL BUS TO SAVE MPU I/Os
17V MCU+V C2 R1 47K AUX DATA 10uF 13 OLF VSEL ENT EN OSEL LLC LNBK20 11 EXTM VCC1 VCC2 1 2 ANT CONNECTORS JA 24V
LNBA 3 LNBB 15 14 MI CEXT 10 4.7F C1 + GND 8 2x 0.1F 2x 47nF C3 C4 C5 C6 TUNER
JB
1 2 3 15
STR D CLK OE
Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 QS QS
4 5 6 7 14 13 12 11 9 10
4 9 5 7 12
4094 SERIAL BUS MCU+V
I/Os
Vcc MCU
10/14
LNBK20D2
THERMAL DESIGN NOTE During normal operation, this device dissipates some power. At maximum rated output current (400mA), the voltage drop on the linear regulator lead to a total dissipated power that is of about 2W. The heat generated requires a suitable heatsink to keep the junction temperature below the over temperature protection threshold. Assuming a 40C temperature inside the Set-Top-Box case, the total Rthj-amb has to be less than 43C/W. While this can be easily achieved using a through-hole power package that can be attached to a small heatsink or to the metallic frame of the receiver, a surface mount power package must rely on PCB solutions whose thermal efficiency is often limited. The simplest solution is to use a large, continuous copper area of the GND layer to dissipate the heat coming from the IC body. The SO-20 package of this IC has 4 GND pins that are not just intended for electrical GND connection, but also to provide a low thermal resistance path between the silicon chip and the PCB heatsink. Given an Rthj-c equal to 15C/W, a maximum of 28C/W are left to the PCB heatsink. This figure is achieved if a minimum of 25cm2 copper area is placed just below the IC body. This area can be the inner GND layer of a multi-layer PCB, or, in a dual layer PCB, an unbroken GND area even on the opposite side where the IC is placed. In both cases, the thermal path between the IC GND pins and the dissipating copper area must exhibit a low thermal resistance. In figure 4, it is shown a suggested layout for the SO-20 package with a dual layer PCB, where the IC Ground pins and the square dissipating area are thermally connected through 32 vias holes, filled by solder. This arrangement, when L=50mm, achieves an Rthc-a of about 28C/W. Different layouts are possible, too. Basic principles, however, suggest to keep the IC and its ground pins approximately in the middle of the dissipating area; to provide as many vias as possible; to design a dissipating area having a shape as square as possible and not interrupted by other copper traces. SO-20 SUGGESTED PCB HEATSINK LAYOUT
11/14
LNBK20D2
SO-20 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.020 13.00 10.65 0.35 0.23 0.5 45 (typ.) 0.496 0.393 0.050 0.450 0.300 0.050 0.029 0.512 0.419 0.1 TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. TYP. MAX. 0.104 0.008 0.096 0.019 0.012 inch
PO13L
12/14
LNBK20D2
Tape & Reel SO-20 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 10.8 13.2 3.1 3.9 11.9 12.8 20.2 60 30.4 11 13.4 3.3 4.1 12.1 0.425 0.520 0.122 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.433 0.528 0.130 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
13/14
LNBK20D2
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of LNBP16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X