Part Number Hot Search : 
TMC429 UF102 1N756 TC74LC XO3090 SNC204 5671A4 15A10
Product Description
Full Text Search
 

To Download LA305-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LA 305-S
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
300 A
Electrical data
IPN IP RM Primary nominal r.m.s. current Primary current, measuring range Measuring resistance @ with 12 V with 15 V ISN KN VC IC Vb @ 300 A max @ 500 A max @ 300 A max @ 500 A max 300 0 .. 500 TA = 70C TA = 85C RM min RM max RM min RM max 0 0 0 0 52 17 75 31 0 0 5 5 50 15 73 29 A A
Features
*Closed loop (compensated) current
transducer using the Hall effect

*Insulated plastic case recognized
according to UL 94-V0
*Copyright protected.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. rated voltage 1), safe separation basic isolation
120 mA 1 : 2500 12 .. 15 V 20 (@ 15 V) + IS mA 1750 V 3500 V
Advantages
*Excellent accuracy *Very good linearity *Low temperature drift *Optimized response time *Wide frequency bandwidth *No insertion losses *High immunity to external
interference
Accuracy - Dynamic performance data
XG
L
Overall accuracy @ IPN , TA = 25C Linearity
0.8 < 0.1 Max 0.20 0.40 0.30
% % mA mA mA ns s A/s kHz
*Current overload capability.
IO IOM IOT tra tr di/dt f
Typ Offset current @ IP = 0, TA = 25C Residual current 2) @ IP = 0, after an overload of 3 x IPN Thermal drift of IO - 10C .. + 85C 0.12 Reaction time @ 10 % of IP max Response time 3) @ 90 % of IP max di/dt accurately followed Frequency bandwidth (- 3 dB)
Applications
*AC variable speed drives and servo
motor drives
< 500 <1 > 100 DC .. 100
*Static converters for DC motor drives *Battery supplied applications *Uninterruptible Power Supplies
(UPS)
*Switched Mode Power Supplies
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ Mass Standards - 10 .. + 85 - 40 .. + 90 35 37 200 EN 50178 C C g
(SMPS)
*Power supplies for welding
applications.
TA = 70C TA = 85C
4)
Notes :
1)
2) 3) 4)
Pollution class 2. With a non insulated primary bar which fills the through-hole The result of the coercive field of the magnetic circuit With a di/dt of 100 A/s A list of corresponding tests is available
980707/6
LEM Components
w w w .lem.com
Dimensions LA 305-S
Front view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals
Pin Pin Pin Pin 1 2 3 4 : : : : supply voltage + 12 .. 15 V measure supply voltage - 12 .. 15 V NC
Connection
Top view Mechanical characteristics
*General tolerance *Fastening *Primary through-hole *Connection of secondary
0.5 mm 2 holes 5.5 mm 25.5 x 25.5 mm Molex 5046-04/AG
Remarks
*IS is positive when IP flows in the direction of the arrow. *Temperature of the primary conductor should not exceed
100C.
*Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
*This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LA305-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X