Part Number Hot Search : 
74HC244 1212S XP6111 1212S LM258WD 1SV294 MMBF4118 1SV28807
Product Description
Full Text Search
 

To Download KSH31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSH31/31C
KSH31/31C
General Purpose Amplifier Low Speed Switching Applications
* Lead Formed for Surface Mount Application (No Suffix) * Straight Lead (I-PAK, "- I" Suffix) * Electrically Similar to Popular TIP31 and TIP31C
1
D-PAK 1.Base
1
I-PAK 3.Emitter
2.Collector
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO Parameter Collector-Base Voltage : KSH31 : KSH31C VCEO Collector-Emitter Voltage : KSH31 : KSH31C Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Collector Dissipation (TC=25C) Collector Dissipation (Ta=25C) TJ TSTG Junction Temperature Storage Temperature 40 100 40 100 5 3 5 1 15 1.56 150 - 65 ~ 150 V V V V V A A A W W C C Value Units
VEBO IC ICP IB PC
Electrical Characteristics TC=25C unless otherwise noted
Symbol VCEO(sus) Parameter * Collector-Emitter Sustaining Voltage : KSH31 : KSH31C Collector Cut-off Current : KSH31 : KSH31C ICES Collector Cut-off Current : KSH31 : KSH31C IEBO hFE VCE(sat) VBE(on) fT Emitter Cut-off Current * DC Current Gain * Collector-Emitter Saturation Voltage * Base-Emitter On Voltage Current Gain Bandwidth Product VCE = 40V, VBE = 0 VCE = 100V, VBE = 0 VBE = 5V, IC = 0 VCE = 4V, IC = 1A VCE = 4V, IC = 3A IC = 3A, IB = 375mA VCE = 4A, IC = 3A VCE = 10V, IC = 500mA 3 25 10 20 20 1 50 1.2 1.8 V V MHz A A mA VCE = 40V, IB = 0 VCE = 60V, IB = 0 50 50 A A Test Condition IC = 30mA, IB = 0 Min. 40 100 Max. Units V V
ICEO
* Pulse Test: PW300s, Duty Cycle2%
(c)2002 Fairchild Semiconductor Corporation
Rev. B3, October 2002
KSH31/31C
Typical Characteristics
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
1000
10
VCE = 2V
IC = 10 IB
hFE, DC CURRENT GAIN
100
1
VBE(sat)
10
0.1
V CE(sat)
1 0.01
0.1
1
10
0.01 1E-3
0.01
0.1
1
10
IC[A], COLLECTOR CURRENT
IC[A], COLLECTOR CURRENT
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
1000
tC = 10.IB
Cob[pF], CAPACITANCE
tR, tD [s], TURN ON TIME
1
100
tR, VCC=30V tR, VCC=10V
0.1
10
tD, VBE(off)=2V
1 0.1
0.01 1 10 100
0.1
1
10
VCB[V], COLLECTOR BASE VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 3. Collector Capacitance
Figure 4. Turn On Time
10
tC = 10.IB
ICP(max)
0 10
tF,tSTG[s], TURN OFF TIME
0 50
IC[A], COLLECTOR CURRENT
IC(max)
s 1m
1
s
s
1
tSTG tF, V CC=30V
DC
tF, VCC(off)=10V
0.01
0.1
1
10
0.01 1 10 100 1000
IC[A], COLLECTOR CURRENT
VCE[V], COLLECTOR-EMITTER VOLTAGE
Figure 5. Turn Off Time
Figure 6. Safe Operating
(c)2002 Fairchild Semiconductor Corporation
KSH31C
0.1
0.1
KSH31
Rev. B3, October 2002
KSH31/31C
Typical Characteristics (Continued)
20
PC[W], POWER DISSIPATION
15
10
5
0 0 25 50
o
75
100
125
150
175
TC[ C], CASE TEMPERATURE
Figure 7. Power Derating
(c)2002 Fairchild Semiconductor Corporation
Rev. B3, October 2002
KSH31/31C
Package Dimensions
D-PAK
6.60 0.20 5.34 0.30 (0.50) (4.34) (0.50)
0.70 0.20
2.30 0.10 0.50 0.10
0.60 0.20
6.10 0.20
2.70 0.20
9.50 0.30
0.91 0.10
0.80 0.20
MAX0.96 2.30TYP [2.300.20]
0.76 0.10 2.30TYP [2.300.20]
0.89 0.10
0.50 0.10 1.02 0.20 2.30 0.20
(0.70)
(0.90) (0.10) (3.05)
6.10 0.20
9.50 0.30
2.70 0.20
(2XR0.25)
0.76 0.10
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. B3, October 2002
(1.00)
6.60 0.20 (5.34) (5.04) (1.50)
MIN0.55
KSH31/31C
Package Dimensions (Continued)
I-PAK
6.60 0.20 5.34 0.20 (0.50) (4.34) (0.50) 0.50 0.10 2.30 0.20
0.20
0.20
0.60
0.70
0.10
6.10
0.20
0.80
0.20
1.80
MAX0.96 0.76 0.10
9.30
0.30
2.30TYP [2.300.20]
2.30TYP [2.300.20]
0.50 0.10
(c)2002 Fairchild Semiconductor Corporation
16.10
0.30
Dimensions in Millimeters
Rev. B3, October 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of KSH31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X