Part Number Hot Search : 
A1400 1N3823 621504 N4150 TRRPB FT20120 4N22U 005000
Product Description
Full Text Search
 

To Download IH2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters 2 Watts IH Series
*
XPiQ inc.
Intelligent Design Quality Product
0.22 in2 Board Space * 75% Efficiency * 5, 12, 24 and 48 VDC Inputs * 1000/3000 VDC Isolation * SIP and DIP Packages * Low Cost
Specification
All specifications are typical at nominal line, full load & +25C
Input
Input Voltage * Input Reflected Noise * (20 MHz) BW 10% 100 mV pk-pk max
Environmental
Input Output Isolation Temperature Coefficient Operating Temperature Range Storage Temperature Range * * * * 1000 VDC/3000 VDC for `H' option 0.03%/C max -40 C to +85 C -55 C to +125 C
Output
Output Voltage * Accuracy Output Ripple & Noise * (20 MHz BW) Line Regulation * Load Regulation * (20% to 100% Load) 5% 150 mV pk-pk max 1.2%/1% of Vin 10%
General
Efficiency * At full load 9 V, 12 V & 15 V outputs 80% typical At full load 3.3V and 5V outputs 70% typical 1 second max
Short Circuit Protection
*
*
www.XPiQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xpiq.com Holliston, MA 01746 USA
*
OUTPUT VOLTAGE & CURRENT RATINGS
Output Voltage 3.3 VDC 5.0 VDC 9.0 VDC 12.0 VDC 15.0 VDC Notes Add suffix "S" for single-in-line package, suffix "D" for dual-in-line package. Add suffix "H" for 3000 VDC isolation. 1000 VDC Isolation (Standard Pin Output) 3000 VDC Isolation (H Option) Output Current 300 mA 200 mA 111 mA 84 mA 66 mA 5 VDC Input IH0503 IH0505 IH0509 IH0512 IH0515 12 VDC Input IH1203 IH1205 IH1209 IH1212 IH1215 24 VDC Input IH2403 IH2405 IH2409 IH2412 IH2415 48 VDC Input IH4803 IH4805 IH4809 IH4812 IH4815
IH
*
Mechanical Details
0.300 MAX
0.780 MAX
0.780 MAX
0.015 0.120 MIN 0.100
0.400 MAX
0.015
0.400 MAX
0.120 MIN 0.100 0.045
BOTTOM
0.010 MAX 0.9 0.500
0.045 0.010 MAX
0.600
0.09
0.400 MAX 0.400 MAX
0.800 MAX
0.800 MAX
0.290 MAX* 0.110 MIN 0.110 MIN
0.310 MAX
0.300 TYP
0.010
0.300 TYP
0.010
0.600 * 0.310 max for 48VDC input models
0.600 Pins .01 x .02 inches
Pin Connections & Derating Curve
1000 VDC Isolation
Vcc 14 -V 11 +V 0V 98
3000 VDC Isolation
Vcc 14 -V 0V +V 10 9 8
1000 VDC Isolation
3000 VDC Isolation
1 GND
7 NC
1 GND
7 NC
12
Vcc GND
456
-V 0V +V
12
Vcc GND
5
-V
6
0V
7
+V
DUAL-IN-LINE PACKAGE (TOP VIEW)
SINGLE-IN-LINE PACKAGE (TOP VIEW)
www.XPiQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xpiq.com Holliston, MA 01746 USA


▲Up To Search▲   

 
Price & Availability of IH2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X