Part Number Hot Search : 
A986A KI5902DC 53100 PL4V3Z NR301E VRE111CA 05D15 X5328S8
Product Description
Full Text Search
 

To Download IDTQS3VH16233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS3VH16233 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEATURES: DESCRIPTION:
IDTQS3VH16233 PRELIMINARY
* N channel FET switches with no parasitic diode to Vcc - Isolation under power-off conditions - No DC path to Vcc or GND - 5V tolerant in OFF and ON state * 5V tolerant I/Os * Low RON - 4 typical * Flat RON characteristics over operating range * Rail-to-rail switching 0 - 5V * Bidirectional dataflow with near-zero delay: no added ground bounce * Excellent RON matching between channels * Vcc operation: 2.3V to 3.6V * High bandwidth - up to 500 MHz * LVTTL-compatible control Inputs * Undershoot Clamp Diodes on all switch and control Inputs * Low I/O capacitance, 4pF typical * Available in SSOP and TSSOP packages
The QS3VH16233 HotSwitch is a 32-bit to 16-bit high bandwidth bus switch, which can multiplex or demultiplex data. The QS3VH16233 has very low ON resistance, resulting in under 250ps propagation delay through the switch. This device can be used as two 16-bit to 8-bit multiplexers or as one 32-bit to 16-bit multiplexer. SELx inputs control the data flow. TESTx inputs control either one or two ports connection. In the OFF and ON states, the switches are 5V-tolerant. In the OFF state, the switches offer very high impedance at the terminals. The combination of near-zero propagation delay, high OFF impedance, and over-voltage tolerance also makes the QS3VH16233 ideal for high performance communications applications. The QS3VH16233 is characterized for operation from -40C to +85C.
APPLICATIONS:
* * * * *
Hot-swapping 10/100 Base-T, Ethernet LAN switch Low distortion analog switch Replaces mechanical relay ATM 25/155 switching
FUNCTIONAL BLOCK DIAGRAM
TEST1
TEST2
SEL1
x = 1 through 8
SEL2
x = 9 through 16
xB2 xA xB1
O NE O F EIG HT CHA NNE LS O NE OF E IGHT CHANNE LS
xB2 xA xB1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2003 Integrated Device Technology, Inc.
AUGUST 2003
DSC-5882/4
IDTQS3VH16233 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1A 2B 1 2B 2 3A 4B 1 4B 2 5A 6B 1 6B 2 7A 8B 1 8B 2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current (max. current/pin) Storage Temperature Max. - 0.5 to 4.6 - 0.5 to 5.5 - 0.5 to 5.5 -3 120 -65 to +150 Unit V V V V mA
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1B 1 1B 2 2A 3B 1 3B 2 4A 5B 1 5B 2 6A 7B 1 7B 2 8A
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
VTERM(2) VTERM(3) VTERM(3) VAC IOUT TSTG
C
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC.
GND Vcc
9A 10B 1 10B 2 11A 12B 1 12B 2 13A 14B 1 14B 2 15A 16B 1 16B 2
GND Vcc
9B 1 9B 2 10A 11B 1 11B 2 12A 13B 1 13B 2 14A 15B 1 15B 2 16A
CAPACITANCE
Symbol CIN CI/O CI/O Parameter(1) Control Inputs
(TA = +25 C, f = 1MHz, VIN = 0V, VOUT = 0V) Typ. 3 Mux Demux Mux Demux 8 4 16 8 Max. 5 12 6 24 12 pF Unit pF pF
o
Quickswitch Channels (Switch OFF) Quickswitch Channels (Switch ON)
NOTE: 1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names xA xBx SELx TESTx I/O I/O I/O I I Bus A Bus B Data Select Port Select Description
TEST1 TEST2
SEL1 SEL2
SSOP/ TSSOP TOP VIEW
FUNCTION TABLE(1)
SELx L H X TESTx L L H xA xB1 xB2 xB1, xB2 Function xA to xB1 xA to xB2 xA to xB1 and xB2
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
2
IDTQS3VH16233 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE(1)
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 3.3V 0.3V
Symbol VIH VIL IIN IOZ IOFF RON Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Data Input/Output Power Off Leakage Switch ON Resistance Test Conditions Guaranteed Logic HIGH for Control Inputs Guaranteed Logic HIGH for Control Inputs VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V Min. 1.7 2 -- -- -- -- -- ION = 30mA ION = 15mA ION = 30mA ION = 15mA -- -- -- -- Typ.(1) -- -- -- -- -- -- -- 6 7 4 5 Max. -- -- 0.7 0.8 1 1 1 8 9 6 8 A A A V Unit V
VCC 0V VOUT 5V, Switches OFF
VIN or VOUT 0V to 5V, VCC = 0V VCC = 2.3V VCC = 3V VIN = 0V VIN = 0V VIN = 2.4V (Typ. at VCC = 2.5V) VIN = 1.7V
0V VIN
NOTE: 1. Typical values are at VCC = 3.3V and TA = 25C, unless otherwise noted.
TYPICAL ON RESISTANCE vs VIN AT VCC = 3.3V
16
RON
(ohms)
14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VIN
(Volts)
3
IDTQS3VH16233 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current
(2,3)
Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3V, f = 0 per Control Input VCC = 3.3V, A and B Pins Open, Control Inputs Toggling @ 50% Duty Cycle per Input HIGH
Min. -- --
Typ. 1.5 --
Max. 3 30
Unit mA A
Dynamic Power Supply Current(4)
See Typical ICCD vs Enable Frequency graph below
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per input driven at the specified level. A and B pins do not contribute to Icc. 3. This parameter is guaranteed but not tested. 4. This parameter represents the current required to switch internal capacitance at the specified frequency. The A and B inputs do not contribute to the Dynamic Power Supply Current. This parameter is guaranteed but not production tested.
TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V
20
18 16
14 12
ICCD (mA)
10
8 6
4 2
0 0 2 4 6 8 10 12 14 16 18 20
ENABLE FREQUENCY (MHz)
4
IDTQS3VH16233 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C
VCC = 2.5 0.2V (1) Symbol tPLH tPHL tBX tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ fSx Parameter Data Propagation Delay(2,3) A to B or B to A Switch Multiplex Delay SEL to xA Switch Turn-On Delay SEL to xBx Switch Turn-Off Delay SEL to xBx Switch Turn-On Delay TEST to xBx Switch Turn-Off Delay TEST to xBx Operating Frequency - Enable (2,5) Min. (4) 1.5 1.5 1.5 1.5 1.5
Max.
VCC = 3.3 0.3V (1) Min. (4) 1.5 1.5 1.5 1.5 1.5
Max.
Unit ns ns ns ns ns ns MHz
0.2 9 9 7.5 8.5 8.5 7.5
0.2 7.5 8 7.5 9 8.5 15
NOTES: 1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 4. Minimums are guaranteed but not production tested. 5. Maximum toggle frequency for Sx control input (pass voltage > VCC, VIN = 5V, RLOAD > 1M, no CLOAD).
5
IDTQS3VH16233 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
SOME APPLICATIONS FOR HOTSWITCH PRODUCTS
0 to +5V NFET 0 to +5V
Vcc = 3.3V
CHARGE PUMP
+6.5V
OE
DRIVER SINGLE HOT SWITCH
Rail-to-Rail Switching
PHY 4.5VPP 3VH SWITCH
LOGIC SIDE 4.5VPP
Z = 100 W
10Mbps to 100Mbps >100m TWISTED PAIR
Z = 100 W
LOGIC SIDE
2VPP
Fast Ethernet Data Switching (LAN Switch)
PLUGGABLE CARD/ LIVE SYSTEM CONNECTOR
ZERO DOWN TIME SYSTEM QS3VHXXX
CARD I/O
ON CARD LOGIC
CPU
CONNECTOR
QS3VHXXX
CARD I/O
ON CARD LOGIC
RAM
Hot Swapping 6
BUS
IDTQS3VH16233 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V 0.3V 6 3 1.5 300 300 50 VCC(2)= 2.5V 0.2V 2 x Vcc Vcc VCC/2 150 150 30 Unit V V V mV mV pF
tPLH OPPOSITE PHASE INPUT TRANSITIO N tPHL SAM E PHAS E INPUT TRANSITION tPLH OUTPUT tPHL VIH VT 0V VOH VT VOL VIH VT 0V
Propagation Delay
VLOAD ENABLE Open 500 Pulse G enerator
(1, 2)
VCC
DISABLE
GND
CONTROL INPUT tPZL OUTPUT SW ITCH NORMALLY CLOSED LOW tPZH OUTPUT SW ITCH NO RM ALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ
VIH VT 0V VLOAD/2 V OL V OL VOH V OH 0V
+
VIN D.U.T.
VOUT
V LZ
RT
500 CL
-V H Z
Test Circuits for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
SWITCH POSITION
Test tPLZ/tPZL tPHZ/tPZH
tPD
Switch VLOAD GND Open
7
IDTQS3VH16233 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package
PV PA
Shrink S mall Outline P ackage Thin Shrink Small Outline Package
3VH16233
2.5V / 3.3V 32:16 Mux / Demux High Bandwidth Switch
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
8


▲Up To Search▲   

 
Price & Availability of IDTQS3VH16233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X