Part Number Hot Search : 
42S1640 R1100 2SD1279 EP8318 HC4051 1N5382B UNR511T K2962M
Product Description
Full Text Search
 

To Download IDTQS316233PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS316233 HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
FEATURES:
* * * * * *
IDTQS316233
Enhanced N channel FET with no inherent diode to Vcc 5 bidirectional switches connect inputs to outputs Zero propagation delay, zero ground bounce TTL-compatible input and output levels Undershoot clamp diodes on all switch and control inputs Available in SSOP and TSSOP packages
DESCRIPTION:
APPLICATIONS:
* * * *
Video, audio, graphics switching, muxing Hot-swapping, hot-docking Voltage translation (5V to 3.3V) Bus funneling
The QS316233 is a 32-bit to 16-bit high-speed CMOS, TTL-compatible switch which can multiplex or demultiplex data. It can be used for memory interleaving where two memory banks need to be addressed simultaneously. It can also be used as two 16-bit to 8-bit multiplexers or as one 32-bit to 16-bit multiplexer. SELn inputs control the data flow. TESTn inputs control either one or two ports connection. Mux/Demux devices provide an order of magnitude faster speed than equivalent logic devices. The QS316233 is characterized for operation at -40C to +85C.
FUNCTIONAL BLOCK DIAGRAM
TEST1
SEL1
n = 1 through 8
nB2 nA nB1
ONE O F EIG HT CHAN NELS
TEST2
SEL2
n = 9 through 16
nB2 nA nB1
ONE O F EIG HT CHAN NELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2001 Integrated Device Technology, Inc.
NOVEMBER 2001
DSC-5566/2
IDTQS316233 HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1A 2B1 2B2 3A 4B1 4B2 5A 6B1 6B2 7A 8B1 8B2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA = 85C) TSTG Storage Temperature SSOP TSSOP Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 0.93 0.77 -65 to +150 C Unit V V V V mA W
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1B1 1B2 2A 3B1 3B2 4A 5B1 5B2 6A 7B1 7B2 8A
VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC .
CAPACITANCE (TA = +25C, f = 1MHz, VIN = 0V, VOUT = 0V)
Pins Control Inputs Quickswitch Channels (Switch OFF) Mux Demux Typ. 5 8.5 6 Max. (1) 5.5 10 7 Unit pF pF
GND Vcc
9A 10B1 10B2 11A 12B1 12B2 13A 14B1 14B2 15A 16B1 16B2
GND Vcc
9B1 9B2 10A 11B1 11B2 12A 13B1 13B2 14A 15B1 15B2 16A
NOTE: 1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names xA xB1, xB2 SEL1, SEL2 TEST1, TEST2 I/O I/O I/O I I Bus A Bus B Data Select Port Select Description
FUNCTION TABLES(1)
n = 1 through 8
SEL1 L H X TEST1 L L H TEST2 L L H xA xB1 xB2 xB1, xB2 xA xB1 xB2 xB1, xB2 Function xA to xB1 xA to xB2 xA to xB1 and xB2 Function xA to xB1 xA to xB2 xA to xB1 and xB2
TEST1 TEST2
SEL1 SEL2
n = 9 through 16
SEL2 L H X
SSOP/ TSSOP TOP VIEW
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
2
IDTQS316233 HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5V 10%
Symbol VIH VIL IIN IOZ RON VP Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Switch ON Resistance Pass Voltage(2) Test Conditions Guaranteed Logic HIGH for Control Inputs Guaranteed Logic LOW for Control Inputs 0V VIN VCC 0V VOUT VCC VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION = 15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- -- -- 3.7 Typ.(1) Max. -- -- -- -- 5 10 4 -- 0.8 1 1 7 12 4.2 V Unit V V A A
NOTES: 1. Typical values are at VCC = 5V and TA = 25C. 2. Pass voltage is guaranteed but not production tested.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
16
RON
(ohms)
14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5
VIN
(Volts)
2.0
2.5
3.0
3.5
3
IDTQS316233 HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Control Input HIGH(2) Dynamic Power Supply Current per MHz(3) Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A and B Pins Open, Control Inputs Toggling @ 50% Duty Cycle Max. 3 3 0.25 Unit A mA mA/MHz
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TTL-driven input (VIN = 3.4V). A and B pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5V 10% CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tBX tPZL tPZH tPLZ tPHZ Parameter Data Propagation Delay(2) xA to xBx, xBx to xA Switch Multiplex Delay SEL to xA Switch Turn-On Delay SEL, TEST to xBx Switch Turn-Off Delay(2) SEL, TEST to xBx 1.5 1.5 1.5 5.3 5.2 5.3 ns ns ns Min. (1) Typ. Max. 0.25(3) Unit ns
NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4
IDTQS316233 HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package X Process
Blank
Industrial (-40C to +85C)
PV PA
Shrink Small Outline Package Thin Shrink Small Outline Package
316233
High Speed CMOS QuickSwitch 32:16 Mux/Demux
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDTQS316233PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X