Part Number Hot Search : 
74LCX54 1N5785 74LS95N FQPF6N15 PMB23 KBP01 PMB23 PMB23
Product Description
Full Text Search
 

To Download HMC1055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC1055
Advance Information SENSOR PRODUCTS
3-AXIS COMPASS SENSOR SET
Features
3 Precision Sensor Components 2-Axis Magnetoresistive Sensor for X-Y Axis Earth's Field Detection 1-Axis Magnetoresistive Sensor for Z-Axis Earth's Field Detection 2-Axis Accelerometer for 60 Tilt Compensation 2.7 to 5.5 volt Supply Range 3-Axis Compass Reference Design Included
Product Description
The Honeywell HMC1055 3-Axis Compass Sensor Set combines the popular HMC1051Z one-axis and the HMC1052 two-axis magneto-resistive sensors plus a 2axis MEMSIC MXS3334UL accelerometer in a single kit. By combining these three sensor packages, OEM compass system designers will have the building blocks needed to create their own tilt compensated compass designs using these proven components. The HMC1055 chip set includes the three sensor integrated circuits and an application note describing sensor function, a reference design, and design tips for integrating the compass feature into other product platforms.
DIAGRAMS
Pinouts (top view)
10
9
8
7
6
HONEYWELL HMC1051Z
B
HMC 1052
12345678
1 2 3 4 5
A
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 1
HMC1055
Advance Information SPECIFICATIONS - MAGNETIC SENSORS HMC1051Z, HMC1052 Characteristics Bridge Elements Supply Resistance Field Range Sensitivity Bridge Offset Bandwidth Noise Density Resolution Disturbing Field Max. Exposed Field Operating Temperature Storage Temperature Sensitivity Tempco Bridge Offset Tempco Bridge Ohmic Tempco Sensitivity Ratio of X,Y Sensors (HMC1052 Only) X,Y sensor Orthogonality (HMC1052) Linearity Error Best fit straight line 1 gauss 3 gauss 6 gauss Hysteresis Error 3 sweeps across 3 gauss Repeatability Error 3 sweeps across 3 gauss * Tested at 25C except stated otherwise. 0.1 0.5 1.8 0.06 0.1 %FS %FS %FS Sensitive direction in X and Y sensors 0.01 degree TA=-40 to 125C 95 101 105 % TA=-40 to 125C, Vbridge=5V TA=-40 to 125C, Ibridge=5mA TA=-40 to 125C, No Set/Reset TA=-40 to 125C, With Set/Reset Vbridge=5V, TA=-40 to 125C 2100 -3000 -2700 -600 500 10 2500 2900 ppm/C ppm/C -2400 ppm/C Ambient, unbiased -55 150 C Ambient -40 125 C Vbridge referenced to GND Bridge current = 1mA Full scale (FS) - total applied field Set/Reset Current = 0.5A Offset = (OUT+) - (OUT-) Field = 0 gauss after Set pulse Magnetic signal (lower limit = DC) @ 1kHz, Vbridge=5V 50Hz Bandwidth, Vbridge=5V Sensitivity starts to degrade. Use S/R pulse to restore sensitivity. No perming effect on zero reading 10000 gauss 20 5 50 120 MHz nV/sqrt Hz gauss gauss 1.8 800 -6 0.8 -1.25 1.0 0.5 2.5 1000 20 1500 +6 1.2 +1.25 Volts ohms gauss mV/V/gauss mV/V Conditions* Min Typ SENSOR PRODUCTS Max Units
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 2
HMC1055
Advance Information SPECIFICATIONS - MAGNETIC SENSORS HMC1051Z, HMC1052 Characteristics Conditions* Set/Reset Strap Resistance Current Resistance Tempco Offset Straps Resistance Offset Constant Resistance (available on die) Measured from OFFSET+ to OFFSETDC Current Field applied in sensitive direction TA= -40 to 125C 3900 ppm/C 12 15 10 18 ohms mA/gauss Measured from S/R+ to S/R0.1% duty cycle, or less, 2 sec current pulse TA= -40 to 125C 3700 ppm/C 3 0.4 4 0.5 5 4 ohms Amp SENSOR PRODUCTS Min Typ Max Units
Tempco * Tested at 25C except stated otherwise. SPECIFICATIONS - ACCELEROMETER MXS3334UL Characteristics Conditions* Sensor Input Range Non-Linearity Alignement Error Transverse Sensitivity Sensitivity Digital Outputs Change Over Temperature (Each Axis) Vdd = 5.0 volts -40C, Uncompensated +105C, Uncompensated Compensated (-40C to +105C) from 25C Resistance Zero g Bias Level 0 g Offset 0 g Duty Cycle 0 g Offset Over Temperature Performance Noise Density Frequency Response Tested at 25C except stated otherwise. rms 3dB Bandwidth 0.2 25 0.4 mg/sqrt-Hz Hz from 25C from 25C, based on 20%/g (Each Axis) -0.1 48 0.00 50 0.75 0.015 +0.1 52 g % Duty Cycle mg/C %/C TA= -40 to 125C 3900 ppm/C -50 < 3.0 19.00 20.00 21.00 +100 %Duty Cycle/g % Best fit straight line 1 0.5 1.0 2.0 1.0 g % of FS degree %
Min
Typ
Max
Units
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 3
HMC1055
Advance Information MXS3334UL SPECIFICATIONS Characteristics Voltage Reference Vref Change Over Temperature Current Drive Capability Self Test Continuous Voltage Under Failure Digital Outputs Normal Range Current Rise/Fall Time Turn-On Time Power Supply Operating Voltage Range Supply Current Temperature Operating Range Storage Range Tested at 25C except stated otherwise. -40 -65 +105 +150 C C Vdd = 5.0 volts Vdd = 2.7 volts 3.0 4.0 3.6 4.9 4.2 5.8 mA 2.7 5.25 volts (DOUTX and DOUTY) Vdd = 5.00 volts Vdd = 2.7 volts Source or Sink (Vdd =2.7 to 5.0v) Vdd = 2.7 to 5.0 volts Vdd = 5.0 volts Vdd = 2.7 volts 90 0.1 0.1 100 100 100 40 110 4.9 2.6 A sec msec volts Vdd = 5.0 volts, DOUTX and DOUTY Vdd = 2.7 volts, DOUTX and DOUTY 5.0 2.7 volts Source 100 A Vdd = 2.7 to 5.0 2.4 2.5 0.1 2.65 volts mV/C SENSOR PRODUCTS Conditions* Min Typ Max Units
Pin Configurations
HMC1051
(Arrow indicates direction of applied field that generates a positive output voltage after a SET pulse.)
Vcc (3)
HMC1051Z Pinout
HONEYWELL HMC1051Z
BRIDGE B
HMC1051
BRIDGE A
12345678
Vo+(A) (2) GND Plane (4) Vo-(A) (8) GND1(B) GND2(B) (1) (5)
Set/Reset Strap S/R+ (6) S/R(7)
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 4
HMC1055
Advance Information HMC1052
Vcc (5)
SENSOR PRODUCTS HMC1052 Pinout
10
HMC1052
9
8
7
6
B
BRIDGE A BRIDGE B
HMC 1052
OUT+ (2)
A
OUT(10)
GND2 GND1 (9) (3)
OUT+ (4)
OUT(7)
GND (1)
1
Set/Reset Strap S/R+ (6) S/R(8)
2
3
4
5
MXD3334UL
(7)
Sck (optional)
Internal Oscillator
Temperature Sensor
Voltage Reference
Continous Self Test
TOUT
(1)
8
CLK
VREF
(6)
1 2
7
M E M S IC
X +g 6 5
Heater Control
X axis
Low Pass Filter
DOUTX
(5)
3
4
Factory Adjust Offset & Gain
Low Pass Filter
Y +g
DOUTY
Y axis
2-AXIS SENSOR
(2)
Top View
VDD
Gnd
VDA
(8)
(3)
(4)
Pin Descriptions
HMC1051Z Pin Name 1 GND1(B) 2 Vo+(A) 3 Vcc 4 GND Plane 5 GND2(B) 6 S/R+ 7 S/R8 Vo-(A) Description Bridge B Ground 1 (normally left open) Bridge Output Positive Bridge Positive Supply Bridge Ground (substrate) Bridge B Ground 2 (normally left open) Set/Reset Strap Positive Set/Reset Strap Negative Bridge Output Negative
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 5
HMC1055
Advance Information HMC1052 Pin Name 1 GND 2 OUT+ 3 GND1 4 OUT+ 5 Vcc 6 S/R+ 7 OUT8 S/R9 GND2 10 OUTMXD3334UL Pin Name 1 TOUT 2 DOUTY 3 Gnd 4 VDA 5 DOUTX 6 Vref 7 Sck 8 VDD SENSOR PRODUCTS Description Bridge B Ground Bridge B Output Positive Bridge A Ground 1 Bridge B Output Positive Bridge Positive Supply Set/Reset Strap Positive Bridge B Output Negative Set/Reset Strap Negative Bridge A Ground 2 Bridge A Output Negative
Description Temperature (Analog Voltage) Y-Axis Acceleration Digital Signal Ground Analog Supply Voltage X-Axis Acceleration Digital Signal 2.5V Reference Optional External Clock Digital Supply Voltage
Package Dimensions
HMC1051Z Symbol A A1 B D E e H h HMC1052 Symbol A A1 B D E1 e E L1 Millimeters Min Max 1.10 0.05 0.15 0.15 0.30 2.90 3.10 2.90 3.10 0.50 BSC 4.75 5.05 0.95 BSC Inches x 10E-3 Min Max 2.0 5.9 114 114 2.0 BSC 187 37.4 43 5.9 11.8 122 122 199 Millimeters Min Max 1.371 1.728 0.101 0.249 0.355 0.483 9.829 11.253 3.810 3.988 1.270 ref 6.850 7.300 0.381 0.762 Inches x 10E-3 Min Max 54 68 4 10 14 19 387 443 150 157 50 ref 270 287 15 30
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 6
HMC1055
Advance Information MXS3334UL SENSOR PRODUCTS
Application Notes
The HMC1055 Chipset is composed of three sensors packaged as integrated circuits for tilt compensated electronic compass development. These three sensors are composed of a Honeywell HMC1052 two-axis magnetic field sensor, a Honeywell HMC1051Z one-axis magnetic sensor, and the Memsic MXS3334UL two-axis accelerometer. Traditionally, compassing is done with a two-axis magnetic sensor held level (perpendicular to the gravitational axis) to sense the horizontal vector components of the earth's magnetic field from the south pole to the north pole. By incorporating a third axis magnetic sensor and the two-axis accelerometer to measure pitch and roll (tilt), the compass is able to be electronically "gimbaled" and can point to the north pole regardless of level. The HMC1052 two-axis magnetic sensor contains two Anisotropic Magneto-Resistive (AMR) sensor elements in a single MSOP-10 package. Each element is a full wheatstone bridge sensor that varies the resistance of the bridge magneto-resistors in proportion to the vector magnetic field component on its sensitive axis. The two bridges on the HMC1052 are orientated orthogonal to each other so that a two-dimensional representation of an magnetic field can be measured. The bridges have a common positive bridge power supply connection (Vb); and with all the bridge ground connections tied together, form the complete two-axis magnetic sensor. Each bridge has about an 1100-ohm load resistance, so each bridge will draw several milli-amperes of current from typical digital power supplies. The bridge output pins will present a differential output voltage in proportion to the exposed magnetic field strength and the amount of voltage supply across the bridge. Because the total earth's magnetic field strength is very small (~0.6 gauss), each bridge's vector component of the earth's field will even be smaller and yield only a couple milli-volts with nominal bridge supply values. An instrumentation amplifier circuit; to interface with the differential bridge outputs, and to amplify the sensor signal by hundreds of times, will then follow each bridge voltage output. The HMC1051Z is an additional magnetic sensor in an 8-pin SIP package to place the sensor silicon die in a vertical orientation relative to a Printed Circuit Board (PCB) position. By having the HMC1052 placed flat (horizontal) on the PCB and the HMC1051Z vertical, all three vector components of the earth's magnetic field (X, Y, and Z) are sensed. By having the Z-axis component of the field, the electronic compass can be oriented arbitrarily; and with a tilt sensor, perform tilt-compensated compass heading measurements as if the PCB where perfectly level.
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 7
HMC1055
Advance Information
C1 150P R1 1.00MEG R2 4.99K
1
VCC
SENSOR PRODUCTS
Vdd
R1A
R2A
Vdd
DO0
7
6
VEE
5
R4 4.99K R3A R4A
2
X1 LMV324M Vdd
MICROCONTROLLER
VDD
R3 1.00MEG Vref C2 150P R5 1.00MEG R6 4.99K
13
VCC
R12 10K Vref R13 10K Vdd
HMC1052
R1B R2B
SCK CS RXD TXD
AN0 AN1
10
11
VEE
14
AN2 AN3 GND
DI0 DI1
12
R3B
R4B
R8 4.99K R7 1.00MEG Vref
X2 LMV324M C6 0.1U Vdd R10 10
18
Rsr1 4
8
C4 1U
9
R9 220
Vdd
C7 0.1U
NC
C3 0.22U
16
Rsr2 4
X4 IRF7509P X5 IRF7509N
15
VDD VREF VDA
DOUTY
MXS3334UL
TOUT
C5 150P R18 1.00MEG
HMC1051Z
Vdd
NC
DOUTX GND SCK
R14Z
R15Z
R19 4.99K
24
VCC
Vdd
22
21
VEE
25
23
R21 4.99K R16Z R17Z Vref R20 1.00MEG
X3 LMV324M
Figure 1
3-Axis Compass Reference Design
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 8
HMC1055
Advance Information SENSOR PRODUCTS The MXS3334UL is a two-axis accelerometer in an 8-pin LCC package that provides a digital representation of the earth's gravitational field. When the MXS3334UL is held level and placed horizontally on a PCB, both digital outputs provide a 100 Hz Pulse Width Modulated (PWM) square wave with a 50 percent duty cycle. As the accelerometer is pitched or rolled from horizontal to vertical, the Doutx and Douty duty cycles will shift plus or minus 20% of its duty from the 50% center point. The reference design in Figure 1 shows a reference design incorporating all three sensor elements of the HMC1055 chipset for a tilt compensated electronic compass operating from a 5.0 volt regulated power supply described as Vdd. The HMC1052 sensor bridge elements A and B are called out as R1A, R2A, R3A, R4A, and R1B, R2B, R3B, R4B respectively; and create a voltage dividing networks that place nominally 2.5 volts into the succeeding amplifier stages. The HMC1051Z sensor bridge elements R14Z, R15Z, R16Z, and R17Z also do a similar voltage dividing method to its amplifier stage. In this design each amplifier stage uses a single operational amplifier (op-amp) from a common LMV324M quad opamp Integrated Circuit (IC). For example, resistors R1, R2, R3, and R4 plus capacitor C1 configure op-amp X1 into an instrumentation amplifier with a voltage gain of about 200. These instrumentation amplifier circuits take the voltage differences in the sensor bridges, and amplify the signals for presentation at the micro-controller Analog to Digital Converter (ADC) inputs, denoted as AN1, AN2, and AN3. Because the zero magnetic field reference level is at 2.5 volts, each instrumentation amplifier circuit receives a 2.5 volt reference voltage (Vref) from a resistor divider circuit composed of R12 and R13. For example, a +500 milli-gauss earth's field on bridge A of the HMC1052 will create a 2.5 milli-volt difference voltage at the sensor bridge output pins (0.5 gauss multiplied by the 1.0mV/V/gauss sensitivity rating). This 2.5mV then is multiplied by 200 for 0.5 volt offset that is referenced to the 2.5 volt Vref for a total of +3.0 volts at AN1. Likewise any positive and or negative magnetic field vectors from bridge B and the HMC1051Z bridge are converted to voltage representations at AN2 and AN3. The micro-controller also receives the sensor inputs from the MXS3334UL accelerometer directly from Doutx and Douty into two digital inputs denoted as DI0 and DI1. Optionally, the MXS3334UL temperature output pin (Tout) can routed to another microcontroller ADC input for further temperature compensation of sensor inputs. Power is supplied to the MXS3334UL from the 5.0 volt Vdd source directly to the accelerometer VDA pin and on to the VDD pin via a ten ohm resistor (R10) for modest digital noise decoupling. Capacitors C6 and C7 provide noise filtering locally at the accelerometer and throughout the compass circuit. The set/reset circuit for this electronic compass is composed of MOSFETs X4 and X5, capacitors C3 and C4, and resistor R9. The purpose of the set/reset circuit is to re-align the magnetic moments in the magnetic sensor bridges when they exposed to intense magnetic fields such as speaker magnets, magnetized hand tools, or high current conductors such as welding cables or power service feeders. The set/reset circuit is toggled by the microcontroller and each logic state transition creates a high current pulse in the set/reset straps for both HMC1052 and the HMC1051Z. Operational Details With the compass circuitry fully powered up, sensor bridge A creates a voltage difference across OUTA- and OUTA+ that is then amplified 200 times and presented to microcontroller analog input AN1. Similarly, bridges B and C create a voltage difference that is amplified 200 times and presented to microcontroller analog inputs AN2 and AN3. These analog voltages at AN1 and AN2 can be thought of as "X" and "Y" vector representations of the magnetic field. The third analog voltage (AN3) plus the tilt information from accelerometer, is added to the X and Y values to create tilt compensated X and Y values, sometimes designated X' and Y'. To get these X, Y, and Z values extracted, the voltages at AN1 through AN3 are to be digitized by the microcontroller's onboard Analog-to-Digital Converter (ADC). Depending on the resolution of the ADC, the resolution of the Compass is set. Typically compasses with one degree increment displays will have 10-bit or greater ADCs, with 8-bit ADCs more appropriate for basic 8-cardinal point (North, South, East, West, and the diagonal points) compassing. Individual microcontroller choices have a great amount of differing ADC implementations, and there may be instances where the ADC reference voltage and the compass reference voltage can be shared. The point to
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 9
HMC1055
Advance Information SENSOR PRODUCTS remember is that the analog voltage outputs are referenced to half the supplied bridge voltage and amplified with a similar reference. The most often asked question on AMR compass circuits is how frequent the set/reset strap must be pulsed. The answer for most low cost compasses is fairly infrequently; from a range of once per second, to once per compass menu selection by the user. While the set circuit draws little energy on a per pulse basis, a constant one pulse per second rate could draw down a fresh watch battery in less than a year. In the other extreme of one "set" pulse upon the user manually requesting a compass heading, negligible battery life impact could be expected. From a common sense standpoint, the set pulse interval should be chosen as the shortest time a user could withstand an inaccurate compass heading after exposing the compass circuit to nearby large magnetic sources. Typical automatic set intervals for low cost compasses could be once per 10 seconds to one per hour depending on battery energy capacity. Provision for a user commanded "set" function may be a handy alternative to periodic or automatic set routines. In portable consumer electronic applications like compass-watches, PDAs, and wireless phones; choosing the appropriate compass heading data flow has a large impact on circuit energy consumption. For example, a one heading per second update rate on a sport watch could permit the compass circuit to remain off to nearly 99 percent of the life of the watch, with just 10 millisecond measurement snapshots per second and a one per minute set pulses for perming correction. The HMC1052 and HMC1051Z sensors have a 5 MHz bandwidth in magnetic field sensing, so the minimum snapshot measurement time is derived principally by the settling time of the op-amps plus the sampleand-hold time of the microcontroller's ADCs. In some "gaming" applications in wireless phones and PDAs, more frequent heading updates permits virtual reality sensor inputs for software reaction. Typically these update rates follow the precedent set more than a century ago by the motion picture industry ("Movies") at 20 updates or more per second. While there is still some value in creating off periods in between these frequent updates, some users may choose to only switch power on the sensor bridges exclusively and optimize the remainder of the circuitry for low power consumption. Compass Firmware Development To implement an electronic compass with tilt compensation, the microcontroller firmware must be developed to gather the sensor inputs and to interpret them into meaningful data to the end user system. Typically the firmware can be broken into logical routines such as initialization, sensor output collection and raw data manipulation, heading computation, calibration routines, and output formatting. For the sensor output data collection, the analog voltages at microcontroller inputs AN0 through AN3 are digitized and a "count" number representing the measured voltage is the result. For compassing, the absolute meaning of the ADC counts scaled back to the sensor's milli-gauss measurement is not necessary, however it is important to reference the zero-gauss ADC count level. For example, an 8-bit ADC has 512 counts (0 to 511 binary), then count 255 would be the zero offset and zero-gauss value. In reality errors will creep in due to the tolerances of the sensor bridge (bridge offset voltage), multiplied by the amplifier gain stages plus any offset errors the amplifiers contribute; and magnetic errors from hard iron effects (nearby magnetized materials). Usually a factory or user calibration routine in a clean magnetic environment will obtain a correction value of counts from mid ADC scale. Further tweaking of the correction value for each magnetic sensor axis once the compass assembly is in its final user location, is highly desired to remove the magnetic environment offsets. For example, the result of measuring AN0 (Vref) is about count 255, and the measuring of AN1, AN2, and AN3 results in 331, 262, and 205 counts respectively. Next calibration values of 31, -5, and 20 counts would be subtracted to result in corrected values of 301, 267, and 205 respectively. If the pitch and roll were known to be zero; then the AN3 (Z-axis output) value could be ignored and the tilt corrected X and Y-axis values would be the corrected values of AN1 and AN2 minus the voltage reference value of AN0. Doing the math yields arctan [y/x] or arctan [(267-255)/(301-255)] or 14.6 degrees east of magnetic north.
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 10
HMC1055
Advance Information Heading Computation SENSOR PRODUCTS Once the magnetic sensor axis outputs are gathered and the calibration corrections subtracted, the next step toward heading computation is to gather the pitch and roll (tilt) data from the MEMSIC MXS3334UL accelerometer outputs. The MXS3334UL in perfectly horizontal (zero tilt) condition produces a 100Hz, 50 percent duty cycle Pulse Width Modulated (PWM) digital waveform from its Doutx and Douty pins corresponding to the X and Y sensitive axis. These output pins will change their duty cycle from 30% to 70% when tilted fully in each axis (1g). The scaling of the PWM outputs is strictly gravitational, so that a 45 degree tilt results in 707 milli-g's or a slew of 14.1% from the 50% center point duty cycle. With the MXS3334UL's positive X-axis direction oriented towards the front of the user's platform, a pitch downward will result in a reduced PWM duty cycle, with a pitch upward increasing in duty cycle. Likewise, the Y-axis arrow is 90 degrees counter-clockwise which results in a roll left corresponding to a decreasing duty cycle, and roll right to an increasing duty cycle. Measuring the pitch and roll data for a microcontroller is reasonably simple in that the Doutx and Douty logic signals can be sent to microcontroller digital input pins for duty cycle measurement. At firmware development or factory calibration, the total microcontroller clock cycles between Doutx or Douty rising edges should be accrued using an interrupt or watchdog timer feature to scale the 100Hz (10 millisecond) edges. Then measuring the Doutx and Douty falling edges from the rising edge (duty cycle computation) should be a process of clock cycle counting. For example, a 1MHz clocked microcontroller should count about 10,000 cycles per rising edge, and 5,000 cycle counts from rising to falling edge would represent a 50% duty cycle or zero degree pitch or roll. Once the duty cycle is measured for each axis output and mathematically converted to a gravitational value, these values can be compared to a memory mapped table, if the user desires the true pitch and roll angles. For example, if the pitch and roll data is to be known in one degree increments, a 91-point map can be created to match up gravitational values (sign independent) with corresponding degree indications. Because tilt-compensated compassing requires sine and cosine of the pitch and roll angles, the gravitational data is already formatted between zero and one and does not require further memory maps of trigonometric functions. The gravity angles for pitch and roll already fit the sine of the angles, and the cosines are just one minus the sine values (cosine = 1 - sine). The equations: X' = X * cos( ) + Y * sin( ) * sin( ) - Z * cos( ) * sin( ) Y' = Y * cos( ) + Z * sin( ) Create tilt compensated X and Y magnetic vectors (X', Y') from the raw X, Y, and Y magnetic sensor inputs plus the pitch ( ) and roll ( ) angles. Once X' and Y' are computed, the compass heading can be computed by equation: Azimuth (Heading) = arctan (Y' / X') To perform the arc-tangent trigonometric function, a memory map needs to be implemented. Thankfully the pattern repeats in each 90 quadrant, so with a one-degree compass resolution requirement, 90 mapped quotients of the arctangent function can be used. If 0.1 resolution is needed then 900 locations are needed and only 180 locations with 0.5 resolution. Also, special case quotient detections are needed for the zero and inifinity situations at 0, 90, 180, and 270 prior to the quotient computation. After the heading is computed, two heading correction factors may be added to handle declination angle and platform angle error. Declination angle is the difference between the magnetic north pole and the geometric north pole, and varies depending on the latitude and longitude (global location) of the user compass platform. If you have access to Global Positioning Satellite (GPS) information resulting in a latitude and longitude computation, then the declination angle can be computed or memory mapped for heading correction. Platform angle error may occur if the sensors are not aligned perfectly with the mechanical characteristics of the user platform. These angular errors can be inserted in firmware development and or in factory calibration.
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 11
HMC1055
Advance Information COMPASS CALIBRATION SENSOR PRODUCTS In the paragraphs describing raw magnetic sensor data, the count values of X, Y, and Z are found from inputs AN0 to AN3. A firmware calibration routine will create Xoff, Yoff and Xsf, and Ysf for calibration factors for "hard-iron" distortions of the earth's magnetic field at the sensors. Typically these distortions come from nearby magnetized components. Soft-iron distortions are more complex to factor out of heading values and are generally left out for low cost compassing applications. Soft-iron distortion arises from magnetic fields bent by un-magnetized ferrous materials either very close to the sensors or large in size. Locating the compass away from ferrous materials provides the best error reduction. The amount of benefit is dependant on the amount of ferrous material and its proximity to the compass platform. To derive the calibration factors, the sensor assembly (platform) and its affixed end-platform (e.g. watch/human, boat, auto, etc.) are turned at least one complete rotation as the compass electronics collects many continuous readings. The speed and rate of turn are based on how quickly the microcontroller can collect and process X, Y, and Z data during the calibration routine. A good rule of thumb is to collect readings every few degrees by either asking the user to make a couple rotations or by keeping in the rotation(s) slow enough to collect readings of the correct rate of turn. The Xh and Yh readings during calibration are done with Xoff and Yoff at zero values, and axis scale factors (Xsf and Ysf) at unity values. The collected calibration X and Y values are then tabulated to find the min and max of both X and Y. At the end of the calibration session, the Xmax, Ymax, Xmin, and Ymin values are converted to the following: Xsf = 1 or (Ymax -Ymin) / (Xmax - Xmin) , whichever is greater Ysf = 1 or (Xmax -Xmin) / (Ymax - Ymin) , whichever is greater Xoff = [(Xmax - Xmin)/2 - Xmax] * Xsf Yoff = [(Ymax -Ymin)/2 -Ymax] * Ysf Z-axis data is generally not corrected if the end-platform can not turned upside-down. In portable or hand-held applications, then the compass assembly can be tipped upside down and Zoff can be computed like Xoff and Yoff, but with only two reference points (upright and upside down). Factory values for Zoff maybe the only values possible. Creating corrected X, Y, and Z count values are done as previously mentioned by subtracting the offsets. The scale factor values are used only after the Vref counts are subtracted form the offset corrected axis counts. For more details on calibration for iron effects, see the white paper "Applications of Magnetoresistive Sensors in Navigation Systems" located on the magneticsensors.com website. Offsets due to sensor bridge offset voltage of each sensor axis are part of the Xoff, Yoff, and Zoff computation. These offsets are present even with no magnetic field disturbances. To find their true values, the set and reset drive circuits can be toggled while taking measurements shortly after each transition. After a reset pulse, the magnetic field portion of the sensor bridge will have flipped polarity while the offset remains the same. Thus two measurements, after a reset and a set pulse can be summed together. The magnetic portions of the sum will cancel, leaving just a double value of the offset. The result can then be divide by two to derive the bridge offset. The reason for knowing the bridge offset, is that the offset will drift with temperature. Should the user desire the best accuracy in heading, a new calibration should be performed with each encounter with a new temperature environment. See application notes AN-212, AN-213, and AN-214 for further compass design considerations.
Ordering Information
Ordering Number
HMC1055
Product
3-Axis Compass Sensor Set
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. 900302 12-02 Rev -
Solid State Electronics Center * www.magneticsensors.com * (800) 323-8295 * Page 12


▲Up To Search▲   

 
Price & Availability of HMC1055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X