Part Number Hot Search : 
HER1601 S2040 BR206 C1608 MBR8150F 8117C TS3K6A M74HCT30
Product Description
Full Text Search
 

To Download HFA15PB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD -2.340 rev. A 11/00
HFA15PB60
HEXFRED
Features
* * * * * Ultrafast Recovery Ultrasoft Recovery Very Low IRRM Very Low Qrr Specified at Operating Conditions
TM
Ultrafast, Soft Recovery Diode
BASE CATHODE
VR = 600V VF(typ.)* = 1.3V IF(AV) = 15A Qrr (typ.)= 80nC IRRM (typ.) = 4.0A
3 ANODE 2
4
2
Benefits
* Reduced RFI and EMI * Reduced Power Loss in Diode and Switching Transistor * Higher Frequency Operation * Reduced Snubbing * Reduced Parts Count
1 CATHODE
trr(typ.) = 19ns di(rec)M/dt (typ.)* = 160A/s
Description
International Rectifier's HFA15PB60 is a state of the art ultra fast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 volts and 15 amps continuous current, the HFA15PB60 is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultra fast recovery time, the HEXFRED product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to "snap-off" during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED HFA15PB60 is ideally suited for applications in power supplies and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.
TO-247AC (Modified)
Absolute Maximum Ratings
Parameter
VR IF @ TC = 100C IFSM IFRM PD @ TC = 25C PD @ TC = 100C TJ TSTG Cathode-to-Anode Voltage Continuous Forward Current Single Pulse Forward Current Maximum Repetitive Forward Current Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range
Max
600 15 150 60 74 29 -55 to +150
Units
V A W C
* 125C
1
HFA15PB60
Bulletin PD-2.340 rev. A 11/00
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
V BR VFM IRM CT LS Cathode Anode Breakdown Voltage Max Forward Voltage Max Reverse Leakage Current Junction Capacitance Series Inductance
Min Typ Max Units
600 1.3 1.7 1.5 2.0 1.2 1.6 1.0 10 400 1000 25 50 12 V V A pF nH
Test Conditions
IR = 100A IF = 15A See Fig. 1 IF = 30A IF = 15A, TJ = 125C See Fig. 2 VR = VR Rated TJ = 125C, VR = 0.8 x VR RatedD Rated See Fig. 3 VR = 200V Measured lead to lead 5mm from package body
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
t rr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M/dt1 di(rec)M/dt2 Reverse Recovery Time See Fig. 5, 10 Peak Recovery Current See Fig. 6 Reverse Recovery Charge See Fig. 7 Peak Rate of Fall of Recovery Current During tb See Fig. 8
Min Typ Max Units
19 42 74 4.0 6.5 80 220 188 160 60 120 6.0 10 180 600
Test Conditions
IF = 1.0A, dif/dt = 200A/s, VR = 30V ns TJ = 25C TJ = 125C IF = 15A TJ = 25C A TJ = 125C VR = 200V TJ = 25C nC TJ = 125C dif/dt = 200A/s TJ = 25C A/s TJ = 125C
Thermal - Mechanical Characteristics
Parameter
Tlead! RthJC RthJA" RthCS# Wt Lead Temperature Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heat Sink Weight Mounting Torque 6.0 5.0
Min
Typ
Max
300 1.7 40
Units
C K/W g (oz) Kg-cm lbf*in
0.25 6.0 0.21 12 10
! 0.063 in. from Case (1.6mm) for 10 sec " Typical Socket Mount # Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
HFA15PB60
Bulletin PD-2.340 rev. A 11/00
100 10000
Reverse Current - IR (A)
1000 100 10 1 0.1
T = 150C J
T = 125C J
Instantaneous Forward Current - IF (A)
TJ = 150C
10
TJ = 25C
0.01 0 100 200 300 400 500
A 600
TJ = 125C TJ = 25C
Reverse Voltage - V R (V)
Fig. 2 - Typical Reverse Current vs. Reverse Voltage
100
A
Junction Capacitance -CT (pF)
T = 25C J
1 1.0
A 1.2 1.4 1.6 1.8 2.0 2.2 2.4
Forward Voltage Drop V FM( V Forward Voltage Drop - -V FM (V) )
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
10 10 100
A 1000
Reverse Voltage - V R (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 P DM t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1 t2
0.1
0.05 0.02 0.01
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig. 4 - Maximum Thermal Impedance Zthjc Characteristics
www.irf.com
3
HFA15PB60
Bulletin PD-2.340 rev. A 11/00
100 25
I F = 30A I F = 15A
80
VR = 200V TJ = 125C TJ = 25C 20
I F = 5.0A
I F = 30A I F = 15A I F = 5.0A
trr- (ns)
40
Irr- ( A)
VR = 200V TJ = 125C TJ = 25C A
60
15
10
20
5
0 100
di f /dt - (A/s)
1000
0 100
A
di f /dt - (A/s)
1000
Fig. 5 - Typical Reverse Recovery Time vs. dif/dt
800 VR = 200V TJ = 125C TJ = 25C
Fig. 6 - Typical Recovery Current vs. dif/dt
10000 VR = 200V TJ = 125C TJ = 25C
600
I F = 30A
di (rec) M/dt- (A /s)
I F = 15A
Qrr- (nC)
IF = 5.0A
400
I F = 30A I F = 15A
1000
I F = 5.0A
200
0 100
A
di f /dt - (A/s)
1000
100 100
A
di f /dt - (A/s)
1000
Fig. 7 - Typical Stored Charge vs. dif/dt
Fig. 8 - Typical di(rec)M/dt vs. dif/dt
4
www.irf.com
HFA15PB60
Bulletin PD-2.340 rev. A 11/00
3
IF
trr ta tb
4
REVERSE RECOVERY CIRCUIT
VR = 200V
0
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt
5
0.01 L = 70H D.U.T. dif/dt ADJUST D G IRFP250 S
1
0.75 I RRM di f /dt
4. Qrr - Area under curve defined by trr and IRRM trr X IRRM Qrr = 2 5. di(rec)M/dt - Peak rate of change of current during tb portion of trr
1. dif/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
HFA15PB60
Bulletin PD-2.340 rev. A 11/00
Conforms to JEDEC Outline TO-247AC MODIFIED Dimensions in millimeters and inches
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN: http://www.irf.com
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936. Data and specifications subject to change without notice.
Fax-On-Demand: +44 1883 733420
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of HFA15PB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X