![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Multilayer Ceramic Capacitors ( Large Capacitance ) Multilayer Ceramic Chip Capacitors (Large Capacitance) Series:ECJ l Small and Large capacitance Multilayer Ceramic Chip Capacitor by Panasonic creative material technology and high precision lamination technology l Low ESR, Low ESL and excellent High-frequency l Optimal to change from TANTALUM CHIP CAPACITORS and ALUMINUM ELECTROLYTIC CAPACITORS n Features n Recommended Applications l Class 2 (Hi-K Type) a Power supply circuit decoupling applications Power supply circuit of the High-speed LSI Smoothing circuit of DC-DC converters n Precaution for Handling See Page 44 to 48 n Packaging method See Page 82 n Explanation of Part Numbers E C J 2 F B 0 J 1 0 6 M Capacitance Tolerance Product Code (ECJ:Multilayer Ceramic Chip Capacitors) Packaging Rated Voltage Styles Code Size Code Temperature Characteristics Code Nominal Capacitance n Construction No 1 2 3 4 5 Name Ceramic dielectric Internal electrode Terminal electrode Substrate electrode Intermediate electrode External electrode n Dimensions in mm (not to scale) Unit : mm Code 1 Size code (EIA) Type"11" (0603) Type"12" (0805) Type"13" (1206) Type"23" (1210) Type"34" (1812) L 1.60.1 2.00.1 2.000.15 2.00.2 3.200.15 3.20.2 3.20.3 4.50.4 W 0.80.1 1.250.10 1.250.15 1.250.20 1.600.15 1.60.2 2.50.2 2.50.3 3.20.3 T 0.80.1 0.850.10 1.250.10 1.250.15 1.250.20 0.850.10 1.150.10 1.60.2 2.00.2 2.50.3 2.50.3 3.20.3 L1, L2 0.30.2 0.500.25 2 3 4 5 0.60.3 0.60.3 0.90.6 www..com www..com www..com Multilayer Ceramic Capacitors ( Large Capacitance ) n Packaging Styles and Standard Packaging Quantity Code V F Y Z f330 reel* f180 reel Packaging Styles Paper taping (Pitch:4mm) Embossed taping (Pitch:4mm) Embossed taping (Pitch:8mm) Paper taping (Pitch:4mm) TypeO11O TypeO12O TypeO13O (0603) (0805) (1206) T=0.8 T=0.85 T=1.25 T=0.85 T=1.15 T=1.6 4,000 N N N 4,000 N N N N 3,000 N N N 4,000 N N N 10,000 N 3,000 N N N N N 2,000 N N TypeO23O (1210) T=2.0 T=2.5 N N 2,000 N N N N 1,000 N N T : Thickness (mm) TypeO34O (1812) T=2.5 T=3.2 N N N 500 N N N N 500 N 10,000 10,000 * For Part Number applicable to f330 reel, please contact us. n Temperature Characteristics l Class 2 Capacitors Code B F Temp. Char. B X7R X5R F Y5V Capacitance Change 10 % 15 % 15 % +30, 80 % +22, 82 % Measurement Temperature Range 25 to 85 uC 55 to 125 uC 55 to 85 uC 25 to 85 uC 30 to 85 uC Reference Temperature 20 uC 25 uC 25 uC 20 uC 25 uC For applicable OTemperature CharacteristicsO, see the lists of standard products on page 7 to 8. n Rated Voltage Code Rated Voltage 1H DC 50 V 1E DC 25 V 1C DC 16 V 1A DC 10 V 0J DC 6.3 V n Nominal Capacitance Ex. Nominal Capacitance 105 1000000 pF (1F) 225 2200000 pF (2.2F) 106 10000000 pF (10F) 226 22000000 pF (22F) n Capacitance tolerance Class 2 Temp. Char. B, X7R, X5R F, Y5V Tol. Code K M Z Capacitance tolerance 10 % 20 % +80, 20 % Multilayer Ceramic Capacitors ( Large Capacitance ) n Specification and Test Method Item Specification Test Method Operating Temp. Char. B, X7R : 55 to 125 uC Temperature Temp. Char. B, X5R : 55 to 85 uC Range Temp. Char. F, Y5V : 30 to 85 uC No break down Dielectric Withstanding Voltage Insulation Resistance (I R) Cpacitance Dissipation Factor (tan d) 500/C (MW) min. Note:DC10V, DC6.3V;100/C(MW)min. (C:Nominal Cap. in F) within the specified tolerance Rated Voltage 50V 25V Temperature Characteristics B, X7R, X5R F, Y5V 0.025max. 0.07max. 0.025max. 0.07max. 0.05max. 0.1max. TypeO13O:C=4.7F TypeO12O:C>1F TypeO23O, O34O TypeO13O:C=4.7F TypeO23O, O34O 0.025max. 0.1max. 0.05max. 0.125max. TypeO12O: C=1F TypeO11O: C=1F TypeO13O:C>4.7F TypeO12O:C=4.7F TypeO23O, O34O TypeO13O:C=10F 0.075max. TypeO23O, O34O (TypeO11O: C=1F) 0.05max. 0.125max. 0.075max. 0.2max. (TypeO11O: C=1F) TypeO11O: C=2.2F 0.1max. TypeO12O:C=10F TypeO23O:C=22F TypeO13O:C=22F TypeO34O TypeO23O, O34O 0.05max. 0.2max. 0.075max. (TypeO11O: C=1F) 0.1max. TypeO11O, C=2.2F TypeO12O, C>4.7F TypeO13O, C=22F TypeO23O, O34O Test Voltage: Rated Voltage 250% Electrification time:1 to 5s. Charge/discharge current:within 50 mA Measuring voltage:Rated voltage Measuring voltage time:605s Charge/discharge current:within 50 mA Reference Temperature:202uC Pretreatment:The capacitors shall be kept in a temperature of 150+0/10uC for 1 hour and then shall be stored in standard condition* 484 hours, before initial measurement. Nominal Capacitance C<10F C>10F Measuring Frequency 1kHz10% 120Hz20% Mesuring Voltage 1.00.2Vrms 0.50.2Vrms ( )( ) 16V ( ) ( ( ) ) 10V ( 6.3V ) ( ) Temperature Temp. Char. Characteristics B : 10 % (25 to 85 uC) X7R: 15 % (55 to 125 uC) X5R: 15 % (55 to 85 uC) F : +30, 80 % (25 to 85 uC) Y5V: +22, 82 % (30 to 85 uC) Maximum capacitance change at stage 1 to 5 Temp. Char. Stage 1 Stage 2 Stage 3 (Ref. Temp.) Stage 4 Stage 5 B, F X7R X5R Y5V 20uC 25uC 25uC 25uC 25uC 55uC 55uC 30uC 20uC 25uC 25uC 25uC 85uC 125uC 85uC 85uC 20uC 25uC 25uC 25uC ( Adhesion The terminal electrode shall be free from peeling or signs of peeling. Type O11O O12O of Temp. Char. B, X5R of DC6.3V: 0.200.02 Vrms measurement voltage. Applied force:5N Duration:10s ) *standard condition : Temperature 15 to 35 uC, Relative humidity 45 to 75 % Multilayer Ceramic Capacitors ( Large Capacitance ) Item Bending Strength Specification Appearance:no mechanical damage Capacitance Change: Temp. Char. B, X7R, X5R: within 12.5 % F, Y5V: within 30 % Test Method Bending value:1 mm Bending speed:1 mm/s Solderability More than 95 % of the soldered area of both terminal electrodes shall be covered with fresh solder. Resistance to Solder Heat Appearance:no mechanical damage Capacitance Change: Temp. Char. B, X7R, X5R: within 7.5 % F, Y5V: within 20 % tand: initial value IR:initial value With-stand voltage:no dielectric breakdown or damage Solder bath method Solder temperature:2305 uC Dipping period:41 s Solder:H63A (JISZ3282) (1) Solder bath method Preconditioning: Heat Treatment (150uC, 1h) Solder temperature:2705 uC Dipping period:3.00.5 s Preheat Condition: Temp. TypeO11O,O12O 180 to 100 uC 120 to 180s 150 to 200 uC 120 to 180s Temp. 150 10uC Temperature Appearance:no mechanical damage Capacitance Change: Cycle Temp. Char. B, X7R, X5R: within 7.5 % F, Y5V: within 20 % tand: initial value IR:initial value With-stand voltage: no dielectric breakdown or damage Damp Heat (steady state) Appearance:no mechanical damage Capacitance Change: Temp. Char. B, X7R, X5R: within 12.5 % F, Y5V: within 30 % Rated Voltage 50V 25V Recovery(Standard condition):48 4h (2) Reflow soldering method Precoditioning: Heat Treatment(150uC, 1h) Solder temperature:2605 uC Keeping period:101 s Preheat Condition: TypeO13O,O23O 300 to 360s 300 to 360s Recovery(Standard condition):48 4h Preconditioning: Heat Treatment (150uC,1h) Step 1:Minimum operation temp. 303 min. Step 2:Room temp. Step 3:Maximum operation temp. 303 min. Step 4:Room temp. Number of cycles:5 cycles Recovery(Standard condition):48 4h TypeO34O 120 to 180s ( 16V ( 10V ( 6.3V ( Temperature Characteristics B, X7R, X5R F, Y5V 0.05max. 0.1max. 0.05max. 0.1max. 0.075max. 0.15max. TypeO13O:C=4.7F TypeO12O:C>1F TypeO23O, O34O TypeO13O:C=4.7F TypeO23O, O34O 0.05max. 0.15max. 0.075max. 0.2max. TypeO12O: C=1F TypeO11O: C=1F TypeO13O:C>4.7F TypeO12O:C=4.7F TypeO23O, O34O TypeO13O:C=10F 0.125max. TypeO23O, O34O (TypeO11O: C=1F) 0.075max. 0.15max. 0.125max. 0.3max. (TypeO11O: C=1F) TypeO11O: C=2.2F 0.15max. TypeO12O:C=10F TypeO23O:C=22F TypeO13O:C=22F TypeO34O TypeO23O, O34O 0.075max. 0.3max. 0.125max. (TypeO11O: C=1F) 0.15max. TypeO11O, C=2.2F TypeO12O, C>4.7F TypeO13O, C=22F TypeO23O, O34O Preconditioning: Heat Treatment (150uC,1h) Temperature:402 uC Relative humidity:90 to 95 % Test period:500+24/0 h Recovery(Standard condition):48 4h ) ( ) ) ( ( ) ) ) ) IR:50/C (MW) min. Note:DC10V, DC6.3V;10/C (MW)min.(C:Nominal cap. in F) Multilayer Ceramic Capacitors ( Large Capacitance ) Item Loading Under Damp Heat Specification Appearance:no mechanical damage Capacitance Change: Temp. Char. B, X7R, X5R: within 12.5 % F, Y5V: within 30 % tand: Rated Voltage 50V 25V Test Method Preconditioning: Voltage Treatment Temperature:402 uC Relative humidity:90 to 95 % Applied voltage:Rated voltage Test period:500+24/0 h ( 16V ( 10V ( 6.3V ( Temperature Characteristics B, X7R, X5R F, Y5V 0.05max. 0.1max. 0.05max. 0.1max. 0.075max. 0.15max. TypeO13O:C=4.7F TypeO12O:C>1F TypeO23O, O34O TypeO13O:C=4.7F TypeO23O, O34O 0.05max. 0.15max. 0.075max. 0.2max. TypeO12O: C=1F TypeO11O: C=1F TypeO13O:C>4.7F TypeO12O:C=4.7F TypeO23O, O34O TypeO13O:C=10F 0.125max. TypeO23O, O34O (TypeO11O: C=1F) 0.075max. 0.15max. 0.125max. 0.3max. (TypeO11O: C=1F) TypeO11O: C=2.2F 0.15max. TypeO12O:C=10F TypeO23O:C=22F TypeO13O:C=22F TypeO34O TypeO23O, O34O 0.075max. 0.3max. 0.125max. (TypeO11O: C=1F) 0.15max. TypeO11O, C=2.2F TypeO12O, C>4.7F TypeO13O, C=22F TypeO23O, O34O Recovery(Standard condition):48 4h ) ( ) ) ( ( ) ) ) ) IR:25/C (MW) min. Note:DC10V, DC6.3V;5/C (MW)min.(C:Nominal cap. in F) Loading at High Temperature Appearance:no mechanical damage Capacitance Change: Temp. Char. B, X7R, X5R: within 12.5 % F, Y5V: within 30 % tand: Rated Voltage 50V 25V Temperature Characteristics B, X7R, X5R F, Y5V 0.05max. 0.1max. 0.05max. 0.1max. 0.075max. 0.15max. TypeO13O:C=4.7F TypeO12O:C>1F TypeO23O, O34O TypeO13O:C=4.7F TypeO23O, O34O 0.05max. 0.15max. 0.075max. 0.2max. TypeO12O: C=1F TypeO11O: C=1F TypeO13O:C>4.7F TypeO12O:C=4.7F TypeO23O, O34O TypeO13O:C=10F 0.125max. TypeO23O, O34O (TypeO11O: C=1F) 0.075max. 0.15max. 0.125max. 0.3max. (TypeO11O: C=1F) TypeO11O: C=2.2F 0.15max. TypeO12O:C=10F TypeO23O:C=22F TypeO13O:C=22F TypeO34O TypeO23O, O34O 0.075max. 0.3max. 0.125max. (TypeO11O: C=1F) 0.15max. TypeO11O, C=2.2F TypeO12O, C>4.7F TypeO13O, C=22F TypeO23O, O34O Preconditioning: Voltage Treatment Temperature: Maximum operation temp. 3 uC Applied voltage:Rated voltage200% Test period:1000+48/0 h Recovery(Standard condition):48 4h ( ) ( ) 16V ( ) ( ( ) ) 10V ( 6.3V ) ( ) IR:50/C (MW) min. Note:DC10V, DC6.3V;10/C (MW)min.(C:Nominal cap. in F) Note 1) Heat treatment:1 h of heat treatment at 150+0/10uC followed by 484 h recovery under the standead condition. Note 2) Voltage treatment:1 h of voltage treatment under the specified temperature and voltage for testing followed by 48 4 h of recovery under the standead condition. Multilayer Ceramic Capacitors ( Large Capacitance ) n Standard Products for Type "11" (EIA "0603" ), Taped Version Code Capaci- Rated Voltage tance Capacitance (F) Tolerance B DC16V DC10V DC6.3V Dim. Temp. Dim. Temp. Dim. Char. Char. T T T Part No. Part No. Part No. (mm) B X5R (mm) B X5R (mm) 1 10%(K) ECJ1VB1C105@ 0.8 N L ECJ1VB1A105@ 0.8 N L ECJ1VB0J105@ 0.8 2.2 or 20%(M) ECJ1VB0J225@ 0.8 Temp. Char. B X5R L N L L Code Capaci- Rated Voltage tance Capacitance (F) Tolerance F DC16V DC10V DC6.3V Dim. Temp. Dim. Temp. Dim. Temp. Char. Char. Char. T T T Part No. Part No. Part No. (mm) F Y5V (mm) F Y5V (mm) F Y5V 1 +80,20% ECJ1VF1C105Z 0.8 L N ECJ1VF1A105Z 0.8 L L 2.2 (Z) ECJ1VF1A225Z 0.8 L N ECJ1VF0J225Z 0.8 L N @:Capacitance Tolerance code. Packaging Style Code: OVO for Taped Version (f180 reel, Taping pitch: 4 mm) . n Standard Products for Type "12" (EIA "0805"), Taped Version Code Capaci- Rated Voltage tance Capacitance (F) Tolerance 1 2.2 3.3 4.7 10 DC25V Dim. T Part No. (mm) Under development 1.25 10%(K) Under development 1.25 or 20%(M) DC16V Temp. Dim. Char. T Part No. B X5R (mm) N L ECJ2FB1C105@* 1.25 N L Under development 1.25 Temp. Char. B X5R N N DC10V Dim. T Part No. (mm) L ECJ2FB1A105@ 1.25 L ECJ2FB1A225@* 1.25 ECJ2FB1A335@* 1.25 Under development 1.25 F Temp. Char. F Y5V L L L B Temp. Char. B X5R L N N N DC6.3V Dim. Temp. Char. T Part No. (mm) B X5R L L L L L L ECJ2FB0J225@ 1.25 L L ECJ2FB0J335@ 1.25 L L ECJ2FB0J475@* 1.25 N ECJ2FB0J106M** 1.25 N Code Capaci- Rated Voltage tance Capacitance (F) Tolerance DC25V Dim. T Part No. (mm) 1 ECJ2FF1E105Z* 1.25 2.2 +80, 20% ECJ2FF1E225Z* 1.25 4.7 (Z) 10 DC16V Temp. Dim. Char. T Part No. F Y5V (mm) L N ECJ2VF1C105Z 0.85 L N ECJ2FF1C225Z 1.25 ECJ2FF1C475Z* 1.25 DC10V Dim. Temp. Char. T Part No. (mm) F Y5V DC6.3V Dim. Temp. Char. T Part No. (mm) F Y5V L L N ECJ2FF1A475Z 1.25 L ECJ2FF1A106Z* 1.25 L L N ECJ2FF0J106Z* 1.25 L N @:Capacitance Tolerance code. Packaging Style Code: OVO or OFO for Taped Version (f180 reel, Taping pitch: 4 mm) . *:OLO, OWO, OTO Dimension tolerance 0.15mm **:OLO, OWO, OTO Dimension tolerance 0.2mm Soldering method of Dimension T>1mm: Do not use the flow soldering. n Standard Products for Type "13" (EIA "1206" ), Taped Version Code Capaci- Rated Voltage tance Capacitance (F) Tolerance B DC25V DC16V DC10V DC6.3V Dim. Temp. Dim. Temp. Dim. Temp. Dim. Temp. Char. Char. Char. Char. T T T T Part No. Part No. Part No. Part No. (mm) B X7R X5R (mm) B X7R X5R (mm) B X7R X5R (mm) B X7R X5R 1 ECJ3YB1E105@ 1.6 L L N ECJ3FB1C105@ 1.15 L L N 1.5 ECJ3YB1A155@ 1.6 L N L 2.2 10%(K) ECJ3YB1E225@ 1.6 N N L ECJ3YB1C225@ 1.6 L L N ECJ3YB1A225@ 1.6 L N L 3.3 or ECJ3YB1A335@ 1.6 L N L 4.7 20%(M) ECJ3YB1E475@ 1.6 N N L ECJ3YB1C475@ 1.6 N N L ECJ3YB1A475@ 1.6 N N L ECJ3YB0J475@ 1.6 N N L 10 Under development 1.6 N N L ECJ3YB1C106M 1.6 N N L ECJ3YB1A106M 1.6 N N L ECJ3YB0J106M 1.6 N N L 22 ECJ3YB0J226M 1.6 N N L @:Capacitance Tolerance code. Packaging Style Code: OFO and OYO for Taped Version (f180 reel, Taping pitch: 4 mm) . Soldering method of Dimension T>1mm: Do not use the flow soldering. Multilayer Ceramic Capacitors ( Large Capacitance ) n Standard Products for Type "13" (EIA "1206"), Taped Version Code Capaci- Rated Voltage tance Capacitance (F) Tolerance DC50V DC25V Dim. Temp. Dim. Char. T T Part No. Part No. (mm) F Y5V (mm) 1 ECJ3FF1H105Z 1.15 L N ECJ3FF1E105Z 1.15 2.2 ECJ3FF1E225Z 1.15 +80, 20% 4.7 ECJ3FF1E475Z 1.15 (Z) 10 22 Temp. Char. F Y5V L L L DC16V Dim. T Part No. (mm) L ECJ3VF1C105Z 0.85 L ECJ3VF1C225Z 0.85 N ECJ3FF1C475Z 1.15 ECJ3YF1C106Z 1.6 F Temp. Char. F Y5V L L L L DC10V Dim. Temp. Char. T Part No. (mm) F Y5V L L L N ECJ3YF1A106Z 1.6 ECJ3YF1A226Z 1.6 L L L N Packaging Style Code: OVO, OFO and OYO for Taped Version (f180 reel, Taping pitch: 4 mm) . Soldering method of Dimension T>1mm: Do not use the flow soldering. n Standard Products for Type "23" (EIA "1210"), Taped Version Code Capaci- Rated Voltage tance Capacitance (F) Tolerance 1 2.2 10%(K) 4.7 or 10 20%(M) 22 47 Code Capaci- Rated Voltage tance Capacitance (F) Tolerance DC50V Dim. Part No. T (mm) ECJ4YB1H105@ 2.0 Temp. Char. B X5R NL DC25V Dim. Temp. Part No. T Char. (mm) B X5R B DC16V Dim. Temp. Part No. T Char. (mm) B X5R DC10V Dim. Temp. Part No. T Char. (mm) B X5R DC6.3V Dim. Temp. Part No. T Char. (mm) B X5R ECJ4YB1E225@ 2.0 N L ECJ4YB1E475@ 2.0 N L ECJ4YB1C475@ 2.0 N L ECJ4YB1E106M 2.5 N L ECJ4YB1C106M 2.0 N L ECJ4YB1A106M 2.0 N L Under development 2.5 N L ECJ4YB1A226M 2.5 N L ECJ4YB0J226M 2.5 N L ECJ4YB0J476M 2.5 N L F DC50V DC25V DC16V DC10V DC6.3V Dim. Temp. Dim. Temp. Dim. Temp. Dim. Temp. Dim. Temp. Part No. T Char. Part No. T Char. Part No. T Char. Part No. T Char. Part No. T Char. F F F F F (mm) (mm) (mm) (mm) (mm) 4.7 ECJ4YF1H475Z 2.0 L 10 +80, 20% ECJ4YF1H106Z 2.0 L ECJ4YF1E106Z 2.0 L ECJ4YF1C106Z 2.0 L 22 (Z) ECJ4YF1C226Z 2.0 L ECJ4YF1A226Z 2.0 L 47 ECJ4YF0J476Z 2.0 L @:Capacitance Tolerance code. Packaging Style Code: OYO for Taped Version (f180 reel, Taping pitch: 4 mm) . Soldering method of Dimension T>1mm: Do not use the flow soldering. n Standard Products for Type "34" (EIA "1812" ), Taped Version Code Capaci- Rated Voltage tance Capacitance (F) Tolerance 3.3 10 10%(K) 22 or 33 20%(M) 47 100 Code Capaci- Rated Voltage tance Capacitance (F) Tolerance 22 +80, 20% 47 (Z) 100 DC50V Dim. Temp. Part No. T Char. (mm) X5R ECJ5YB1H335@ 2.5 L DC25V Dim. Temp. Part No. T Char. (mm) X5R ECJ5YB1E106M 2.5 Under development 2.5 L L B DC16V Dim. Temp. Part No. T Char. (mm) X5R DC10V Dim. Temp. Part No. T Char. (mm) X5R DC6.3V Dim. Temp. Part No. T Char. (mm) X5R ECJ5YB1C226M 2.5 L ECJ5YB1A226M 2.5 Under development 2.5 Under development 3.2 L L L ECJ5YB0J476M 3.2 ECJ5YB0J107M 3.2 L L DC25V Dim. Temp. Char. T Part No. F (mm) ECJ5YF1E226Z 2.5 L DC16V Dim. Temp. Char. T Part No. F (mm) ECJ5YF1C226Z 2.5 L F DC10V Dim. Temp. Char. T Part No. F (mm) ECJ5YF1A476Z 2.5 L DC6.3V Dim. Temp. Char. T Part No. F (mm) ECJ5YF0J107Z 2.5 L @:Capacitance Tolerance code. Packaging Style Code: OYO for Taped Version (f180 reel, Taping pitch: 8 mm) . Soldering method of Dimension T>1mm: Do not use the flow soldering. |
Price & Availability of ECJ3YB0J226M
![]() |