Part Number Hot Search : 
5HF125 2SD27021 1N6408 P0080E FR9886 2SC5539A SW12280E RS1GG
Product Description
Full Text Search
 

To Download DN8797MS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hall ICs
DN8797MS
3 V operation Hall IC One-way magnetic field operation
Unit: mm
I Overview
The DN8797MS is a 3 V operation Hall IC which includes a Hall element, amplifier circuit, Schmidt circuit, stabilized power supply and temperature compensation circuit which are integrated on a single chip with a fine patterning technology. The magnetic input signal is outputted by being converted to high or low. We have improved the conventional circuit to realize a stable operation covering from low to high supply voltage and from low to high temperature.
2.80 +0.20 -0.30 0.650.15 1.50 +0.25 -0.05 0.650.15
0.95
1.900.20
2.90 +0.20 -0.05
1
0.95
3
2
1.10 +0.20 -0.10
* Wide operating supply voltage range (VCC = 2.7 V to 14.4 V) * Wide operating ambient temperature (-40C to +85C) * Package: Mini type (3-pin type) (1.1 mm thick: Same as a standard transistor) * Eqipped with an output pull-up resistor (typical 56 k)
0 to 0.10
I Features
0.80
0.10 to 0.30 0.400.20
MINI-3D Note) The package of this product will be changed to lead-free type (MINI-3DA). See the new package dimensions section later of this datasheet.
I Applications
* DC brushless motor, fan motor, rotation sensor, detection of cover open/close (example for a cellular phone), position sensor
2
VCC
I Block Diagram
Constant voltage source
56 k (typ.)
Comparator Hall element Amplifier
1
Out
GND
3
32
0.16 +0.10 -0.06
0.40 +0.10 -0.05 1.45
Hall IC
I Pin Descriptions
Pin No. 1 2 3 Symbol Out VCC GND Description Output pin Supply voltage pin Ground pin
DN8797MS
I Absolute Maximum Ratings
Parameter Supply voltage Symbol VCC VOUT Supply current Power dissipation Operating ambient temperature Storage temperature ICC PD Topr Tstg Rating 18 18 120 -20 to +85 -55 to +125 mA mW C C Unit V
Note) 1. Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C. 2. The reverse insertion of this IC will cause its breakdown. 3. It will operate normally in several tens of ms after power on. 4. This IC is not suitable for car electrical equipment.
I Recommended Operating Range
Parameter Supply voltage Symbol VCC Range 2.7 to 14.4 Unit V
I Electrical Characteristics at Ta = 25C
Parameter Operating magnetic flux density 1 Operating magnetic flux density 2 Hysteresis width Output voltage 1 Output voltage 2 Output voltage 3 Output voltage 4 Output short-circuited current Supply current 1 Supply current 2 Symbol BH-L BL-H BW VOL1 VOL2 VOH1 VOH2 -IOS ICC1 ICC2 VCC = 3 V VCC = 3 V VCC = 3 V VCC = 14.4 V, IO = 5 mA, B = -22 mT VCC = 2.7 V, IO = 5 mA, B = -22 mT VCC = 14.4 V, IO = -20 A, B = -3 mT VCC = 2.7 V, IO = -20 A, B = -3 mT VCC = 14.4 V, B = -3 mT, VO = 0 V VCC = 14.4 V, B = -3 mT VCC = 2.7 V, B = -3 mT Conditions Min -20 0.2 12.8 1.05 0.19 1.0 1.0 Typ 1.5 0.07 0.07 13.3 1.55 0.27 3.4 2.5 Max -3 4 0.30 0.30 13.8 2.05 0.39 6.0 6.0 Unit mT mT mT V V V V mA mA mA
Note) 1. Symbol BH-L stands for the operating magnetic flux density where its output level varies from high to low. 2. Symbol BL-H stands for the operating magnetic flux density where its output level varies from low to high. 3. The variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power source. (VCC should be confined to the range of 2.7 V to 14.4 V.) 4. A supply current changes by maximum 1 mA when its output level varies from high to low.
33


▲Up To Search▲   

 
Price & Availability of DN8797MS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X