Part Number Hot Search : 
7716A UZ27B CD407 IN7100 S2A04R KM684002 74ALVC 250BZI
Product Description
Full Text Search
 

To Download D5SB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. D5SB10 THRU D5SB80
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
VOLTAGE: 100 TO 800V CURRENT: 6.0A
FEATURES
* Glass passivated junction chip * Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * Surge overload rating: 150 A peak * High temperature soldering guaranteed: 250oC/10sec/ 0.575" (9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
D5-SB
MECHANICAL DATA
* Terminal: Plated leads solderable per MIL-STD 202E, method 208C * Case: UL-94 Class V-O recognized flame retardant epoxy * Polarity: Polarity symbol marked on body * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Ta=50oC) Peak Forward Surge Current (8.5ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at forward current 3.0A DC) Maximum DC Reverse Current (at rated DC blocking voltage) Ta=25oC o Ta=125 C
SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR TSTG,TJ
D5SB D5SB D5SB D5SB D5SB 10 20 40 60 80 100 200 400 600 800
70 100 140 200 280 400 6.0 150 1.1 5 500 -55 to + 150 420 600 560 800
UNITS V V V A A V A A
o
Storage and Operating Junction Temperature
C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of D5SB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X