Part Number Hot Search : 
PCA9698 CSDC12V 5KP90 5ZSXI CPC1916Y LTC17 2SC4245 P2301
Product Description
Full Text Search
 

To Download D15SB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. D15SB10 THRU D15SB100
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
VOLTAGE: 100 TO 1000V CURRENT: 15A
FEATURES
* Glass passivated junction chip * Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * Surge overload rating: 250 A peak * High temperature soldering guaranteed: 250oC/10sec/ 0.375" (9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
D15SB
MECHANICAL DATA
* Terminal: Plated leads solderable per MIL-STD 202E, method 208C * Case: UL-94 Class V-O recognized flame retardant epoxy * Polarity: Polarity symbol marked on body * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Ta=70oC) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at forward current 7.5ADC) Maximum DC Reverse Current (at rated DC blocking voltage) Ta=25oC o Ta=125 C
SYMBOL
VRRM VRMS VDC IF(AV) IFSM VF IR
D15SB D15SB D15SB D15SB D15SB D15SB UNITS 10 20 40 60 80 100 100 200 400 600 800 1000 V 70 140 280 420 560 700 V 100 200 400 600 800 1000 V
15 250 1.1 5 500 -55 to + 150 A A V A A
o
Storage and Operating Junction Temperature TSTG,TJ
C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of D15SB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X