Part Number Hot Search : 
KMM366 C3216 SMCJ90A NCP62306 CNY17 ON0898 3200A MP2060
Product Description
Full Text Search
 

To Download CXT5401E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXT5401E ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CXT5401E is a PNP Silicon Transistor, packaged in an SOT-89 case, designed for general purpose amplifier applications requiring high breakdown voltage. MARKING CODE: FULL PART NUMBER
SOT-89 CASE APPLICATIONS: * General purpose switching and amplification * Telephone applications
FEATURES: * High Collector Breakdown Voltage 250V * Low Leakage Current 50nA Max * Low Saturation Voltage 150mV Max @ 50mA * Complementary Device CXT5551E * SOT-89 Surface Mount Package
MAXIMUM RATINGS: (TA=25C)
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA
250 220 7.0 600 1.2 -65 to +150 104
UNITS V V V mA W C C/W
SYMBOL ICBO ICBO
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) TEST CONDITIONS MIN VCB=120V VCB=120V, TA=100C VEB=3.0V IC=100A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IC=50mA, IB=1.0mA IB=5.0mA 250 220 7.0
MAX 50 50 50
UNITS nA A nA V V V
BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT)
VBE(SAT) VBE(SAT)
IEBO
100 150 1.00 1.00
mV mV V V
Enhanced Specification
R0 (10-May 2006)
Central
TM
CXT5401E ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
Semiconductor Corp.
SYMBOL
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) TEST CONDITIONS MIN VCE=5.0V, IC=1.0mA VCE=5.0V, IC=10mA VCE=5.0V, IC=50mA VCE=10V, IC=150mA VCE=10V, IC=10mA, f=100MHz VCB=10V, IE=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=200A, RS=10 f=10Hz to 15.7kHz 100 100 75 25 100 40
MAX
UNITS
hFE hFE hFE hFE
fT Cob hfe NF
300
300 6.0 200 8.0
MHz pF
dB
Enhanced Specification
SOT-89 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) EMITTER 2) COLLECTOR 3) BASE MARKING CODE: FULL PART NUMBER
R0 (10-May 2006)


▲Up To Search▲   

 
Price & Availability of CXT5401E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X