Part Number Hot Search : 
RTC4573 P1300 0RPEL 1E331 HMC28308 E47N50 ESD3V3D7 MC33063
Product Description
Full Text Search
 

To Download CMR3-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMR3-02 CMR3-04 CMR3-06 CMR3-10
GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS
Central
FEATURES:
TM
Semiconductor Corp.
* LOW COST * SPECIAL SELECTIONS AVAILABLE * HIGH RELIABILITY * SUPERIOR LOT TO LOT
CONSISTENCY
* GLASS PASSIVATED CHIP * "C" BEND CONSTRUCTION
SMC CASE DESCRIPTION: The CENTRAL SEMICONDUCTOR 3.0 Amp Surface Mount Silicon Rectifier is a high quality, well constructed,highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and automotive applications. To order devices on 16mm Tape and Reel (3000/13" Reel), add TR13 suffix to part number. MAXIMUM RATINGS: (TA=25oC unless otherwise noted) SYMBOL CMR3-02 Peak Repetitive Reverse Voltage VRRM 200 DC Blocking Voltage VR 200 RMS Reverse Voltage VR(RMS) 140 Average Forward Current(TA=75oC) IO Peak Forward Surge Current (8.3ms) IFSM Operating and Storage Junction Temperature TJ,Tstg Thermal Resistance JL CMR3-04 400 400 280 CMR3-06 600 600 420 3.0 200 CMR3-10 UNITS 1000 V 1000 V 700 V A A oC oC/W PROVIDES STRAIN RELIEF WHEN MOUNTED ON PC BOARD
-65 to +175 10
ELECTRICAL CHARACTERISTICS: (TA=25oC unless otherwise noted) SYMBOL VF IR IR TEST CONDITIONS IF=3.0A VR=Rated VRRM VR=Rated VRRM, TA=125oC MIN MAX 1.2 5.0 250 UNITS V A A
232
All dimensions in inches (mm).
Marking Codes:
DEVICE CMR3-02 CMR3-04 CMR3-06 CMR3-10
MARKING CODE C302 C304 C306 C310
R2 R1
233


▲Up To Search▲   

 
Price & Availability of CMR3-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X