Part Number Hot Search : 
1N5235 215002 BU606 IRZ24 S1616 IMB9A SMK0860P 1N4750P
Product Description
Full Text Search
 

To Download BYT43J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYT43
Vishay Telefunken
Very Fast Soft Recovery Rectifier
Features
D D D D D
Miniature axial leaded Glass passivated Hermetically sealed glass envelope Low reverse current High reverse voltage
Applications
TV and monitor SMPS Electronic ballast
95 10526
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g =Repetitive peak reverse voltage Test Conditions Type BYT43A BYT43B BYT43D BYT43G BYT43J BYT43K BYT43M Symbol VR =VRRM Value 50 100 200 400 600 800 1000 30 1 -55...+175 Unit V V V V V V V A A
Peak forward surge current Average forward current Junction and storage temperature range
tp=8.3 ms, half sinewave Lead length l = 10 mm, TL = 25C
IFSM IFAV Tj=Tstg
C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions Lead length l = 10 mm, TL = constant on PC board with spacing 25mm Symbol RthJA RthJA Value 60 110 Unit K/W K/W
Document Number 86026 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
BYT43
Vishay Telefunken Electrical Characteristics
Tj = 25_C Parameter Forward voltage Test Conditions IF = 1 A Type BYT43A -BYT43J BYT43K -BYT43M Symbol VF VF IR IR BYT43A BYT43B BYT43D BYT43G BYT43J BYT43K BYT43M BYT43A -BYT43J BYT43K -BYT43M V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R trr trr 50 100 200 400 600 800 1000 50 75 Min Typ Max 1.6 2 5 150 Unit V V
Reverse current Reverse breakdown voltage g
VR=VRRM VR=VRRM, Tj=150C IR=100mA m
mA mA
V V V V V V V ns ns
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
Characteristics (Tj = 25_C unless otherwise specified)
R thJA - Therm. Resist. Junction / Ambient ( K/W ) 120 I FAV- Average Forward Current ( A ) 100 80 60 l 40 20 0 0 5 10 15 TL=constant 20 25 30
96 12144
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60 80 100 120 140 160 180 Tamb - Ambient Temperature ( C ) BYT43M BYT43J BYT43A VR = VR RM fv1kHz RthJA PC Board
v110K/W
l
96 12151
l - Lead Length ( mm )
Figure 1. Max. Thermal Resistance vs. Lead Length
Figure 2. Max. Average Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 86026 Rev. 3, 24-Jun-98
BYT43
Vishay Telefunken
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0
96 12145
100.000 BYT43A VR = VR RM fv1kHz RthJA l=10mm BYT43J
I FAV- Average Forward Current ( A )
IF - Forward Current ( A )
v60K/W
10.000 Tj = 175C 1.000 Tj = 25C 0.100 0.010 BYT43A -BYT43J 0.001 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
96 12143
BYT43M
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature ( C )
VF - Forward Voltage ( V )
Figure 3. Max. Average Forward Current vs. Ambient Temperature
1000 VR = VRRM I R - Reverse Current ( mA )
Figure 5. Max. Forward Current vs. Forward Voltage
100.000 10.000 I F - Forward Current ( A )
100
Tj = 175C 1.000 Tj = 25C 0.100 0.010 BYT43K -BYT43M 0.001 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
10
1 25
96 12146
50
75
100
125
150
175
96 12142
Tj - Junction Temperature ( C )
VF - Forward Voltage ( V )
Figure 4. Max. Reverse Current vs. Junction Temperature
Figure 6. Max. Forward Current vs. Forward Voltage
Dimensions in mm
Standard Glass Case DOT 30 B Weight max. 0.5 g 3 max. Cathode Identification
95 10524 technical drawings according to DIN specifications
0.82 max.
26 min.
4.2 max.
26 min.
Document Number 86026 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
BYT43
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 86026 Rev. 3, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of BYT43J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X