Part Number Hot Search : 
JE172 UNR1115Q 1001S SA110 21M16 SA110 SA110 AMS1084
Product Description
Full Text Search
 

To Download BGA6589 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D109
BGA6589 MMIC wideband medium power amplifier
Product specification 2003 Sep 19
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
FEATURES * Broadband 50 gain block * 20 dBm output power * SOT89 package * Single supply voltage needed. APPLICATIONS * Broadband medium power gain blocks * Small signal high linearity amplifiers * Variable gain and high output power in combination with the BGA2031 * Cellular, PCS and CDPD * IF/RF buffer amplifier * Wireless data SONET * Oscillator amplifier, final PA * Drivers for CATV amplifier. DESCRIPTION Silicon Monolithic Microwave Integrated Circuit (MMIC) wideband medium power amplifier with internal matching circuit in a 4-pin SOT89 plastic low thermal resistance SMD package. The BGA6x89 series of medium power gain blocks are resistive feedback Darlington configured amplifiers. Resistive feedback provides large bandwidth with high accuracy. QUICK REFERENCE DATA SYMBOL VS IS |s21|2 NF PL 1 dB PARAMETER DC supply voltage DC supply current insertion power gain noise figure load power at 1 dB compression IS = 84 mA VS = 9 V; Rbias = 51 ; Tj = 25 C f = 1.95 GHz f = 1.95 GHz f = 850 MHz f = 1.95 GHz CAUTION CONDITIONS
Marking code: 5A. 1 2 Bottom view 3
handbook, halfpage
BGA6589
PINNING PIN 1 2 3 RF out/bias GND RF in DESCRIPTION
3 2
1
MGX418
Fig.1 Simplified outline (SOT89) and symbol.
TYP. 4.8 81 17 3.3 21 20
UNIT V mA dB dB dBm dBm
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
2003 Sep 19
2
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134) SYMBOL VS IS Ptot Tstg Tj PD Note 1. Ts is the temperature at the soldering point of pin 2. THERMAL CHARACTERISTICS SYMBOL Rth j-s Note 1. Ts is the temperature at the soldering point of pin 2. STATIC CHARACTERISTICS Tj = 25 C; VS = 9 V; Rbias = 51 ; unless otherwise specified. SYMBOL IS PARAMETER supply current CONDITIONS MIN. 73 TYP. 81 PARAMETER CONDITIONS PARAMETER DC device voltage DC supply current total power dissipation storage temperature operating junction temperature maximum drive power Ts 70 C; note 1 CONDITIONS RF input AC coupled - - - -65 - - MIN. 6
BGA6589
MAX. 150 800 +150 150 15
UNIT V mA mW C C dBm
VALUE 100
UNIT K/W
thermal resistance from junction to solder point Ts 70 C note 1
MAX. 89
UNIT mA
2003 Sep 19
3
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
BGA6589
CHARACTERISTICS VS = 9 V; IS = 84 mA; Tamb = 25 C; IP3(out) tone spacing = 1 MHz; PL = 0 dBm per tone (see Fig.2); Rbias = 51 ; ZL = ZS = 50 ; unless otherwise specified. SYMBOL |s21|2 PARAMETER insertion power gain f = 850 MHz f = 1.95 GHz f = 2.5 GHz RL IN return losses input f = 850 MHz f = 1.95 GHz f = 2.5 GHz RL OUT return losses output f = 850 MHz f = 1.95 GHz f = 2.5 GHz NF noise figure f = 850 MHz f = 1.95 GHz f = 2.5 GHz K PL 1 dB IP3(in) IP3(out) stability factor load power input intercept point output intercept point f = 850 MHz f = 2.5 GHz at 1 dB gain compression; f = 850 MHz at 1 dB gain compression; f = 1.95 GHz f = 850 MHz f = 2.5 GHz f = 850 MHz f = 2.5 GHz CONDITIONS TYP. 22 17 15 9 11 15 10 13 13 3.0 3.3 3.4 1.1 1.1 21 20 11 15 33 30 UNIT dB dB dB dB dB dB dB dB dB dB dB dB - - dBm dBm dBm dBm dBm dBm
2003 Sep 19
4
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
APPLICATION INFORMATION
BGA6589
Figure 2 shows a typical application circuit for the BGA6589 MMIC. The device is internally matched to 50 , and therefore does not require any external matching. The value of the input and output DC blocking capacitors C1 and C2 depends on the operating frequency; see the tables below. Capacitors C1 and C2 are used in conjunction with L1 and C3 to fine tune the input and output impedance. For optimum supply decoupling, a 1 F capacitor (C5) can be added. The external components should be placed as close as possible to the MMIC. When using via holes, use multiple via holes per pin in order to limit ground path induction. Resistor R1 is a bias resistor providing DC current stability with temperature.
handbook, full pagewidth
R1(2) VS C3 L1 50 microstrip C1 VD C2 50 microstrip C4 C5(1)
3 2
1
MGX419
(1) Optional capacitor for optimum supply decoupling. (2) R1 values at operating supply voltage: VS = 6 V; R1 = 15 . VS = 9 V; R1 = 51 . VS = 11.5 V; R1 = 82 .
Fig.2 Typical application circuit.
Table 1
Component descriptions (see Fig.2) VALUE AT OPERATING FREQUENCY
COMPONENT C1, C2 C3 C4 C5 (optional) L1 R1
DESCRIPTION multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor electrolytic or tantalum capacitor SMD inductor SMD resistor 0.5 W; VS = 9 V
DIMENSIONS 0603 0603 0603 0603 0603 -
500 MHz 1 nF 1 F 68 nH -
800 MHz 1 nF 1 F 33 nH -
1950 MHz 1 nF 22 pF 1 F 22 nH -
2400 MHz 56 pF 1 nF 22 pF 1 F 18 nH -
3500 MHz 39 pF 1 nF 15 pF 1 F 15 nH -
220 pF 100 pF 68 pF 100 pF 68 pF
2003 Sep 19
5
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
BGA6589
handbook, full pagewidth
90 +1 135 +0.5 +2 45 1.0 0.8 0.6 0.4 0.2 180 0 0.2 0.5 2.6 GHz 1 2 200 MHz 5 10 0 0
+0.2
+5
-0.2
-5
-135
-0.5 -1 -90
-2
-45 1.0
MGX409
IS = 84 mA; VS = 9 V; PD = -30 dBm; ZO = 50 .
Fig.3 Input reflection coefficient (s11); typical values.
handbook, full pagewidth
90 +1 135 +0.5 +2 45 1.0 0.8 0.6 0.4 0.2 180 0 0.2 0.5 1 2 200 MHz -0.2 -5 5 10 0 0
+0.2 2.6 GHz
+5
-135
-0.5 -1 -90
-2
-45 1.0
MGX410
IS = 84 mA; VS = 9 V; PD = -30 dBm; ZO = 50 .
Fig.4 Output reflection coefficient (s22); typical values.
2003 Sep 19
6
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
BGA6589
handbook, halfpage |s | 2
0
MGX411
12 (dB)
handbook, halfpage |s | 2
25
MGX412
21 (dB)
-10
20
15 -20 10 -30 5
-40
0 0 500 1000 1500 2000 2500 f (MHz) 0 500 1000 1500 2000 2500 f (MHz)
IS = 84 mA; VS = 9 V; PD = -30 dBm; ZO = 50 .
IS = 84 mA; VS = 9 V; PD = -30 dBm; ZO = 50 .
Fig.5
Isolation (|s12|2) as a function of frequency; typical values.
Fig.6
Insertion gain (|s21|2) as a function of frequency; typical values.
handbook, halfpage
25
MGX413
PL1dB (dBm)
handbook, halfpage
40
MGX414
IP3(out) (dBm) 30
20
15 20 10 10 5
0 0 500 1000 1500 2000 2500 f (MHz)
0 0 500 1000 1500 2000 2500 f (MHz)
IS = 84 mA; VS = 9 V; ZO = 50 .
IS = 84 mA; VS = 9 V; PL = 0 dBm; ZO = 50 .
Fig.7
Load power as a function of frequency; typical values.
Fig.8
Output intercept as a function of frequency; typical values.
2003 Sep 19
7
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
BGA6589
handbook, halfpage
5
MGX415
handbook, halfpage
5
MGX416
NF (dB) 4
K 4
3
3
2
2
1
1
0 0 500 1000 1500 2000 2500 f (MHz)
0 0 500 1000 1500 2000 2500 f (MHz)
IS = 84 mA; VS = 9 V; ZO = 50 .
IS = 84 mA; VS = 9 V; ZO = 50 .
Fig.9
Noise figure as a function of frequency; typical values.
Fig.10 Stability factor as a function of frequency; typical values.
handbook, halfpage
100
MGX417
Is (mA) 90
80
70
60 -40
-20
0
20
40
60 80 Tj (C)
VS = 8 V; Rbias = 51 .
Fig.11 Supply current as a function of operating junction temperature; typical values.
2003 Sep 19
8
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Scattering parameters IS = 83 mA; VS = 8 V; PD = -30 dBm; ZO = 50 ; Tamb = 25 C s11 f (MHz) 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2900 3000 3100 MAGNITUDE (ratio) 0.30 0.31 0.32 0.33 0.33 0.34 0.34 0.35 0.35 0.35 0.35 0.34 0.34 0.33 0.33 0.32 0.31 0.30 0.29 0.28 0.26 0.25 0.24 0.22 0.21 0.21 0.07 0.19 0.18 0.18 ANGLE (deg) -6.87 -10.91 -15.72 -21.0 -26.44 -32.08 -37.75 -43.18 -48.9 -54.2 -59.55 -64.78 -69.93 -74.81 -79.82 -84.88 -89.81 -94.89 -100.3 -105.9 -111.8 -118.0 -125.2 -132.8 -141.3 -153.3 -127.7 -167.20 178.11 165.13 s21 MAGNITUDE (ratio) 16.61 16.18 15.59 14.91 14.19 13.51 12.77 11.88 11.22 10.64 10.0 9.39 8.93 8.54 8.07 7.60 7.32 7.08 6.74 6.46 6.28 6.07 5.78 5.61 5.51 5.33 6.44 4.88 4.78 4.57 ANGLE (deg) 161.86 153.02 144.39 136.01 128.12 120.88 114.19 107.40 101.34 95.86 90.82 85.46 80.15 75.95 72.26 67.95 63.43 59.81 56.09 51.84 48.02 45.0 41.33 36.72 33.15 30.04 28.98 19.14 16.89 16.56 s12 MAGNITUDE (ratio) 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.05 0.05 0.05 0.05 0.05 0.06 0.06 0.06 0.07 0.07 0.07 0.08 0.08 0.08 0.09 0.09 0.12 0.10 0.10 0.11 ANGLE (deg) 2.38 3.66 5.17 6.75 8.67 10.94 13.65 15.15 17.89 19.93 22.11 24.10 24.62 25.98 27.67 28.69 28.33 28.44 29.27 29.17 28.46 28.37 28.17 26.46 24.85 24.72 24.46 20.48 19.71 18.98 s22 MAGNITUDE (ratio) 0.34 0.34 0.34 0.34 0.34 0.33 0.33 0.32 0.32 0.31 0.30 0.30 0.29 0.28 0.27 0.26 0.25 0.24 0.23 0.23 0.22 0.22 0.22 0.23 0.24 0.28 0.28 0.27 0.30 0.32 ANGLE (deg) -20.03 -30.50 -40.74 -50.56 -60.07 -69.21 -77.91 -86.13 -94.01 -101.7 -109.1 -116.4 -123.6 -130.9 -138.2 -145.7 -153.6 -162.0 -170.7 179.99 170.17 160.16 149.59 139.39 129.67 120.55 80.88 105.15 96.35 89.48 K-FACTOR 1.0 1.0 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.2 1.2 1.1 1.2 1.0 1.2 1.2 1.2 1.2 1.0 2003 Sep 19 2003 Sep 19 9 9 Philips Semiconductors
MMIC wideband medium power amplifier MMIC wideband medium power amplifier BGA6589 BGA6589
Product specification
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
PACKAGE OUTLINE Plastic surface mounted package; collector pad for good heat transfer; 3 leads
BGA6589
SOT89
D
B
A
b3
E HE
L
1
2
b2
3
c
wM
b1 e1 e
0
2 scale
4 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.6 1.4 b1 0.48 0.35 b2 0.53 0.40 b3 1.8 1.4 c 0.44 0.37 D 4.6 4.4 E 2.6 2.4 e 3.0 e1 1.5 HE 4.25 3.75 L min. 0.8 w 0.13
OUTLINE VERSION SOT89
REFERENCES IEC JEDEC TO-243 EIAJ SC-62
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
2003 Sep 19
10
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
BGA6589
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Sep 19
11
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R77/01/pp12
Date of release: 2003
Sep 19
Document order number:
9397 750 11765


▲Up To Search▲   

 
Price & Availability of BGA6589

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X