Part Number Hot Search : 
001010 UPS520 TJA105 128Y1 CXD8932Q NSSU100 106M16 2SD2678
Product Description
Full Text Search
 

To Download BA7735FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
Electronic volume for VCRs and audio devices
BA7735FS
The BA7735FS is an electronic volume IC developed for VCRs and audio devices. FApplications VCRs FFeatures 1) Internal high-performance electronic volume with a dynamic range of 100dB (Typ.). 2) Internal switching between EVR ON and EVR OFF modes. FAbsolute maximum ratings (Ta = 25_C)
3) Gain of output amplifier can be set to any value between 0 and 12dB using an external resistor. 4) 2 power supply supported.
865
Audio ICs
FBlock diagram
BA7735FS
866
Audio ICs
FPin descriptions
BA7735FS
FInput / output circuit
867
Audio ICs
FElectrical characteristics (unless otherwise noted, VCC = )5.0V, VEE = -5.0V, Ta = 25_C)
BA7735FS
868
Audio ICs
FMeasurement circuit
BA7735FS
FControl pin description EVR ON / OFF This selects the EVR ON or EVR OFF mode.
869
Audio ICs
FCircuit operation EVR control characteristic Gain control is carried out by means of voltage divider between the GND and the EVR REF pin (pin 2).
BA7735FS
FOperation notes (1) Since muting measures are not taken in the IC when the power supply is turned on or off, these measures should be taken externally if necessary. (2) The gain for the output amplifier should be set to a value between 0 and 12dB. (3) DC offset voltage may be produced, depending on the EVR control point. If this is a problem, insert a coupling capacitor at the point where connection is made to the next stage. (4) If DC offset voltage is a problem when switching modes, countermeasures such as providing a time constant to the control pin (pin 8) can be taken.
FExternal dimensions (Units: mm)
870


▲Up To Search▲   

 
Price & Availability of BA7735FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X