Part Number Hot Search : 
92610 UA9668 RTL8801 AM6612N LT241 025BS 1SMC16CA V48A15E
Product Description
Full Text Search
 

To Download BA6793FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
4-channel BTL driver for CD players
BA6793FP
The BA6793FP is a 4-channel BTL driver for CD player actuators and motors. This IC has an internal 5V regulator and a standard operational amplifier, making it suitable for a wide spectrum of applications.
FApplications CD players, CD-ROM drives
FFeatures 1) 28-pin HSOP power package allows for application miniaturization. 2) Minimum attached components. 3) Driver gain is adjustable with a single attached resistor.
4) Internal 5V regulator. (requires attached PNP transistor) 5) Internal standard operational amplifier. 6) Internal thermal shutdown circuit. 7) Three separate power supplies.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
355
Optical disc ICs
FBlock diagram
BA6793FP
FPin descriptions
356
Optical disc ICs
FPin equivalent circuit diagrams
BA6793FP
357
Optical disc ICs
BA6793FP
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 12V, BIAS = 2.5V, f = 1kHz, RIN = 20k, RL=8)
358
Optical disc ICs
FMeasurement circuit
BA6793FP
359
Optical disc ICs
FCircuit operation (1) Driver Inputs to the IC are the focus tracking error signal from the servo preamplifier and the control signal from the motor. The input signals, which normally center on 2.5V, are V / I converted by the preamplifier, generating a current corresponding to the input voltage. This current is
BA6793FP
passed through a resistor and into the internal reference voltage component, the preamplifier output being a signal centering on the internal reference voltage. Two systems (positive phase and negative phase) are created during V / I conversion, generating BTL output via the driver buffer.
(2) Regulator This is a typical series regulator that generates a reference voltage internally. A PNP low saturation transistor must be connected.
(3) Operational amplifier A standard 4558 type.
360
Optical disc ICs
FApplication example
BA6793FP
361
Optical disc ICs
FOperation notes (1) The BA6793FP has a thermal shutdown circuit. The output current is muted when the chip temperature rises above 175_C (typically). When the chip temperature falls to 150_C (typically), the driver circuit starts up again. (2) The output currents (channels 3 and 4) can be muted by pulling up the mute pins (pins 24 and 26) above 2.0V. During ordinary use, pins 24 and 26 should be left open or lowered below 0.5V. (3) Muting also occurs when the bias pin (pin 22) drops below 1.4V (typically). Make sure it stays above 2.0V during normal use.
BA6793FP
(4) Muting occurs during thermal shutdown, mute-on operations or a drop in the bias pin voltage. In each case, only the drivers are muted. During muting, the output pins remain at the internal bias voltage, roughly (VCC*VF) / 2. (5) Connect the IC to a 1F bypass capacitor between power supplies, at the base of the IC. (6) The radiating fin is connected to the package's internal GND, but should also be connected to an external ground. (7) The capacitor between regulator output (pin 2) and GND also serves to prevent oscillation of the IC, so select one with good temperature characteristics.
FElectrical characteristic curves
362
Optical disc ICs
BA6793FP
FExternal dimensions (Units: mm)
363


▲Up To Search▲   

 
Price & Availability of BA6793FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X