Part Number Hot Search : 
AT24C16 16S2AV 24M10A K100M 18110 N5534 18NK60 EL2142CN
Product Description
Full Text Search
 

To Download B360B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B320/A/B-B360/A/B
Vishay Lite-On Power Semiconductor
3.0A Surface Mount Schottky Barrier Rectifiers
Features
D Schottky barrier chip D Guard ring die construction for transient
protection
D D D D
Ideally suited for automatic assembly Low power loss, high efficiency Surge overload rating to 100A peak For use in low voltage, high frequency inverters, free wheeling, and polarity protection application classification 94V-0
SMA
SMB
SMC
14 430
D Plastic material - UL recognition flammability
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type B320/A/B B330/A/B B340/A/B B350/A/B B360/A/B Symbol VRRM =VRW =VR V Value 20 30 40 50 60 100 3 -65...+150 Unit V V V V V A A C
Peak forward surge current Average forward current Junction and storage temperature range
TT=110C
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Test Conditions IF=3A Type B320/A/B- B340/A/B B350/A/B- B360/A/B Symbol VF VF IR IR CD RthJA Min Typ Max 0.5 0.7 0.5 20 300 15 Unit V V mA mA pF K/W
Reverse current Diode capacitance Thermal resistance junction to ambient
TA=25C TA=100C VR=4V, f=1MHz TL=const.
Rev. A2, 24-Jun-98
1 (4)
B320/A/B-B360/A/B
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFAV - Average Forward Current ( A ) 3.0 C D - Diode Capacitance ( pF ) 2.5 2.0 1.5 1.0 0.5 0 25
15270
1000
Tj = 25C f = 1 MHz
100
10 50 75 100 125 150
15273
0.1
1
10
100
Tamb - Ambient Temperature ( C )
VR - Reverse Voltage ( V )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
10
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
1k I R - Reverse Current ( mA )
B320 thru B340
IF - Forward Current ( A )
100 10
1.0
B350 thru B360
Tj = 100C
1.0
Tj = 75C
0.1
0.1 0.01
Tj = 25C IF Pulse Width = 300 s
Tj = 25C
0.01 0
15271
0.2 0.4 0.6 0.8 VF - Forward Voltage ( V )
1.0
15274
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Typ. Forward Current vs. Forward Voltage
IFSM - Peak Forward Surge Current ( A ) 100
Single Half Sine-Wave (JEDEC Method)
Figure 5. Typ. Reverse Current vs. Percent of Rated Peak Reverse Voltage
80
TT = 100C
60
40
20 0 1 10 Number of Cycles at 60 Hz 100
15272
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
2 (4)
Rev. A2, 24-Jun-98
B320/A/B-B360/A/B
Vishay Lite-On Power Semiconductor Dimensions in mm
14462
Case: Molded Plastic Polarity: Cathode Band or Cathode Notch Approx. Weight: SMA 0.064 grams, SMB 0.093 grams, SMC 0.21 grams Mounting Position: Any Marking: Tupe Number
Rev. A2, 24-Jun-98
3 (4)
B320/A/B-B360/A/B
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of B360B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X