Part Number Hot Search : 
L6562AT M66307SP EM689 SI91860 FM302B 1N473 RD35330K SI7114AD
Product Description
Full Text Search
 

To Download B2B-XH-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crimp
XH CONNECTOR
Disconnectable Crimp style connectors
Emboss Tape
Radial Tape
2.5mm
(.098") pitch
Features ------------------------
* Original folded beam contact
The protected, folded beam contact in this connector provides high contact pressure with an over-stress stop feature. This ensures dependable continuity when used with low voltage, low current carrying circuits (dry circuits). The wire crimp section is mechanically decoupled from the post insertion section which, in turn, prevents the mating area from being adversely affected by crimping.
* Box-shaped shrouded header
The four-sided, box-shaped shroud prevents the receptacle from being misinserted or pried during insertion and removal. The shroud also prevents foreign matter from reaching the posts and resists contact deformation due to handling and shipping. Furthermore, a serrated, oversized square post is pressure-fit into each square hole to completely protect the post against heat and to prevent flux from entering during dip soldering.
* Header with a boss
The XH connector was developed based on the high reliability and versatility of our NH series connectors. The connector is very small with a mounting height of 9.8mm (.386"). Yet it meets the needs for high-density mounting and miniaturization of electronic equipment, including VCRs, radio-cassette players, and car stereo systems.
This header has a boss (projection) on the bottom of the housing to prevent improper insertion in printed circuit boards.
* Whisker prevention
The contact is treated with a reflow process and the square post is copper-undercoated and tin/lead-plated to prevent whiskers from being generated.
* Interchangeability
This header is interchangeable with those of 2.5mm (.098") pitch insulation displacement NR, NRD and BR connectors and board-to-board JQ connectors.
* Conforming to the HA terminal
The 4-circuit XH connector conforms to the HA terminal specified in JEM 1427 (Japanese Electric Machine Industry Association Standards).
Specifications -------------------
* Current rating: 3A AC, DC (AWG#22) * Voltage rating: 250V AC, DC * Temperature range: -25C to +85C (including temperature rise in applying electrical current) * Contact resistance: Initial value/10m max. After environmental testing/20m max. * Insulation resistance: 1,000M min. * Withstanding voltage: 1,000V AC/minute * Applicable wire: AWG #30 to #22 * Applicable PC board thickness: 1.6mm(.063") * Contact JST for details.
1
5 JS T
Standards-----------------------
0 1 2
Recognized E60389 Certified LR20812 R75085
57
XH
CONNECTOR
Contact -----------------------------------------------------------------
Model No. SXH-001T-P0.6 Applicable Wire mm2
0.08 to 0.33 0.05 to 0.13
AWG#
28 to 22 30 to 26
Insulation O.D mm(in.)
1.2 to 1.9(.047 to .075) 0.9 to 1.3(.035 to .051)
Q'ty / reel
8,000
1.95 (.077) 2.4(.094)
2.0 (.079)
SXH-002T-P0.6
Material and Finish
Phosphor bronze, tin-plated
Note: 1. Contact JST if you require gold-plated contacts or contacts made of brass. 2. Also Contact JST also if you require shielded wires, thin wires or other special wires.
6.5(.256)
Housing -----------------------------------------------------------------
Circuits
1 2
Model No. XHP- 1 XHP- 2 XHP- 3 XHP- 4 XHP- 5 XHP- 6 XHP- 7 XHP- 8 XHP- 9 XHP-10 XHP-11 XHP-12 XHP-13 XHP-14 XHP-15 XHP-16 XHP-20
Dimensions mm(in.) A
-- 2.5(.098) 5.0(.197) 7.5(.295) 10.0(.394) 12.5(.492) 15.0(.591) 17.5(.689) 20.0(.787) 22.5(.886) 25.0(.984) 27.5(1.083) 30.0(1.181) 32.5(1.280) 35.0(1.378) 37.5(1.476) 47.5(1.870)
B
3.2( .126) 5.7( .224) 8.2( .323) 10.7( .421) 13.2( .520) 15.7( .618) 18.2( .717) 20.7( .815) 23.2( .913) 25.7(1.012) 28.2(1.110) 30.7(1.209) 33.2(1.307) 35.7(1.406) 38.2(1.504) 40.7(1.602) 50.7(1.996)
C
4.8( .189) 7.3( .287) 9.8( .386) 12.3( .484) 14.8( .583) 17.3( .681) 19.8( .780) 22.3( .878) 24.8( .976) 27.3(1.075) 29.8(1.173) 32.3(1.272) 34.8(1.370) 37.3(1.469) 39.8 (1.567) 42.3(1.665) 52.3(2.059)
Q'ty / bag
1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 500
7.7(.303)
3 4 5 6
4.1 (.161) 5.7 (.224) Circuit No.1 mark 2.5 (.098) A B C
7 8 9 10 11 12 13 14 15 16 20
Material
Nylon 6, UL94V-0, natural (white)
As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. XHP-1-o o(blank)...natural (white) BK...black R...red E...blue Y...yellow L...lemon yellow M...green D...orange N...brown FY...vivid yellow
58
XH
The shrouded headers are interchangeable with those of the NR , NRD and BR insulation displacement connectors, and JQ board-to-board connectors .
CONNECTOR
Through-hole type shrouded header -----------------------------------------
Top entry type (2 circuits)
0.64(.025)
Side entry type
3.4 (.134) 7.0(.276)
7.0(.276) 11.5(.453)
JST
JST
0.64 (.093) 2.35 (.093) 5.75(.226) 2.45 (.096) 0.64 (.025) A B 2.5 (.098)2.45 (.096)
2.45 (.096) A B
3.4 6.1(.240) (.134)
(3 to 20 circuits)
3.4 (.134) 7.0(.276)
8
JST
2.45 (.096)
0.64 (.025) A B
2.5 (.098)2.45 (.096)
2.35 (.093) 5.75(.226)
Circuits
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 20
Model No. Top entry type B 2B-XH-A B 3B-XH-A B 4B-XH-A B 5B-XH-A B 6B-XH-A B 7B-XH-A B 8B-XH-A B 9B-XH-A B10B-XH-A B11B-XH-A B12B-XH-A B13B-XH-A B14B-XH-A B15B-XH-A B16B-XH-A B20B-XH-A
-
Dimensions mm(in.) Side entry type S 2B-XH-A S 3B-XH-A S 4B-XH-A S 5B-XH-A S 6B-XH-A S 7B-XH-A S 8B-XH-A S 9B-XH-A S10B-XH-A S11B-XH-A S12B-XH-A S13B-XH-A S14B-XH-A S15B-XH-A S16B-XH-A
-
Q'ty / box Top entry type Side entry type
1,000 1,000 500 500 500 500 500 500 250 250 250 250 250 250 200 100 1,000 1,000 500 500 500 250 250 250 250 250 200 200 200 100 100 -
A
2.5( .098) 5.0( .197) 7.5( .295) 10.0( .394) 12.5( .492) 15.0( .591) 17.5( .689) 20.0( .787) 22.5( .886) 25.0( .984) 27.5(1.083) 30.0(1.181) 32.5(1.280) 35.0(1.378) 37.5(1.476) 47.5(1.870)
B
7.4( .291) 9.9( .390) 12.4( .488) 14.9( .587) 17.4( .685) 19.9( .783) 22.4( .882) 24.9( .980) 27.4(1.079) 29.9(1.177) 32.4(1.276) 34.9(1.374) 37.4(1.472) 39.9(1.571) 42.4(1.669) 52.4(2.063)
S 3B-XH-A-1 S 4B-XH-A-1 S 5B-XH-A-1 S 6B-XH-A-1 S 7B-XH-A-1 S 8B-XH-A-1 S 9B-XH-A-1 S10B-XH-A-1 S11B-XH-A-1 S12B-XH-A-1 S13B-XH-A-1 S14B-XH-A-1 S15B-XH-A-1
- -
Material and Finish
Post: Brass copper-undercoated, tin/lead-plated Wafer: Nylon 66, UL94V-0, natural (white)
As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. S3B-XH-A(-1)-o o(blank)...natural (white) BK...black R...red E...blue Y...yellow L...lemon yellow M...green D...orange N...brown FY...vivid yellow
S( )B-XH-A:9. 2(.362)
8
S( )B-XH-A-1: 7.6(.299)
59
XH
CONNECTOR
Through-hole type shrounded header ----------------------------------------
* Top entry type of glass-filled nylon (2 circuits)
0.64(.025) 0.64(.025)
2.45 (.096) A B
3.4 (.134)
7.0 (.276)
5.75(.226) 6.75(.266)
(3 to 8 circuits)
7.0 (.276) 3.4 (.134) 2.5 2.45 (.098) (.096)
6 H JST
0.64(.252) A B
[(0.96)(.038)] 5.75(.226) 6.75(.266)
(9 to 15 circuits)
7.0 (.276) 3.4 (.134) 2.5 2.45 (.098) (.096)
12 H JST
0.64(.025) A B
[0.96(.038) ] 5.75(.226)
Circuits
2 3 4 5 6 7 8 9 10 11 12 13 14 15
Model No. B 2B-XH-2 B 3B-XH-2 B 4B-XH-2 B 5B-XH-2 B 6B-XH-2 B 7B-XH-2 B 8B-XH-2 B 9B-XH-2 B10B-XH-2 B11B-XH-2 B12B-XH-2 B13B-XH-2 B14B-XH-2 B15B-XH-2
Dimensions mm(in.) A
2.5( .098) 5.0( .196) 7.5( .295) 10.0( .394) 12.5( .492) 15.0( .591) 17.5( .689) 20.0( .787) 22.5( .888) 25.0( .984) 27.5(1.083) 30.0(1.181) 32.5(1.280) 35.0(1.378)
B
7.4( .291) 9.9( .390) 12.4( .488) 14.9( .587) 17.4( .685) 19.9( .783) 22.4( .882) 24.9( .980) 27.4(1.079) 29.9(1.177) 32.4(1.276) 34.9(1.374) 37.4(1.472) 39.9(1.571)
Q'ty / box
1,000 1,000 500 500 500 500 250 250 250 250 250 250 250 250
Material and Finish
Post: Brass, copper-undercoated, tin/lead-plated Wafer: Glass-filled nylon 66, UL94V-0, natural (ivory)
As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. B2B-XH-2-o o(blank)...natural (ivory) C...black R...red E...blue Y...yellow M...green
60
XH
The shrouded headers are interchangeable with those of the NR , NRD and BR insulation displacement connectors, and JQ board-to-board connectors .
CONNECTOR
Through-hole type shrouded header -----------------------------------------
Top entry type with a boss (1 circuit)
0.64(.025) 2.7(.106) 3.4 (.134) 7.0(.276)
Circuits
1 2 3 4 5 6 7
Model No. B 1B-XH-AM B 2B-XH-AM B 3B-XH-AM B 4B-XH-AM B 5B-XH-AM B 6B-XH-AM B 7B-XH-AM B 8B-XH-AM B 9B-XH-AM B10B-XH-AM B12B-XH-AM
Dimensions mm(in.) A
-- 2.5( .098) 5.0( .197) 7.5( .295) 10.0( .394) 12.5( .492) 15.0( .591) 17.5( .689) 20.0( .787) 22.5( .886) 27.5(1.083)
B
-- 7.4( .291) 9.9( .390) 12.4( .488) 14.9( .587) 17.4( .685) 19.9( .783) 22.4( .882) 24.9( .980) 27.4(1.079) 32.4(1.276)
Q'ty / box
1,000 1,000 1,000 500 500 500 500 250 250 250 250
H JST
1.5(.059) 2.35 4.35 (.093) (.171) 5.75(.226)
8 9 10 12
0.64 (.025) 4.9(.193)
(2 circuits)
0.64(.025)
Material and Finish
Post: Brass copper-undercoated, tin/lead-plated Wafer: Nylon 66, UL94V-0, natural (white)
3.4 (.134) 7.0(.276)
1.5(.059)
' Note: B1B-XH-AM is not UL/CSA/TU' V approved.
JST
0.64 (.025)
1.0 (.039)dia.
As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. B1B-XH-AM-o o(blank)...natural (white) BK...black R...red E...blue Y...yellow L...lemon yellow M...green
2.45 1.6 (.096) A (.063) B
2.35 2.0 (.093) (.079) 5.75(.226)
(3 to 12 circuits)
3.4 (.134) 7.0(.276)
5.75(.226)
JST
2.45 (.096)
0.64 (.025) A B
2.5 (.098)
1.6 (.063) [1.1(.043)] 2.0 (.079)
1.0 (.039)dia.
1.5(.059)
61
XH
CONNECTOR
Through-hole type shrouded header on radial-tape -----------------------------
TV4 type (3 to 4 circuits)
2.45 (.096) B A 2.5 (.098) 7.0(.276) 6.75(.266)
2-TV4 type (2 circuits)
7.4(.291) 2.45 (.096) 2.5 (.098) 7.0(.276) 6.75(.266)
2-TV4 type (3 to 8 circuits)
B A 2.45 (.096) 2.5 (.098) 7.0(.276) 2.8 (.110) 6.75(.266)
2.8 (.110)
0.64 (.025)
[0.7(.028)dia.]
0.64 (.025)
[0.7(.028)dia.]
0.64 (.025)
[0.7(.028)dia.]
Circuits
2 3 4 5 6 7 8
Model No. A
-
Dimensions mm(in.) B B2B-XH-2-TV4 B3B-XH-2-TV4 B4B-XH-2-TV4 B5B-XH-2-TV4 B6B-XH-2-TV4 B7B-XH-2-TV4 B8B-XH-2-TV4 A
- 5.0(.197) 7.5(.295) 10.0(.394) 12.5(.492) 15.0(.591) 17.5(.689)
B
- 9.9(.390) 12.4(.488) 14.9(.587) 17.4(.685) 19.9(.783) 22.4(.882)
Q'ty / box
1,000 1,000 500 500 500 500 500
B3B-XH-TV4 B4B-XH-TV4
- - - -
Material and Finish
Post: Copper alloy, copper-undercoated, tin/lead-plated Wafer: TV4 type/ Nylon 66, UL94V-0 2-TV4 type/ Glass-filled nylon 66, UL94V-0
As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. B2B-XH-2-TV4-o o(blank)...natural (ivory) C...black (glass-filled) BK...black R...red E...blue Y...yellow M...green
Taping specification of through-hole type shrouded header ----------------------
2 and 3 circuits:12.7(.500) 4 to 8 circuits:25.4(1.000)
6.75(.266)
20.0(.787) 9.0(.354)
6.0(.236)
18.0(.709)
4.0(.157)dia.
2 circuits:5.1(.201) 3 to 8circuits:3.85(.152)
2 circuits:2.5(.098)/3 to 8circuits:5.0(.197) 12.7(.500)
Note: Conforms to JIS C 0805.
62
XH
CONNECTOR
Packaging specifications of through-hole type shrouded header ------------------
Package type D Distance between folds Box size Distance between the end of the tape and the first connector's center line (either end) H
TERMIN ALS & CONN ECTORS
Flat pack (zig zag folded) 24 indexing holes perfold (304.8mm/12") (316x45x330mm)12.4"(W)x1.8"(D)x13.0"(H) 19.05mm(.750")
Products of different packaging specifications are also available. Contact JST for details.
R
W
Distance between the end of the tape and the first connector's center line (either end)
Tail tape Lead tape
Through-hole type PC board layout (viewed from soldering side) and Assembly layout ---
Top entry type
2.5 2.5 0.05 (.098 .002) (.098)min. 5.7 (.224)
Side entry type
2.50.05 2.5 (.098.002) (.098)min. 9.2 (.362)min. 14.3(.563) 11.5(.453) 6.1 (.240)
3.4 (.134)min.
9.8(.386)
2 circuits:1.0 0.05(.039 .002)dia. 3 to 20 circuits: 0.9 + 0.1 (.035 + .004)dia. 0 0
Top entry type with a boss
2.5 2.50.05 1.60.05 (.098)min. (.098.002) (.063.002) 2.00.05 (.079.002) 3.4 (.134)min. 5.7 (.224)
7.0 (.276)
0.1 0.9 + 0 (.035 + .004 )dia. 0
1.1 (.043)dia. 2 circuits:1.00.05(.039.002)dia. 0.05 3 to 20 circuits:0.95 + 0 (.037 + .002 )dia. 0
Note: 1. Tolerances are non-cumulative: 0.05mm(.002" ) for all centers. 2. Hole dimensions differ according to the kind of PC board and piercing method. If printed circuit boards made of hard material such as FR-4 are used, the hole dimensions should be larger. The dimensions above should serve as a guideline. Contact JST for details.
7.0 (.276)
9.8(.386)
63
XH
CONNECTOR
SMT type shrouded header -------------------------------------------------
Circuits
0.64 (.025)
Model No. S3B-XH-SM3-TB S4B-XH-SM3-TB S6B-XH-SM3-TB
Dimensions mm(in.) A
5.0(.197) 7.5(.295) 12.5(.492)
B
12.5(.492) 15.0(.591) 20.0(.787)
Q'ty / reel
500 500 500
3 4 6
Material and Finish
5.5(.217)
Pin: Copper alloy, Copper-undercoated, tin/lead plated Wafer: Glass-filled nylon 46, UL94V-0, natural (white) Solder tab: Brass, Copper-undercoated, tin/lead plated
Note: The products listed above are supplied on embossed-tape.
2.5(.098) 3.75(.148) A B 7.0(.276) [3.6(.142)]
As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. S3B-XH-SM3-o o-TB(blank)...natural (white) M...green
Taping specifications of SMT type shrouded headers ---------------------------
Feeding direction 330 2(12.992.079)dia.
6.0(.236)
Carrier tape Feeding direction Cover tape leader area
Tail tape (Unloadedarea) 40.0(1.575)min.
Connector loaded area
150.0 (5.906)min.
Lead tape (Unloadedarea) 20 vacancies min.
[13.0(.512)dia.]
W1 + 2.5 - 1.0 (W1 +.098 ) - .039
2.0 0.5 (.079 .020)
(3 to 4 circuits)
Feeding direction 1.750.1 (.069.004) 1.550.05 (.061.002)dia. 4.00.1 (.158.004)
(6 circuits)
Feeding direction 1.750.1 (.069.004) 1.550.05 (.061.002)dia. 4.00.1 (.158.004)
2.00.1 (.079.004)
0.380.05 (.0.15.002) Cover tape
2.00.1 (.079.004)
0.380.05 (.0.15.002) Cover tape
F0.1 (.004) S W0.3(.012)
F0.1 (.004) S0.1(.004) W0.3(.012)
Carrier tape Carrier tape 16.00.1 (.630.004)
16.00.1 (.630.004)
Taping dimensions mm(in.) Circuits
3 to 4 6
Reel dimensions mm(in.) W1
25.5(1.004) 33.5(1.319)
F
11.5(.453) 14.2(.559)
S
[10.75( .423)] 28.4 (1.118)
W
24.0( .945) 32.0(1.260)
Q'ty / reel
500 500
Note: 1. Specifications conform to JIS C 0806. The tape width, connector recess dimensions, etc. are determined by the number of circuits and external shape of the connector to be loaded. 2. Specifications are subject to change without prior notice.
64
XH
CONNECTOR
SMT type PC board layout (viewed from component side) ----------------------------
1.3(.051)
11(.433) 6.5(.256)
2.5(.098) 3.7 (.146) 3.9 (.154)
End face of wafer on the mating side
2.3 (.091) 1.8(.071)
Note: 1. Tolerances are non-cumulative: 0.05mm(.002" ) for all centers. 2. The dimensions above should serve as a guideline. Contact JST for details.
Applicator for the semi-automatic press AP-K2N -------------------------------
Contact SXH-001T-P0.6 SXH-002T-P0.6 Crimp applicator MKS-L with safety cover without safety cover
APLMK SXH001-06 APLMK SXH002-06 APLNC SXH001-06 APLNC SXH002-06
Compact crimp applicator MKS-LS with safety cover without safety cover
APLMKLS SXH001-06 APLMKLS SXH002-06 APLLSNC SXH001-06 APLLSNC SXH002-06
Strip-crimp applicator MKS-SC with safety cover
APLSC SXH001-06 APLSC SXH002-06
65
Crimp
XH CONNECTOR High box type
Disconnectable Crimp style connectors
Features------------------------
* Header for 2.5mm (.098") pitch XH connector for use specifically with resin coated ("potted") PC boards
This header is tall and fully shrouded so as to prevent the resin used to coat the PC board from coming into contact with the mating pins.
2.5mm
(.098") pitch
* Interchangeability
Designed to accept XH mating receptacles.
Header for 2.5mm(.098") pitch XH connector for use specifically with resin coated ("potted") PC boards.
1
Specifications -------------------
* Current rating: 3A AC, DC (AWG#22) * Voltage rating: 250V AC, DC * Temperature range: -25C to +85C (including temperature rise in applying electrical current) * Contact resistance: Initial value/10m max. After environmental testing/20m max. * Insulation resistance: 1,000M min. * Withstanding voltage: 1,000V AC/minute * Applicable wire: AWG #30 to #22 * Applicable PC board thickness: 1.6mm(.063") * Contact JST for details.
5 JS
T
Standards-----------------------
66
0 1 2
Recognized E60389 Certified LR20812 R75089
XH
CONNECTOR High box type
Contact------------------------------------------------------------------
Model No.
1.95(.077) 2.4(.094) 2.0(.079)
mm2
0.08 to 0.33 0.05 to 0.13
Applicable wire Q'ty / AWG# Insulation O.D. mm(in.) reel
28 to 22 30 to 26 1.2 to 1.9(.047 to .075) 0.9 to 1.3(.035 to .051) 8,000
SXH-001T-P0.6 SXH-002T-P0.6
Material and Finish
Phosphor bronze, tin-plated
6.5(.256)
Note : 1. Contact JST if you requier gold-plated contacts or contacts made of brass. 2. Also Contact JST also if you require shielded wires, thin wiers or other special wires.
Housing -----------------------------------------------------------------
Circuits
2
Model No. XHP- 2 XHP- 3 XHP- 4 XHP- 5 XHP- 6 XHP- 7 XHP- 8 XHP- 9 XHP-10
A
Dimensions mm(in.) B C
5.7( .224) 8.2( .323) 10.7( .421) 13.2( .520) 15.7( .618) 18.2( .717) 20.7( .815) 23.2( .913) 25.7(1.012) 7.3( .287) 9.8( .386) 12.3( .484) 14.8( .583) 17.3( .681) 19.8( .780) 22.3( .878) 24.8( .976) 27.3(1.075)
Q'ty / bag
1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000
2.5(.098) 5.0(.197) 7.5(.295) 10.0(.394) 12.5(.492) 15.0(.591) 17.5(.689) 20.0(.787) 22.5(.886)
7.7(.303)
3 4 5 6 7 8 9
Circuit No.1
4.1 (.161) 5.7(.224)
10
A B C
2.5 (.098)
Material
Nylon 6, UL94V-0, natural (white)
As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. XHP-2-o o(blank)...natural (white) BK...black R...red E...blue Y...yellow
Shrouded header ---------------------------------------------------------
2.45 (.096) 2.5 (.098) 5.75(.226)
Circuits
2 3 4 5 6 7 8 9 10
Model No. BH 2B-XH-2 BH 3B-XH-2 BH 4B-XH-2 BH 5B-XH-2 BH 6B-XH-2 BH 7B-XH-2 BH 8B-XH-2 BH 9B-XH-2 BH10B-XH-2
Dimensions mm(in.) A B
2.5(.098) 5.0(.197) 7.5(.295) 10.0(.394) 12.5(.492) 15.0(.591) 17.5(.689) 20.0(.787) 22.5(.886) 7.4(. 291) 9.9(. 390) 12.4(. 488) 14.9(. 587) 17.4(. 685) 19.9(. 783) 22.4(. 882) 24.9(. 980) 27.4(1.079)
Q'ty / box
700 500 300 300 250 200 150 150 150
[0.9(.035)]
1.5(.059) 14.2(.559) 3.4(.134) 1.0(.039)dia.
H JST
1.6 (.063) 7.4(.291)
0.64 (.025) 2.0 (.079) 6.75(.266) 5.75(.226)
Material and Finish
Post: Copper alloy, copper-undercoated, tin/lead-plated Wafer: Glass-filled nylon 66, UL94V-0, natural (ivory)
14.2(.559)
6 H JST
As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. BH2B-XH-2-o o(blank)...natural (ivory) R...red C...black E...blue Y...yellow
1.5(.059) 2.5 2.45 (.098) (.096)
1.0(.039)dia. [0.96(.038) ] 0.64(.025) A 1.6 2.0 (.063) (.079) B 6.75(.266)
3.4 (.134)
67
XH
CONNECTOR High box type
PC board layout (viewed from component side) and Assembly layout ------------------
5.75(.226)
3.4(.134)min.
+0.1 1.2 +0.1 0 2.50.05 0.9 0 0 (.098.002) (.035 +.004 )dia. (.047 +.004 )dia. 0
1.60.05 (.063.002)
14.2(.559) 2.8(.110)
20.05 (.079.002)
6.75 (.266)
Note: 1. Tolerances are non-cumulative: 0.05mm(.002") for all centers. 2. Hole dimensions differ according to the kind of PC board and piercing method. If printed circuit boards made of hard material such as FR-4 are used, the hole dimensions should be larger. The dimensions above should serve as a guideline. Contact JST for details.
Applicator for the semi-automatic press AP-K2N -------------------------------
Contact SXH-001T-P0.6 SXH-002T-P0.6 Crimp applicator MKS-L with safety cover without safety cover
APLMK SXH001-06 APLMK SXH002-06 APLNC SXH001-06 APLNC SXH002-06
Compact crimp applicator MKS-LS with safety cover without safety cover
APLMKLS SXH001-06 APLMKLS SXH002-06 APLLSNC SXH001-06 APLLSNC SXH002-06
Strip-crimp applicator MKS-SC with safety cover
APLSC SXH001-06 APLSC SXH002-06
68


▲Up To Search▲   

 
Price & Availability of B2B-XH-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X