Part Number Hot Search : 
32100 PT150N16 EC3592R 2SD13 1C110D ZMM27HCD SL24T1G 2N6461
Product Description
Full Text Search
 

To Download APM1401S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM1401S
P-Channel Enhancement Mode MOSFET
Features
*
-20V/-0.65A , RDS(ON)=370m(typ.) @ VGS=-4.5V RDS(ON)=550m(typ.) @ VGS=-2.5V
Pin Description
* * * *
Super High Dense Cell Design Reliable and Rugged SC-70 Package Lead Free Available (RoHS Compliant)
S
Top View of SC-70
Applications
*
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
G
D
P-Channel MOSFET
Ordering and Marking Information
APM1401 Lead Free Code Handling Code Tem p. Range Package Code Package Code S : SC-70 Operating Junction Tem p. Range C : -55 to 150 C Handling Code TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device
APM1401 S :
01
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 1 www.anpec.com.tw
APM1401S
Absolute Maximum Ratings
Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA*
Note: *Surface Mounted on 1in2 pad area, t
(TA = 25C unless otherwise noted)
Rating -20 10 VGS=-4.5V -0.65 -2.1 -0.5 150 -55 to 150 TA=25C TA=100C 0.34 0.13 360 W C/W A C V A Unit
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 300s Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient
10sec.
(TA = 25C unless otherwise noted)
APM1401S Min. Typ. Max.
Electrical Characteristics
Symbol Parameter
Test Condition
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage VGS=0V, IDS=-250A IDSS VGS(th) IGSS RDS(ON) gfs VSD
a a
-20 -1 -30 -0.5 -0.7 370 550 6.5 -0.8 -1.3 -1 100 480 720
V
Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Forward Transconductance Diode Forward Voltage
b
VDS=-16V,VGS=0V TJ=85C VDS=VGS, IDS=-250A VGS=10V, VDS=0V VGS=-4.5V, IDS=-0.65A VGS=-2.5V, IDS=-0.45A VDS=-10V, IDS=-0.65A ISD=-0.5A, VGS=0V
V nA m S V
Dynamic Characteristics Ciss Input Capacitance Coss Crss Output Capacitance Reverse Transfer Capacitance
VGS=0V, VDS=-15V, Frequency=1.0MHz
136 38 26 pF
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
2
www.anpec.com.tw
APM1401S
Electrical Characteristics (Cont.)
Symbol td(ON) Tr td(OFF) Tf Parameter Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time
b
(TA = 25C unless otherwise noted)
APM1401S Min. Typ. 5 8 9.6 5 Max. 10 12 15 15 ns
Test Condition
Unit
VDD=-10V, RL=10, IDS=-1A, VGEN=-4.5V, RG=6
Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd Gate-Drain Charge
7.4 VDS=-10V, VGS=-4.5V, IDS=-0.65A 1.1 1.2
9.6 nC
Gate-Source Charge
Notes: a : Pulse test ; pulse width 300s, duty cycle 2%. b : Guaranteed by design, not subject to production testing.
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
3
www.anpec.com.tw
APM1401S
Typical Characteristics
Power Dissipation
0.40 0.8
Drain Current
0.32
0.24
-ID - Drain Current (A)
0.6
Ptot - Power (W)
0.4
0.16
0.2
0.08
o
0.00
TA=25 C 0 20 40 60 80 100 120 140 160
TA=25 C, VG=4.5V 0.0 0 20 40 60 80 100 120 140 160
o
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area
Normalized Transient Thermal Resistance
5 2 1
Thermal Transient Impedance
n) L
im
it
-ID - Drain Current (A)
ds
1
(o
Duty = 0.5
R
1ms
0.2
10ms
0.1
0.1
0.05
0.1
100ms
1s
o
0.02 0.01 Single Pulse Mounted on 1in pad o RJA : 360 C/W
2
DC
TA=25 C 0.01 0.1
1
10
50
0.01 1E-4 1E-3 0.01
0.1
10
100
-VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
4
www.anpec.com.tw
APM1401S
Typical Characteristics (Cont.)
Output Characteristics
2 .5 V 2 .0 -2 .5 V = -3 th ru -1 0 V GS 0.9 0.8 VGS= -2.5V
Drain-Source On Resistance
RDS(ON) - On - Resistance ()
0.7 0.6 0.5 VGS= -4.5V 0.4 0.3 0.2 0.1 0.0
-ID - Drain Current (A)
1 .5
1 .0
-2 V
0 .5 -1 .5 V 0 .0
0
1
2
3
4
5
0
1
2
3
4
5
-VDS - Drain - Source Voltage (V)
-ID - Drain Current (A)
Transfer Characteristics
2 .5 1.75
Gate Threshold Voltage
IDS = -250A 1.50
2 .0
Normalized Threshold Voltage
-ID - Drain Current (A)
1.25 1.00 0.75 0.50 0.25 0.00 -50 -25
1 .5 T j= 1 2 5 C 1 .0 T j= 2 5 C
o o
T j= - 5 5 C
o
0 .5
0 .0 0 .0 0 .5 1 .0 1 .5 2 .0 2 .5 3 .0 3 .5 4 .0 4 .5
0
25
50
75
100 125 150
-VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
5
www.anpec.com.tw
APM1401S
Typical Characteristics (Cont.)
Drain-Source On Resistance
1.8 VGS = -4.5V 1.6 IDS = -0.8A 1 3
Source-Drain Diode Forward
Normalized On Resistance
-IS - Source Current (A)
1.4 1.2 1.0 0.8 0.6 0.4 -50 -25 RON@Tj = 25C : 370m 0 25 50 75 100 125 150
Tj=150 C
o
0.1
Tj=25 C
o
0.01 0.0
0.4
0.8
1.2
1.6
Tj - Junction Temperature (C)
-VSD - Source - Drain Voltage (V)
Capacitance
250 Frequency=1MHz
5 VDS= -10V IDS= -0.8A
Gate Charge
-VGS - Gate-source Voltage (V)
200
4
C - Capacitance (pF)
150
Ciss
3
100
2
50 Crss 0 0 2 4 6 8
Coss
1
0
10 12 14 16 18 20
0
1
2
3
4
5
6
7
8
9
-VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
6
www.anpec.com.tw
APM1401S
Packaging Information
SC-70
D e1 e
c
L
E1
E
L1 b 0.20 C A1
A2
A
Symbol A A1 A2 b c D E E1 e e1 L L1
Dimens ions In M illim et ers M in. M ax. 0.900 1.100 0.000 0.900 0.200 0.080 2.000 1.150 2.150 0.650T YP 1.200 0.525RE F 0.260 0 0.460 8
7
Dimens ions In Inches M in. M ax. 0.035 0.043 0.000 0.035 0.008 0.003 0.079 0.045 0.085 0.026T YP 0.047 0.021PE F 0.010 0 0.018 8
www.anpec.com.tw
0.100 1.000 0.400 0.150 2.200 1.350 2.450 1.400
0.004 0.039 0.016 0.006 0.087 0.053 0.096 0.055
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
APM1401S
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
TP R am p-up
tp C ritical Zone T L to T P
T e m p e ra tu re
TL T sm ax
tL
T sm in R am p-down ts Preheat
25
t 25 C to Peak
T im e
Classificatin Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (TL) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 8 www.anpec.com.tw
APM1401S
Classificatin Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Tem peratures 3 3 Package Thickness Volum e m m Volum e m m <350 350 <2.5 m m 240 +0/-5C 225 +0/-5C 2.5 m m 225 +0/-5C 225 +0/-5C Table 2. Pb-free Process - Package Classification Reflow Tem peratures 3 3 3 Package Thickness Volum e mm Volum e mm Volum e mm <350 350-2000 >2000 <1.6 m m 260 +0C* 260 +0C* 260 +0C* 1.6 m m - 2.5 m m 260 +0C* 250 +0C* 245 +0C* 2.5 m m 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device m anufacturer/supplier shall assure process com patibility up to and including the stated classification tem perature (this m eans Peak reflow tem perature +0C. For exam ple 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
9
www.anpec.com.tw
APM1401S
Carrier Tape & Reel Dimensions(Cont.)
T2
J C A B
T1
Application
A 1781
B
C
J
T1
14.4 0.4 13.0 + 0.2 1.15 0.1 12. 0.2 D D1 Po P1
W 8.0+ 0.3 2.8 0.2 - 0.1 Ao Bo
T2
P 4 0.1 Ko
E 1.75 0.1 t
SC-70
F
3.5 0.05 1.55 0.05 1.00 +0.25 4.0 0.1 2.0 0.05 2.4 0.1 2.4 0.1 1.19 0.1 0.250.013
Cover Tape Dimensions
Application SC- 70 Carrier Width 8 Cover Tape Width 5.3 Devices Per Reel 3000
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 10 www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM1401S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X