Part Number Hot Search : 
50008 JMB388 HFMD2085 AP230 SDTB6D8Q 00103 60N60 DGB8913
Product Description
Full Text Search
 

To Download AP20P02P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP20P02S/P
Advanced Power Electronics Corp.
Simple Drive Requirement 2.5V Gate Drive Capability Fast Switching G S D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
-20V 52m -18A
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. GD S
TO-263
The TO-263 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters. The through-hole version (AP20P02P) are available for low-profile applications. G
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=100 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
D
TO-220
S Units V V A A A W W/
Rating - 20 12 -18 -14 -50 31.25 0.25 -55 to 150 -55 to 150
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 4.0 62 Unit /W /W
Data and specifications subject to change without notice
200214031
AP20P02S/P
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=-250uA
Min. Typ. Max. Units -20 -0.5 -0.03
52 85 -1 -25 -
V V/ m m V S uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=-4.5V, ID=-8A VGS=-2.5V, ID=-5A
15 13.5 2.1 1.6 12 20 45 27 1050 410 110
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VDS=VGS, ID=-250uA VDS=-10V, ID=-8A VDS=-20V, VGS=0V VDS=-16V, VGS=0V VGS= 12 ID=-8A VDS=-16V VGS=-4.5V VDS=-10V ID=-8A RG=3.3,VGS=-4.5V RD=1.25 VGS=0V VDS=-16V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
100 nA
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS ISM VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=-1.2V
1
Min. Typ. Max. Units -10 -50 -1.2 A A V
Pulsed Source Current ( Body Diode )
Forward On Voltage
2
Tj=25, IS=-10A, VGS=0V
Notes:
1.Pulse width limited by safe operating area. 2.Pulse width <300us , duty cycle <2%.
AP20P02S/P
60
45
T C =25 C
o
-4.5V
T C =150 o C
-4.5V -4.0V
-4.0V -ID , Drain Current (A)
40
-ID , Drain Current (A)
-3.5V
30
-3.5V
-3.0V
-3.0V
20
15
-2.5V
-2.5V
VGS= -2.0V VGS= -2.0V
0 0 2 4 6
0 0 2.5 5 7.5
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
160
2
I D = -8A T C =25
120
1.4
I D = -8A V GS = -4.5V
80
Normalized R DS(ON)
RDS(ON) (m )
0.8
40
0 0 3 6 9 12
0.2 -50 0 50 100 150
-V GS (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
AP20P02S/P
20
40
16 30
-ID , Drain Current (A)
12
PD (W)
8 4 0 25 50 75 100 125 150
20
10
0 0 30 60 90 120 150
T c , Case Temperature ( o C)
T c , Case Temperature ( o C)
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
100
1
Duty Factor = 0.5
100us
Normalized Thermal Response (R thjc)
0.2
0.1 0.1 0.05
-ID (A)
10
1ms
0.02
PDM
t
0.01
T
Single Pulse
10ms T C =25 C Single Pulse
1 0.1 1 10 100
Duty Factor = t/T Peak T j = PDM x Rthjc + TC
100ms DC
0.01 0.00001 0.0001 0.001 0.01 0.1 1
-V DS (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP20P02S/P
f=1.0MHz
8 10000
I D = -8A V DS = -16V -VGS , Gate to Source Voltage (V)
6 1000
Ciss
4
C (pF)
Coss
100 2
Crss
0 0 5 10 15 20
10 1 7 13 19
Q G , Total Gate Charge (nC)
-V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
1.2
0.9 10
-IS(A)
T j =150 o C
T j =25 o C
-VGS(th) (V)
1.4
0.6
1 0.3
0 0.2 0.5 0.8 1.1
0 -50 0 50
o
100
150
-V SD (V)
T j , Junction Temperature ( C)
Fig 11. Forward Characteristic of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
AP20P02S/P
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.5 x RATED VDS
RG
G
10%
S -4.5 V VGS
VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE 0.8 x RATED VDS G S -1~-3mA I ID VGS
QG
D
-4.5V
QGS QGD
G
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP20P02P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X