Part Number Hot Search : 
3045C AT24C SPC56 2SK306 HFMD1685 CG2800 EZ36D 038611
Product Description
Full Text Search
 

To Download AGB3304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AGB3304
50 High IP3 Low Noise Wideband Gain Block
ADVANCED PRODUCT INFORMATION - Rev 0.0
FEATURES
* * * * * * * * * On-chip Active Bias 250-2500 MHz Frequency Range +39 dBm Output IP3 at 850 MHz 5 dB Noise Figure at 850 MHz 18 dB Gain at 850 MHz +22 dBm P1dB SOT-89 Package Single +5 V Supply Case Temperature: -40 to +100 C
APPLICATIONS
* * * * Cellular Base Stations for W-CDMA, CDMA, TDMA, GSM, PCS and CDPD systems Fixed Wireless MMDS/WLL WLAN
S24 Package SOT-89
PRODUCT DESCRIPTION
The AGB3304 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, low noise and low distortion. Active bias circuits on-chip eliminate the need for external resistive feedback. With a high output IP3, low noise figure, and wide band operation, the AGB3304 is ideal for 50 wireless infrastructure applications such as Cellular Base Stations, MMDS, and WLL. Offered in a low cost SOT-89 surface mount package, the AGB3304 requires a single +5 V supply, and typically consumes 0.6 Watts of power.
RF Input
RF Output / Bias Active Bias
Figure 1: Block Diagram
01/2003
AGB3304
GND
4
1
RFIN
2
GND
3
RFOUT
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
PIN 1 2 3 4 NAME RFIN GND RFOUT GND DESCRIPTION RF Input Ground RF Output / Bias Ground
2
ADVANCED PRODUCT INFORMATION - Rev 0.0 01/2003
AGB3304
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
PARAMETER Device Voltage (VCC) RF Input Power (PIN) Storage Temperature (TSTG) Junction Temperature MIN 0 -40 MAX +6 +10 +150 +200 UNIT VD C dB m C C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PARAMETER Operating Frequency (f) Supply Voltage (VSUPPLY) Case Temperature (TC) MIN 250 -40 TYP +5 MAX 2500 +100 UNIT MHz VD C C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications.
ADVANCED PRODUCT INFORMATION - Rev 0.0 01/2003
3
AGB3304 Table 4: Electrical Specifications (TA = +25 C, VSUPPLY = +5 VDC, see Application Circuits (2))
PARAMETER Gain (S21) 850 MHz 1950 MHz 2140 MHz Output IP3
(1)
MIN -
TYP 18 14 13.5 +39 +37 +37 +22 5.2 94 120
MAX -
UNIT dB dB dB dB m dB m dB m dB m dB C/W mA
850 MHz 1950 MHz 2140 MHz Output 1dB Compression (P1dB) Noise Figure 850 MHz Thermal Resistance ( JC) Supply Current
Notes: (1) OIP3 is measured with two tones at 1 MHz spacing at 0 dBm output power per tone. (2) Performance as measured on ANADIGICS test fixture, using the appropriate Application Circuit (see Figures 3 through 5).
+5 VDC
All capacitors are muRata GRM39 series. The 100 nH inductor is a Coilcraft 0603CS series. The 4.7 nH inductor is a Toko LL1608 series.
10 pF
100 pF
0.01 F
100 nH
9 pF RF Input 5.6 pF
0.01 F
AGB3304
0.01 F
4.7 nH RF Output 1.2 pF
0.5 pF
Figure 3: 850 MHz Application Circuit (50 Terminations)
4
ADVANCED PRODUCT INFORMATION - Rev 0.0 01/2003
AGB3304
+5 VDC
All capacitors are muRata GRM39 series. The 100 nH inductor is a Coilcraft 0603CS series. The 6.8 nH inductor is a Toko LL1608 series.
10 pF 100 pF 0.01 F
100 nH
6.8 nH RF Input 1.0 pF
0.01 F
0.01 F AGB3304 RF Output
Figure 4: 1950 MHz Application Circuit (50 Terminations)
+5 VDC
All capacitors are muRata GRM39 series. The 100 nH inductor is a Coilcraft 0603CS series. The 5.6 nH inductor is a Toko LL1608 series.
10 pF 100 pF 0.01 F
100 nH
5.6 nH RF Input 0.5 pF
0.01 F
AGB3304
0.01 F
RF Output
Figure 5: 2140 MHz Application Circuit (50 Terminations)
ADVANCED PRODUCT INFORMATION - Rev 0.0 01/2003
5
AGB3304
PACKAGE OUTLINE
Figure 6: S24 Package Outline - SOT-89
3304 LLLLNN
LLLL= FOUR NUMERIC CHARACTERS
Figure 7: Branding Specification 6
ADVANCED PRODUCT INFORMATION - Rev 0.0 01/2003
AGB3304
NOTES
ADVANCED PRODUCT INFORMATION - Rev 0.0 01/2003
7
AGB3304
ORDERING INFORMATION
PART NUMBER AGB3304S24Q1 TEMPERATURE RANGE -40 to +100C PACKAGE DESCRIPTION SOT-89 Package COMPONENT PACKAGING 1,000 piece Tape and Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
8
ADVANCED PRODUCT INFORMATION - Rev 0.0 01/2003


▲Up To Search▲   

 
Price & Availability of AGB3304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X