Part Number Hot Search : 
DG333ADW IR3892 C51RC20 12F5081 SSM3K124 MJ3040 BT412 PE9631
Product Description
Full Text Search
 

To Download ADXL105EM-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
High Accuracy 1 g to 5 g Single Axis iMEMS(R) Accelerometer with Analog Input ADXL105*
FUNCTIONAL BLOCK DIAGRAM
VDD
FEATURES Monolithic IC Chip 2 mg Resolution 10 kHz Bandwidth Flat Amplitude Response ( 1%) to 5 kHz Low Bias and Sensitivity Drift Low Power 2 mA Output Ratiometric to Supply User Scalable g Range On-Board Temperature Sensor Uncommitted Amplifier Surface Mount Package +2.7 V to +5.25 V Single Supply Operation 1000 g Shock Survival APPLICATIONS Automotive Accurate Tilt Sensing with Fast Response Machine Health and Vibration Measurement Affordable Inertial Sensing of Velocity and Position Seismic Sensing Rotational Acceleration
TOUT
TEMP SENSOR
ADXL105
UNCOMMITTED AMPLIFIER
ST X SENSOR
COM
COM
AOUT
VMID VNIN
VIN
UCAOUT
GENERAL DESCRIPTION
The ADXL105 is a high performance, high accuracy and complete single-axis acceleration measurement system on a single monolithic IC. The ADXL105 offers significantly increased bandwidth and reduced noise versus previously available micromachined devices. The ADXL105 measures acceleration with a full-scale range up to 5 g and produces an analog voltage output. Typical noise floor is 225 gHz allowing signals below 2 mg to be resolved. A 10 kHz wide frequency response enables vibration measurement applications. The product exhibits significant reduction in offset and sensitivity drift over temperature compared to the ADXL05.
The ADXL105 can measure both dynamic accelerations, (typical of vibration) or static accelerations (such as inertial force, gravity or tilt). Output scale factors from 250 mV/g to 1.5 V/g are set using the on-board uncommitted amplifier and external resistors. The device features an on-board temperature sensor with an output of 8 mV/C for optional temperature compensation of offset vs. temperature for high accuracy application. The ADXL105 is available in a hermetic 14-lead surface mount Cerpak with versions specified for the 0C to +70C, and -40C to +85C temperature ranges.
*Patent Pending. iMEMS is a registered trademark of Analog Devices, Inc.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
ADXL105-SPECIFICATIONS unless otherwise noted)
Parameter SENSOR INPUT Measurement Range1 Nonlinearity Alignment Error2 Cross Axis Sensitivity3 SENSITIVITY4 (Ratiometric) Initial vs. Temperature5, 6 ZERO g BIAS LEVEL5 (Ratiometric) Zero g Offset Error vs. Supply vs. Temperature5, 7 NOISE PERFORMANCE Voltage Density7 Noise in 100 Hz Bandwidth FREQUENCY RESPONSE 3 dB Bandwidth Sensor Resonant Frequency TEMP SENSOR4 (Ratiometric) Output Error at +25C Nominal Scale Factor Output Impedance VMID4 (Ratiometric) Output Error Output Impedance SELF-TEST (Proportional to VDD) Voltage Delta at AOUT Input Impedance8 AOUT Output Drive Capacitive Load Drive UNCOMMITTED AMPLIFIER Initial Offset Initial Offset vs. Temperature Common-Mode Range Input Bias Current9 Open Loop Gain Output Drive Capacitive Load Drive POWER SUPPLY Operating Voltage Range Quiescent Supply Current Turn-On Time TEMPERATURE RANGE Operating Range J Specified Performance A From +2.5 V Nominal At AOUT From +2.5 V Nominal Conditions Best Fit Straight Line Z Axis, @ +25C At AOUT VS = 2.7 V
(TA = TMIN to TMAX, TA = +25 C for J Grade Only, VS = +5 V, @ Acceleration = 0 g,
ADXL105J/A Typ 7 0.2 1 1 250 105 0.5
Min 5
Max
Units g % of FS Degrees % mV/g mV/g % mV mV/VDD/V mV g/Hz mg rms kHz kHz
5 275 120
225 80
-625 -20 50
+625 +20
@ +25C
225 2.25 10 13 -100 8 10 12 18
325
+100
mV mV/C k mV k mV k V pF mV V/C V nA V/mV V pF V mA mA s C C
From +2.5 V Nominal
-15 10
+15
Self-Test "0" to "1"
100 30 0.50 1000 -25
500 50 VS - 0.5
I = 50 A
+25 5 4.0 25 100
1.0
I = 100 A
0.25 1000 2.70
VS - 0.25
At 5.0 V At 2.7 V
1.9 1.3 700 0 -40
5.25 2.6 2.0
+70 +85
NOTES 1 Guaranteed by tests of zero g bias, sensitivity and output swing. 2 Alignment of the X axis is with respect to the long edge of the bottom half of the Cerpak package. 3 Cross axis sensitivity is measured with an applied acceleration in the Z axis of the device. 4 This parameter is ratiometric to the supply voltage V DD. Specification is shown with a 5.0 V V DD. To calculate approximate values at another V DD, multiply the specification by VDD/5 V. 5 Specification refers to the maximum change in parameter from its initial value at +25C to its worst case value at TMIN to T MAX. 6 See Figure 3. 7 See Figure 2. 8 CMOS and TTL Compatible. 9 UCA input bias current is tested at final test. All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed. Specifications subject to change without notice.
-2-
REV. A
ADXL105
ABSOLUTE MAXIMUM RATINGS* Package Characteristics
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . .1000 g Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . 500 g +VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7.0 V Output Short Circuit Duration (Any Pin to Common) . . . . . . . . . . . . . . . . . . . . Indefinite Operating Temperature . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . -65C to +150C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Package 14-Lead Cerpak
JA
JC
Device Weight <2 Grams
110C/W
30C/W
ORDERING GUIDE
Model ADXL105JQC ADXL105AQC
Temperature Range 0C to +70C -40C to +85C
Package Option QC-14 QC-14
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADXL105 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Drops onto hard surfaces can cause shocks of greater than 1000 g and exceed the absolute maximum rating of the device. Care should be exercised in handling to avoid damage.
PIN FUNCTION DESCRIPTIONS PIN CONFIGURATION
TOUT 1 NC 2 NC 3 COM 4
14 13 12
Pin No. Name 1 2, 3, 5 4 6 7 8 9 10 11 12 13, 14 TOUT NC COM ST COM AOUT VMID VNIN VIN UCAOUT VDD
Description Temperature Sensor Output No Connect Common Self-Test Common (Substrate) Accelerometer Output VDD/2 Reference Voltage Uncommitted Amp Noninverting Input Uncommitted Amp Inverting Input Uncommitted Amp Output Power Supply Voltage
1 2 3 4 5 6 7 14 13 12 11 10
VDD VDD UCAOUT
VIN TOP VIEW (Not to Scale) 10 VNIN NC 5
11
ADXL105
ST 6 COM
7
9 8
VMID AOUT
NC = NO CONNECT
9 8
AOUT = 2.75V
AOUT = 2.50V
AOUT = 2.25V
Figure 1. ADXL105 Response Due to Gravity
REV. A
-3-
7 6 5 4 3 2 1
10
11
12
13
14
8 9 7 8 6 9 5 10 4 11 3 12 2 13 1 14
ADXL105 -Typical Performance Characteristics
120 90 20 0g OFFSET SHIFT - mV 60 30 0 -30 -60 5 -90 -120 -50 0 50 TEMPERATURE - C 100 0 0.242 0.244 0.246 0.248 0.250 0.252 0.254 0.256 0.258 SENSITIVITY - V/g 25
% OF UNITS
15
10
0.260
Figure 2. Typical 0 g Shift vs. Temperature*
Figure 5. Sensitivity Distribution*
5 4
2.5
2 SENSITIVITY CHANGE - % 3 CURRENT - mA -50 0 50 TEMPERATURE - C 100 1.5
2
1 0
1
0.5 -1
-2
0 2.7 3.3 4 SUPPLY VOLTAGE 5 5.5
Figure 3. Typical Sensitivity Shift vs. Temperature*
Figure 6. Typical Supply Current vs. Supply Voltage
20 18 16 14 12 10 8 6 4 2 0 2.2 2.25 2.3 2.35 2.4 2.45 2.5 2.55 2.6 2.65 2.7 2.75 2.8 OUTPUT - V
18
12
-6
OUTPUT - dB
% OF UNITS
-0
-6
-12
-18 100
1000 10000 FREQUENCY - Hz
100000
Figure 4. 0 g Output Distribution*
Figure 7. Noise Graph
*Data from several characterization lots.
-4-
REV. A
ADXL105
500 450
400
NOISE - g / Hz
350
300 250
200 150 2 3 4 SUPPLY VOLTAGE 5 6
Figure 8. Typical Noise Density vs. Supply Voltage
Figure 11. Typical Self-Test Response at V DD = 5 V
40 35
15
10
30
ADXL105 SOLDERED TO PCB 5
% OF UNITS
OUTPUT - dB
25 20 15 10 5 0 205 210 215 220 225 230 NOISE DENSITY - 235 g / Hz 240 245 250
0
-5 ADXL105 SOLDERED AND GLUED TO PCB -10
-15 1 10 100 1000 FREQUENCY - Hz 10000 100000
Figure 9. Noise Distribution*
Figure 12. Frequency Response
20 18
400 300
16 14 12 10 8 6 4 2 0.375 -0.0125 -0.375 -1.375 -0.875 0.0125 -1.125 -0.625 0.625 0.875 1.125 1.375 0
-200 200
ADXL105 SOLDERED TO PCB
PHASE - Degrees
% OF PARTS
100
0 -100
ADXL105 SOLDERED AND GLUED TO PCB -300 1 10 100 1000 FREQUENCY - Hz 10000 100000
DEGREES OF MISALIGNMENT
Figure 10. Rotational Die Alignment*
Figure 13. Phase Response
*Data from several characterization lots.
REV. A
-5-
ADXL105
THEORY OF OPERATION VMID
The ADXL105 is a complete acceleration measurement system on a single monolithic IC. It contains a polysilicon surfacemicromachined sensor and BiMOS signal conditioning circuitry to implement an open loop acceleration measurement architecture. The ADXL105 is capable of measuring both positive and negative accelerations to a maximum level of 5 g. The accelerometer also measures static acceleration such as gravity, allowing it to be used as a tilt sensor. The sensor is a surface micromachined polysilicon structure built on top of the silicon wafer. Polysilicon springs suspend the structure over the surface of the wafer and provide a resistance against acceleration-induced forces. Deflection of the structure is measured with a differential capacitor structure that consists of two independent fixed plates and a central plate attached to the moving mass. A 180 out-of-phase square wave drives the fixed plates. An acceleration causing the beam to deflect, will unbalance the differential capacitor resulting in an output square wave whose amplitude is proportional to acceleration. Phase sensitive demodulation techniques are then used to rectify the signal and determine the direction of the acceleration.
VMID is nominally VDD/2. It is primarily intended for use as a reference output for the on board uncommitted amplifier (UCA) as shown in Figures 14a and 14b. Its output impedance is approximately 10 k.
+V 0.22 F VDD VDD
TOUT
TEMP SENSOR
ADXL105
UNCOMMITTED AMPLIFIER
ST X SENSOR
COM
COM
AOUT
VMID R1
VNIN VIN R2
UCAOUT
OUTPUT GAIN SCALE - mV/g 250 500 750 1000 R1 50k 50k 50k 50k R2 50k 100k 150k 200k
An uncommitted amplifier is supplied for setting the output scale factor, filtering and other analog signal processing. A ratiometric voltage output temperature sensor measures the exact die temperature and can be used for optional calibration of the accelerometer over temperature.
VDD
+V
1 2 3 4
a. Using the UCA to Change the Scale Factor
The ADXL105 has two power supply (VDD) pins, 13 and 14. The two pins should be connected directly together. The output of the ADXL105 is ratiometric to the power supply. Therefore a 0.22 F decoupling capacitor between VDD and COM is required to reduce power supply noise. To further reduce noise, insert a resistor (and/or a ferrite bead) in series with the VDD pin. See the EMC and Electrical Noise section for more details.
COM
0.22 F
VDD
VDD
TOUT
TEMP SENSOR
ADXL105
UNCOMMITTED AMPLIFIER
ST X SENSOR
The ADXL105 has two common (COM) pins, 4 and 7. These two pins should be connected directly together and Pin 7 grounded.
ST
COM
COM
AOUT
VMID R1 +V
VNIN VIN R2
UCAOUT
OUTPUT
The ST pin (Pin 6) controls the self-test feature. When this pin is set to VDD , an electrostatic force is exerted on the beam of the accelerometer causing the beam to move. The change in output resulting from movement of the beam allows the user to test for mechanical and electrical functionality. This pin may be left open-circuit or connected to common in normal use. The selftest input is CMOS and TTL compatible.
AOUT
R3 10k (250) R2 SCALE = R1 mV/g R3 = 5R1 R1 > 20k
b. Using the UCA to Change the Scale Factor and Zero g Bias Figure 14. Application Circuit for Increasing Scale Factor
T OUT
The accelerometer output (Pin 8) is set to a nominal scale factor of 250 mV/g (for VDD = 5 V). Note that AOUT is guaranteed to source/sink a minimum of 50 A (approximately 50 k output impedance). So a buffer may be required between AOUT and some A-to-D converter inputs.
The temperature sensor output is nominally 2.5 V at +25C and typically changes 8 mV/C, and is optimized for repeatability rather than accuracy. The output is ratiometric with supply voltage.
Uncommitted Amplifier (UCA)
The uncommitted amplifier has a low noise, low drift bipolar front end design. The UCA can be used to change the scale factor of the ADXL105 as shown in Figure 14. The UCA may also be used to add a 1- or 2-pole active filter as shown in Figures 15a through 15d.
-6-
REV. A
ADXL105
Output Scaling
The acceleration output (AOUT) of the ADXL105 is nominally 250 mV/g. This scale factor may not be appropriate for all applications. The UCA may be used to increase the scale factor. The simplest implementation would be as shown in Figure 14a. Since the 0 g offset of the ADXL105 is 2.5 V 625 mV, using a gain of greater than 4 could result in having the UCA output at 0 V or 5 V at 0 g. The solution is to add R3 and VR1, as shown in Figure 14b, turning the UCA into a summing amplifier. VR1 is adjusted such that the UCA output is VDD/2 at 0 g.
C R2 IN OUT VMID R1
So given a bandwidth of 1000 Hz, the typical rms noise floor of an ADLX105 will be: Noise = (225 g/Hz) x (1000 x 1.6) = 9 mg rms for a single-pole filter and Noise = (225 g/Hz) x (1000 x 1.4) = 8.4 mg rms for 2-pole filter Often the peak value of the noise is desired. Peak-to-peak noise can only be estimated by statistical means. Table I may be used for estimating the probabilities of exceeding various peak values given the rms value. The peak-to-peak noise value will give the best estimate of the uncertainty in a single measurement.
Table I. Estimation of Peak-to-Peak Noise
f-3dB =
1 2 CR1
GAIN = - R1 R2
a. 1-Pole Low-Pass Filter
0.22 F
Nominal Peak-toPeak Value 2 x rms 3 x rms 4 x rms 5 x rms 6 x rms 7 x rms 8 x rms
% of Time that Noise Will Exceed Peak-to-Peak Value 32% 13% 4.6% 1.2% 0.27% 0.047% 0.0063%
20k IN
20k 0.18 F VMID OUT
f-3dB = 30Hz
b. 2-Pole Bessel Low-Pass Filter
R1
f-3dB =
C IN R3 OUT VMID R2
1 2 CR2
The UCA may be configured to act as an active filter with gain and 0 g offset control as shown in Figure 16.
0.1 F VDD 10k 47k 100k
GAIN = - R1 R2 R3 ~ 2.5 R1 ~
VMID
c. 1-Pole High-Pass Filter
44.2k IN 0.39 F IN 59k VMID OUT 0.39 F 47k
OUT 47k 0.1 F GAIN = 2 f-3dB = 30Hz
f-3dB = 10Hz
Figure 16. UCA Configured as an Active Low-Pass Filter with Gain and Offset
EMC and Electrical Noise
d. 2-Pole Bessel High-Pass Filter Figure 15. UCA Used as Active Filters*
Device Bandwidth vs. Resolution
In general the bandwidth selected will determine the noise floor and hence, the measurement resolution (smallest detectable acceleration) of the ADXL105. Since the noise of the ADXL105 has the characteristic of white Gaussian noise that contributes equally at all frequencies, the noise amplitude may be reduced by simply reducing the bandwidth. So the typical noise of the ADXL105 is: Noise (rms) = (225 g/Hz) x (Bandwidth x K) Where K 1.6 for a single-pole filter K 1.4 for a 2-pole filter
The design of the ADXL105 is such that EMI or magnetic fields do not normally affect it. Since the ADXL105 is ratiometric, conducted electrical noise on VDD does affect the output. This is particularly true for noise at the ADXL105's internal clock frequency (200 kHz) and its odd harmonics. So maintaining a clean supply voltage is key in preserving the low noise and high resolution properties of the ADXL105. One way to ensure that VDD contains no high frequency noise is to add an R-C low-pass filter near the VDD pin as shown in Figure 17. Using the component values shown in Figure 17, noise at 200 kHz is attenuated by approximately -23 dB. Assuming the ADXL105 consumes 2 mA, there will be a 100 mV drop across R1. This can be neglected simply by using the ADXL105's VDD as the A-to-D converter's reference voltage as shown in Figure 17.
*For other corner frequencies, consult an active filter handbook.
REV. A
-7-
ADXL105
50 +V VDD 0.22 F TOUT TEMP SENSOR VDD
ADXL105
UNCOMMITTED AMPLIFIER VREF DOUT
5 kHz where it gently rolls off (see Figure 7). The beam resonance at 16 kHz can be seen in Figure 7 where there is a small noise peak (+5 dB) at the beam's resonant frequency. There are no other significant noise peaks at any frequency.
AIN COM
ST X SENSOR COM COM AOUT VMID VNIN VIN UCAOUT
A-TO-D CONVERTER
Figure 17. Reducing Noise on VDD
Dynamic Operation
In applications where only dynamic accelerations (vibration) are of interest, it is often best to ac-couple the accelerometer output as shown in Figures 15c and 15d. The advantage of ac coupling is that 0g offset variability (part to part) and drifts are eliminated.
Low Power Operation
The resonant frequency of the beam in the ADXL105 determines its high frequency limit. However the resonant frequency of the Cerpak package is typically around 7 kHz. As a result, it is not unusual to see 6 dB peaks occurring at the package resonant frequency (as shown in Figures 12 and 13). Indeed, the PCB will often have one or more resonant peaks well below 7 kHz. Therefore, if the application calls for accurate operation at or above 6 kHz the ADXL105 should be glued to the PCB in order to eliminate the amplitude response peak due to the package, and careful consideration should be given to the PCB mechanical design.
CALIBRATING THE ADXL105
The most straightforward method of lowering the ADXL105's power consumption is to minimize its supply voltage. By lowering VDD from 5 V to 2.7 V the power consumption goes from 9.5 mW to 3.5 mW. There may be reasons why lowering the supply voltage is impractical in many applications, in which case the best way to minimize power consumption is by power cycling. The ADXL105 is capable of turning on and giving an accurate reading within 700 s (see Figure 18). Most microcontrollers can perform an A-to-D conversion in under 25 s. So it is practical to turn on the ADXL105 and take a reading in under 750 s. Given a 100 Hz sample rate the average current required at 2.7 V would be: 100 samples/s x 750 s x 1.3 mA = 97.5 A
The initial value of the offset and scale factor for the ADXL105 will require dc calibration for applications such as tilt measurement. For low g applications, the force of gravity is the most stable, accurate and convenient acceleration reference available. An approximate reading of the 0 g point can be determined by orienting the device parallel to the Earth's surface and then reading the output. For high accuracy, a calibrated fixture must be used to ensure exact 90 degree orientation to the 1 g gravity signal. An accurate sensitivity calibration method is to make a measurement at +1 g and -1 g. The sensitivity can be determined by the two measurements. This method has the advantage of being less sensitive to the alignment of the accelerometer because the on axis signal is proportional to the Cosine of the angle. For example, a 5 error in the orientation results in only a 0.4% error in the measurement. To calibrate, the accelerometer measurement axis is pointed directly at the Earth. The 1 g reading is saved and the sensor is turned 180 to measure -1 g. Using the two readings and sensitivity is calculated: Sensitivity = [1 g Reading - (-1 g Reading)]/2 V/g
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm). PRINTED IN U.S.A.
0.345 (8.763) 0.290 (7.366) 0.190 (4.826) 0.140 (3.556) 0.050 0.020 (0.508) (1.27) 0.013 (0.330) BSC SEATING 0.0125 (0.318) PLANE 0.009 (0.229) 8 0 0.050 (1.270) 0.016 (0.406)
14-Lead Cerpak (QC-14)
Figure 18. Typical Turn-On Response at VDD = 5 V
Note that if a filter is used in the UCA, sufficient time must be allowed for the settling of the filter as well.
Broadband Operation
0.415 (10.541) MAX
14 8
0.310 (7.874) 0.275 (6.985)
1 7
0.419 (10.643) 0.394 (10.008)
The ADXL105 has a number of characteristics that permits operation over a wide frequency range. Its frequency and phase response is essentially flat from dc to 10 kHz (see Figures 12 and 13). Its sensitivity is also constant over temperature (see Figure 3). In contrast, most accelerometers do not have linear response at low frequencies (in many cases, no response at very low frequencies or dc), and often have a large sensitivity temperature coefficient that must be compensated for. In addition, the ADXL105's noise floor is essentially flat from dc to -8-
PIN 1 0.170 (4.318) 0.135 (3.429) 0.020 (0.508) 0.004 (0.102)
0.300 (7.62)
REV. A
C3549a-1-9/99
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of ADXL105EM-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X