Part Number Hot Search : 
BD242 M25V10 25600 855377 15AC44 33975A RF160 C5832
Product Description
Full Text Search
 

To Download ACS521MS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACS521MS
January 1996
Radiation Hardened 8-Bit Magnitude Comparator
Pinouts
20 PIN CERAMIC DUAL-IN-LINE MIL-STD-1835 DESIGNATOR CDIP2-T20, LEAD FINISH C TOP VIEW
GB 1 A0 2 B0 3 A1 4 B1 5 A2 6 B2 7 A3 8 B3 9 20 VCC 19 YB 18 B7 17 A7 16 B6 15 A6 14 B5 13 A5 12 B4 11 A4
Features
* Devices QML Qualified in Accordance with MIL-PRF-38535 * Detailed Electrical and Screening Requirements are Contained in SMD# 5962-96709 and Intersil' QM Plan * 1.25 Micron Radiation Hardened SOS CMOS * Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si) * Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day (Typ) * SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg * Dose Rate Upset . . . . . . . . . . . . . . . . >10
11
RAD (Si)/s, 20ns Pulse
* Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse * Latch-Up Free Under Any Conditions * Military Temperature Range . . . . . . . . . . . . . . . . . . -55
oC
to
+125oC
GND 10
* Significant Power Reduction Compared to ALSTTL Logic * DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V * Input Logic Levels - VIL = 30% of VCC Max - VIH = 70% of VCC Min * Input Current 1A at VOL, VOH * Fast Propagation Delay . . . . . . . . . . . . . . . . 15ns (Max), 10ns (Typ)
20 PIN CERAMIC FLATPACK MIL-STD-1835 DESIGNATOR CDFP4-F20, LEAD FINISH C TOP VIEW
GB A0 B0 A1 B1 A2 B2 A3 B3 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC YB B7 A7 B6 A6 B5 A5 B4 A4
Description
The Intersil ACS521MS is a Radiation Hardened 8 bit magnitude comparator device. It provides a low output YB when Word A equals word B and input GB is low. All other input states cause a high output. The ACS521MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family. The ACS521MS is supplied in a 20 lead Ceramic Flatpack (K suffix) or a Ceramic Dual-In-Line Package (D suffix).
Ordering Information
PART NUMBER 5962F9670901VRC 5962F9670901VXC ACS521D/Sample ACS521K/Sample ACS521HMSR TEMPERATURE RANGE -55oC to +125oC -55oC to +125oC 25oC 25oC 25oC SCREENING LEVEL MIL-PRF-38535 Class V MIL-PRF-38535 Class V Sample Sample Die PACKAGE 20 Lead SBDIP 20 Lead Ceramic Flatpack 20 Lead SBDIP 20 Lead Ceramic Flatpack Die
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
Spec Number File Number
1
518821 3111.1
ACS521MS Functional Diagram
A B
8 8 +
GB 8
1 +
1
YB
TRUTH TABLE INPUTS GB 0 0 1 X A A= A B B X B OUTPUT YB L H H
NOTE: L = Low, H = High, X = Don't Care
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Spec Number 2
518821
ACS521MS Die Characteristics
DIE DIMENSIONS: 102mils x 102mils 2,600mm x 2,600mm METALLIZATION: Type: AlSi Metal 1 Thickness: 7.125kA 1.125kA Metal 2 Thickness: 9kA 1kA GLASSIVATION: Type: SiO2 Thickness: 8kA 1kA WORST CASE CURRENT DENSITY: <2.0 x 105 A/cm2 BOND PAD SIZE: > 4.3mils x 4.3mils > 110m x 110m
Metallization Mask Layout
ACS521MS
(20) VCC
(19) YB
(18) B7
(1) GB
(2) A0
3) B0
A1 (4)
(17) A7
B1 (5)
(16) B6
NC
NC
NC
NC (15) A6
A2 (6)
B2 (7)
(14) B5
A4 (11)
B4 (12)
GND (10)
A5 (13)
A3 (8)
B3 (9)
Spec Number 3
518821


▲Up To Search▲   

 
Price & Availability of ACS521MS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X